Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT5812A Datasheet(PDF) 3 Page - Texas Instruments

Part # PT5812A
Description  20-A 3.3-V Input Adjustable Integrated Switching Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT5812A Datasheet(HTML) 3 Page - Texas Instruments

  PT5812A Datasheet HTML 1Page - Texas Instruments PT5812A Datasheet HTML 2Page - Texas Instruments PT5812A Datasheet HTML 3Page - Texas Instruments PT5812A Datasheet HTML 4Page - Texas Instruments PT5812A Datasheet HTML 5Page - Texas Instruments PT5812A Datasheet HTML 6Page - Texas Instruments PT5812A Datasheet HTML 7Page - Texas Instruments PT5812A Datasheet HTML 8Page - Texas Instruments PT5812A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
Note A:
Characteristic data has been developed from actual products tested at 25 °C. This data is considered typical data for the ISR.
Note B:
SOA curves represent operating conditions at which internal components are at or below manufacturer’s maximum rated operating temperatures.
Efficiency vs Output Current
Power Dissipation vs Output Current
Performance Data; Vin =3.3 V (See Note A)
Output Ripple vs Output Current
PT5810 Series
20-A 3.3-V Input Adjustable
Integrated Switching Regulator
Pin Descriptions
Vin:
The positive supply voltage input for the module
with respect to the common ground (GND).
Vout:
This is the regulated output voltage from the mod-
ule with respect to the common ground (GND).
GND:
The common node to which the input, output, and
external control signals are referenced.
Sense(–):
Provides the regulator with the ability to sense
the set-point voltage directly across the load. For optimum
output voltage accuracy this pin should always be con-
nected to GND, even for applications that demand a
relatively light load.
Sense(+):
When used with Sense(–), the regulation circuitry
will compensate for voltage drop between the converter
and the load. The pin may be left open circuit, but con-
necting it to Vout will optimize load regulation.
Inhibit*:
This is an open-collector (open-drain) negative
logic input that is referenced to GND. Pulling this pin to
GND disables the module’s output voltage. If Inhibit* is
left open-circuit, the output will be active whenever a
valid input source is applied.
Vo Adjust:
This pin is used to trim the output voltage to a
value within the range of ±10 % of nominal. The adjust-
ment method uses an external resistor. The resistor is
connected from Vo Adjust to either the (-)Sense or (+)Sense,
in order to adjust the output up or down, respectively.
Margin Dn*:
When this open-collector (open-drain) input
is asserted to GND, the output voltage is automatically
decreased by 5 % from the nominal. This feature is used
in applications where the load circuit must be tested for
operation at the extreme values of its supply voltage
tolerance.
Margin Up*:
This is an open-collector (open-drain) input.
When this is asserted to GND, the output voltage is
automatically increased by 5 % from the nominal.
Typical Characteristics
Safe Operating Curves; Vin =3.3 V (See Note B)
SLTS174 - JANUARY 2003 - REVISED APRIL 2003
50
60
70
80
90
100
0
4
8
121620
Iout - Amps
PT5812
PT5813
PT5814
PT5815
PT5816
0
1
2
3
4
5
6
04
8
12
16
20
Iout - Amps
20
30
40
50
60
70
80
90
0
4
8
12
16
20
Iout (A)
200LFM
120LFM
60LFM
Nat Conv
Airflow
0
10
20
30
40
50
60
0
5
10
15
20
Iout - Amps
PT5814
PT5812
PT5813
PT5816
PT5815


Similar Part No. - PT5812A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT5812 TI1-PT5812 Datasheet
212Kb / 11P
[Old version datasheet]   20 A Output Current
More results

Similar Description - PT5812A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6470 TI-PT6470 Datasheet
289Kb / 14P
[Old version datasheet]   14-A 3.3-V Input Adjustable Integrated Switching Regulator
PT6447 TI1-PT6447 Datasheet
172Kb / 8P
[Old version datasheet]   6-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT5520 TI1-PT5520 Datasheet
185Kb / 9P
[Old version datasheet]   1.5-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT5502 TI-PT5502 Datasheet
174Kb / 2P
[Old version datasheet]   3-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT6440 TI-PT6440 Datasheet
178Kb / 8P
[Old version datasheet]   6-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT5521 TI-PT5521 Datasheet
164Kb / 7P
[Old version datasheet]   1.5-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PTH04070W TI-PTH04070W_07 Datasheet
436Kb / 16P
[Old version datasheet]   3-A, 3.3/5-V INPUT ADJUSTABLE SWITCHING REGULATOR
PTH04070W TI-PTH04070W_15 Datasheet
380Kb / 17P
[Old version datasheet]   3-A, 3.3/5-V INPUT ADJUSTABLE SWITCHING REGULATOR
PTH04000W TI-PTH04000W Datasheet
1Mb / 20P
[Old version datasheet]   3-A, 3.3/5-V INPUT, ADJUSTABLE SWITCHING REGULATOR
PTH04070W TI-PTH04070W Datasheet
402Kb / 15P
[Old version datasheet]   3-A, 3.3/5-V INPUT ADJUSTABLE SWITCHING REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com