Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT5814N Datasheet(PDF) 5 Page - Texas Instruments

Part # PT5814N
Description  20-A 3.3-V Input Adjustable Integrated Switching Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT5814N Datasheet(HTML) 5 Page - Texas Instruments

  PT5814N Datasheet HTML 1Page - Texas Instruments PT5814N Datasheet HTML 2Page - Texas Instruments PT5814N Datasheet HTML 3Page - Texas Instruments PT5814N Datasheet HTML 4Page - Texas Instruments PT5814N Datasheet HTML 5Page - Texas Instruments PT5814N Datasheet HTML 6Page - Texas Instruments PT5814N Datasheet HTML 7Page - Texas Instruments PT5814N Datasheet HTML 8Page - Texas Instruments PT5814N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
Application Notes
Startup of the PT5800 & PT5810 Series ISRs
with Back-Feeding Source (Pre-Bias Capability)
In complex digital systems an external voltage can
sometimes be present at the output of the regulator
during power up. For example, this voltage may be
backfed through a dual-supply logic component such as
an FPGA or ASIC. Another path might be via a clamp
diode (to a lower supply voltage) as part of a power-up
sequencing implementation.
Although the PT5800 (5-V input) and PT5810 (3.3-V
input) series of regulators will sink current under steady-
state operating conditions, they will not do so during
startup 1 as long as certain conditions are maintained 2.
This feature allows these regulators to start up while an
external voltage is simultaneously applied to the output.
Figure 2-1 is an application schematic that demonstrates
this capability. The waveforms in Figure 2-2 show the
behavior of the circuit as input power is applied. Note
that the plot of the regulator output current (Io) is approxi-
mately zero up to the timestamp ‘A’, even though a voltage
is initially backfed to the output via the 3.3-V input supply
and diodes D1 & D2. The regulator sources current 3 when
it begins raising the output above the back-fed voltage to
its nominal regulation value.
Notes
1. Startup includes both the application of a valid input
source voltage, or the removal of a ground signal from
the Inhibit* control (pin 2) with a valid input source
applied. The output of the regulator is effectively off
(tri-state), during the period that the Inhibit* control is
held low.
Vin (1V/Div)
Vo (1V/Div)
Io (5A/Div)
HORIZ SCALE 5ms/Div
A
Figure 2-2; Power-up Waveforms with Back-Feeding Source
Figure 2-1; Schematic Demonstrating Startup into Pre-Bias Capability
PT5812
14–17
9–13
5–7
V
IN
V
OUT
GND
C
out
C
IN
(3.3 VDC)
COM
COM
V
IN
V
O (2.5 V)
8
18
Sense(+)
Sense(–)
D
2
I
o
D
1
2. To ensure that the regulator does not sink current, the
input voltage must always be greater or equal to the
output voltage throughout the power-up and power-down
sequence.
3. If an external source backfeeding the regulator’s output
is greater than the nominal regulation voltage, the output
will begin sinking current at the end of its soft-start
power-up sequence. If this current exceeds the rated
output, the module could be overstressed.
PT5800 & PT5810 Series


Similar Part No. - PT5814N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT5814 TI1-PT5814 Datasheet
212Kb / 11P
[Old version datasheet]   20 A Output Current
More results

Similar Description - PT5814N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6470 TI-PT6470 Datasheet
289Kb / 14P
[Old version datasheet]   14-A 3.3-V Input Adjustable Integrated Switching Regulator
PT6447 TI1-PT6447 Datasheet
172Kb / 8P
[Old version datasheet]   6-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT5520 TI1-PT5520 Datasheet
185Kb / 9P
[Old version datasheet]   1.5-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT5502 TI-PT5502 Datasheet
174Kb / 2P
[Old version datasheet]   3-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT6440 TI-PT6440 Datasheet
178Kb / 8P
[Old version datasheet]   6-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT5521 TI-PT5521 Datasheet
164Kb / 7P
[Old version datasheet]   1.5-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PTH04070W TI-PTH04070W_07 Datasheet
436Kb / 16P
[Old version datasheet]   3-A, 3.3/5-V INPUT ADJUSTABLE SWITCHING REGULATOR
PTH04070W TI-PTH04070W_15 Datasheet
380Kb / 17P
[Old version datasheet]   3-A, 3.3/5-V INPUT ADJUSTABLE SWITCHING REGULATOR
PTH04000W TI-PTH04000W Datasheet
1Mb / 20P
[Old version datasheet]   3-A, 3.3/5-V INPUT, ADJUSTABLE SWITCHING REGULATOR
PTH04070W TI-PTH04070W Datasheet
402Kb / 15P
[Old version datasheet]   3-A, 3.3/5-V INPUT ADJUSTABLE SWITCHING REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com