Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJM2777V Datasheet(PDF) 8 Page - New Japan Radio

Part # NJM2777V
Description  Headphone Amplifier with Electronic Volume
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2777V Datasheet(HTML) 8 Page - New Japan Radio

Back Button NJM2777V Datasheet HTML 4Page - New Japan Radio NJM2777V Datasheet HTML 5Page - New Japan Radio NJM2777V Datasheet HTML 6Page - New Japan Radio NJM2777V Datasheet HTML 7Page - New Japan Radio NJM2777V Datasheet HTML 8Page - New Japan Radio NJM2777V Datasheet HTML 9Page - New Japan Radio NJM2777V Datasheet HTML 10Page - New Japan Radio NJM2777V Datasheet HTML 11Page - New Japan Radio NJM2777V Datasheet HTML 12Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
NJM2777
– 8 –
TEST CIRCUIT 6 (MUTE)
0.47µF
10µF
100µF
Input A
Output A
CNT A
Input B
Output B
CNT B
10µF
0.47µF
100µF
1µF
1µF
100Ω
VCNTB
100Ω
V+
VOL
7
CAPb
6
Mute
5
INb
4
CNTb
3
OUTb
2
N.C.
1
V+
8
CAPa
9
Vref
10
INa
11
CNTa
12
OUTa
13
N.C.
14
GND
VOL
Bias
[MUTE]
BPF:1KHz
[MUTE]
BPF:1KHz


Similar Part No. - NJM2777V

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2770 NJRC-NJM2770 Datasheet
44Kb / 4P
   HIGH-POWER & LOW-VOLTAGE AUDIO POWER AMPLIFIER
NJM2772 NJRC-NJM2772 Datasheet
55Kb / 4P
   LOW-VOLTAGE HEADPHONE AMPLIFIER for PORTABLE-AUDIO
NJM2772V NJRC-NJM2772V Datasheet
55Kb / 4P
   LOW-VOLTAGE HEADPHONE AMPLIFIER for PORTABLE-AUDIO
NJM2772V-TE1 NJRC-NJM2772V-TE1 Datasheet
59Kb / 4P
   LOW-VOLTAGE HEADPHONE AMPLIFIER for PORTABLE-AUDIO
NJM2775A NJRC-NJM2775A Datasheet
24Kb / 3P
   PRE&HI-POWER AMPLIFIER with ALC for PORTABLE TAPE RECORDER
More results

Similar Description - NJM2777V

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW1109 NJRC-NJW1109 Datasheet
180Kb / 14P
   Headphone Amplifier with Electronic Volume
logo
National Semiconductor ...
LM4811 NSC-LM4811 Datasheet
727Kb / 18P
   Dual 105mW Headphone Amplifier with Digital Volume
logo
Unisonic Technologies
LM4811 UTC-LM4811_15 Datasheet
199Kb / 9P
   DUAL 105mW HEADPHONE AMPLIFIER WITH DIGITAL VOLUME CONTROL
logo
Texas Instruments
LM48824 TI1-LM48824 Datasheet
1Mb / 29P
[Old version datasheet]   Class G Headphone Amplifier with I2C Volume Control
logo
National Semiconductor ...
LM48824 NSC-LM48824 Datasheet
1Mb / 28P
   Class G Headphone Amplifier with I2C Volume Control
logo
Shenzhenshi YONGFUKANG ...
CP4811 YONGFUKANG-CP4811 Datasheet
202Kb / 7P
   Digital volume control stereo headphone amplifier
logo
Maxim Integrated Produc...
MAX9726 MAXIM-MAX9726 Datasheet
525Kb / 26P
   DirectDrive, Headphone Amplifier with BassMax, I2C, Volume and Gain Control
Rev 0; 9/06
MAX9729 MAXIM-MAX9729 Datasheet
479Kb / 28P
   Stereo Headphone Amplifier with BassMax, Volume Control, and Input Mux
Rev 0; 7/07
logo
TEXAS ADVANCED OPTOELEC...
TPA6130A2 TAOS-TPA6130A2 Datasheet
1Mb / 28P
   138-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
logo
Maxim Integrated Produc...
MAX9723 MAXIM-MAX9723 Datasheet
1Mb / 23P
   Stereo DirectDrive Headphone Amplifier with BassMax, Volume Control, and I2C
Rev 1; 11/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com