Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMX2336USLBX Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2336USLBX
Description  PLLatinum Ultra Low Power Dual Frequency Synthesizer for RF Personal Communications
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2336USLBX Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LMX2336USLBX Datasheet HTML 1Page - National Semiconductor (TI) LMX2336USLBX Datasheet HTML 2Page - National Semiconductor (TI) LMX2336USLBX Datasheet HTML 3Page - National Semiconductor (TI) LMX2336USLBX Datasheet HTML 4Page - National Semiconductor (TI) LMX2336USLBX Datasheet HTML 5Page - National Semiconductor (TI) LMX2336USLBX Datasheet HTML 6Page - National Semiconductor (TI) LMX2336USLBX Datasheet HTML 7Page - National Semiconductor (TI) LMX2336USLBX Datasheet HTML 8Page - National Semiconductor (TI) LMX2336USLBX Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
Pin Descriptions (Continued)
Pin
Name
Pin No.
LMX2336U
20-Pin
UTCSP
Pin No.
LMX2336U
20-Pin
TSSOP
Pin No.
LMX2336U
24-Pin
CSP
Pin No.
LMX2335U
16-Pin
TSSOP
Pin No.
LMX2335U
16-Pin
CSP
I/O
Description
GND
13
14
16
X
X
LMX2335U: Don’t care.
LMX2336U: Ground for the RF2 PLL analog
circuitry.
f
IN RF2
14
15
17
X
X
I
LMX2335U: Don’t care.
LMX2336U: RF2 PLL prescaler complementary
input. For single ended operation, this pin should
be AC grounded. The LMX2336U RF2 PLL can
be driven differentially when the bypass
capacitor is omitted.
f
IN RF2
15
16
18
12
11
I
RF2 PLL prescaler input. Small signal input from
the VCO.
GND
16
17
19
13
12
LMX2335U: Ground for the RF2 PLL analog and
digital circuits, MICROWIRE, F
oLD and oscillator
circuits. LMX2336U: Ground for the RF2 PLL
digital circuitry, MICROWIRE, F
oLD and
oscillator circuits.
D
o
RF2
17
18
20
14
13
O
RF2 PLL charge pump output. The output is
connected to the external loop filter, which drives
the input of the VCO.
V
P
RF2
18
19
22
15
14
RF2 PLL charge pump power supply. Must be
V
CC.
V
CC
19
20
23
16
15
Power supply bias for the RF2 PLL analog and
digital circuits, MICROWIRE, F
oLD and oscillator
circuits. V
CC may range from 2.7V to 5.5V.
Bypass capacitors should be placed as close as
possible to this pin and be connected directly to
the ground plane.
NC
X
X
1, 9, 13,
21
X
X
LMX2335U: Don’t Care.
LMX2336U: No connect.
www.national.com
5


Similar Part No. - LMX2336USLBX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX2336 NSC-LMX2336 Datasheet
393Kb / 18P
   PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
LMX2336 NSC-LMX2336 Datasheet
542Kb / 22P
   PLLatinum??Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2336L NSC-LMX2336L Datasheet
542Kb / 22P
   PLLatinum??Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2336LSLB NSC-LMX2336LSLB Datasheet
542Kb / 22P
   PLLatinum??Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2336LTM NSC-LMX2336LTM Datasheet
542Kb / 22P
   PLLatinum??Low Power Dual Frequency Synthesizer for RF Personal Communications
More results

Similar Description - LMX2336USLBX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX2377U NSC-LMX2377U Datasheet
3Mb / 44P
   PLLatinum??Ultra Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2332U NSC-LMX2332U Datasheet
3Mb / 42P
   PLLatinum Ultra Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2335L NSC-LMX2335L Datasheet
542Kb / 22P
   PLLatinum??Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2330L NSC-LMX2330L Datasheet
496Kb / 21P
   PLLatinum??Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2335 NSC-LMX2335 Datasheet
393Kb / 18P
   PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
LMX2330A NSC-LMX2330A Datasheet
392Kb / 17P
   PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
LMX2310U NSC-LMX2310U Datasheet
662Kb / 29P
   PLLatinum??Ultra Low Power Frequency Synthesizer for RF Personal Communications
LMX2306 NSC-LMX2306_04 Datasheet
338Kb / 19P
   PLLatinum??Low Power Frequency Synthesizer for RF Personal Communications
logo
Texas Instruments
LMX2326TM TI1-LMX2326TM Datasheet
548Kb / 19P
[Old version datasheet]   PLLatinum Low Power Frequency Synthesizer for RF Personal Communications
logo
National Semiconductor ...
LMX2346 NSC-LMX2346 Datasheet
606Kb / 27P
   PLLatinum??Frequency Synthesizer for RF Personal Communications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com