Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L-7113NT Datasheet(PDF) 2 Page - Kingbright Corporation

Part # L-7113NT
Description  T-13 (5 mm) ROUND LED LAM
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

L-7113NT Datasheet(HTML) 2 Page - Kingbright Corporation

  L-7113NT Datasheet HTML 1Page - Kingbright Corporation L-7113NT Datasheet HTML 2Page - Kingbright Corporation L-7113NT Datasheet HTML 3Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SPEC NO: DSAD0452
REV NO: V.1
DATE:FEB/23/2003
PAGE: 2 OF 3
APPROVED: J.LU
CHECKED: Allen Liu
DRAWN:D.L.HUANG
Selection Guide
Note:
1. θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
Absolute Maximum Ratings at T)=25°°°°°C
Notes:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
2. 2mm below package base.
Electrical / Optical Characteristics at T)=25°°°°°C
.
o
N
t
r
a
P.
o
N
t
r
a
P
.
o
N
t
r
a
P
.
o
N
t
r
a
P.
o
N
t
r
a
Pe
c
i
De
c
i
D e
c
i
D e
c
i
De
c
i
De
p
y
T
s
n
e
Le
p
y
T
s
n
e
L
e
p
y
T
s
n
e
L
e
p
y
T
s
n
e
Le
p
y
T
s
n
e
L
)
d
c
m
(
v
I)
d
c
m
(
v
I
)
d
c
m
(
v
I
)
d
c
m
(
v
I)
d
c
m
(
v
I
A
m
0
1
@
g
n
i
w
e
i
Vg
n
i
w
e
i
V
g
n
i
w
e
i
V
g
n
i
w
e
i
Vg
n
i
w
e
i
V
e
l
g
n
A
.
n
i
M.
n
i
M .
n
i
M .
n
i
M.
n
i
M.
p
y
T.
p
y
T .
p
y
T .
p
y
T.
p
y
T
2
/
1
θ
22
/
1
θ
2 2
/
1
θ
2 2
/
1
θ
22
/
1
θ
2
T
N
3
1
1
7
-
L)
P
a
G
/
P
s
A
a
G
(
E
G
N
A
R
O
E
R
U
PT
N
E
R
A
P
S
N
A
R
T
E
G
N
A
R
O0
40
0
2
l
o
b
m
y
Sl
o
b
m
y
S
l
o
b
m
y
S
l
o
b
m
y
Sl
o
b
m
y
Sr
e
t
e
m
a
r
a
Pr
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
Pr
e
t
e
m
a
r
a
Pe
c
i
v
e
De
c
i
v
e
D
e
c
i
v
e
D
e
c
i
v
e
De
c
i
v
e
D.
p
y
T.
p
y
T .
p
y
T .
p
y
T.
p
y
T.
x
a
M.
x
a
M .
x
a
M .
x
a
M.
x
a
Ms
ti
n
Us
ti
n
U s
ti
n
U s
ti
n
Us
ti
n
Us
n
o
it
i
d
n
o
C
t
s
e
Ts
n
o
it
i
d
n
o
C
t
s
e
T
s
n
o
it
i
d
n
o
C
t
s
e
T
s
n
o
it
i
d
n
o
C
t
s
e
Ts
n
o
it
i
d
n
o
C
t
s
e
T
λ
k
a
e
p
h
t
g
n
e
l
e
v
a
W
k
a
e
Pe
g
n
a
r
O
e
r
u
P7
0
6m
nIF
A
m
0
2
=
λ D
h
t
g
n
e
l
e
v
a
W
e
t
a
n
i
m
o
De
g
n
a
r
O
e
r
u
P0
1
6m
nIF
A
m
0
2
=
λ
2
/
1
h
t
d
i
w
-f
l
a
H
e
n
i
L
l
a
rt
c
e
p
Se
g
n
a
r
O
e
r
u
P5
3m
nIF
A
m
0
2
=
Ce
c
n
a
ti
c
a
p
a
Ce
g
n
a
r
O
e
r
u
P5
1F
pVF
z
H
M
1
=
f;
V
0
=
VF
e
g
a
tl
o
V
d
r
a
w
r
o
Fe
g
n
a
r
O
e
r
u
P5
0
.
25
.
2V
IF
A
m
0
2
=
IR
t
n
e
rr
u
C
e
s
r
e
v
e
Re
g
n
a
r
O
e
r
u
P0
1A
uVR
V
5
=
r
e
t
e
m
a
r
a
Pr
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
Pr
e
t
e
m
a
r
a
P
e
g
n
a
r
O
e
r
u
Pe
g
n
a
r
O
e
r
u
P
e
g
n
a
r
O
e
r
u
P
e
g
n
a
r
O
e
r
u
Pe
g
n
a
r
O
e
r
u
Ps
ti
n
Us
ti
n
U s
ti
n
U s
ti
n
Us
ti
n
U
n
o
it
a
p
i
s
s
i
d
r
e
w
o
P
5
0
1W
m
t
n
e
rr
u
C
d
r
a
w
r
o
F
C
D
5
2A
m
]
1
[
t
n
e
rr
u
C
d
r
a
w
r
o
F
k
a
e
P
5
4
1A
m
e
g
a
tl
o
V
e
s
r
e
v
e
R
5V
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
/
g
n
it
a
r
e
p
O
0
4
- °
5
8
+
o
T
C
°C
]
2
[
e
r
u
t
a
r
e
p
m
e
T
r
e
d
l
o
S
d
a
e
L
0
6
2 °
s
d
n
o
c
e
S
5
r
o
F
C


Similar Part No. - L-7113NT

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
L-7113P3C KINGBRIGHT-L-7113P3C Datasheet
958Kb / 4P
   Made with NPN silicon phototransistor chips
L-7113SYC KINGBRIGHT-L-7113SYC Datasheet
85Kb / 3P
   T-1 3/4 (5MM) LED LAMP
L-7113YD KINGBRIGHT-L-7113YD Datasheet
60Kb / 3P
   T-1 3/4 (5mm) SOLID STATE LAMP
More results

Similar Description - L-7113NT

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
T1C1-4VXC EVERLIGHT-T1C1-4VXC Datasheet
108Kb / 9P
   5 mm Round White LED (T-13/4)
T8C1-4VYE EVERLIGHT-T8C1-4VYE Datasheet
94Kb / 9P
   5 mm Round White LED (T-13/4)
T2C2-1SUB EVERLIGHT-T2C2-1SUB Datasheet
107Kb / 8P
   5 mm Round White LED (T-13/4)
T2C3-1QSB EVERLIGHT-T2C3-1QSB Datasheet
107Kb / 8P
   5 mm Round White LED (T-13/4)
T2C3-1RTB EVERLIGHT-T2C3-1RTB Datasheet
107Kb / 8P
   5 mm Round White LED (T-13/4)
T2C1-1SUB EVERLIGHT-T2C1-1SUB Datasheet
111Kb / 9P
   5 mm Round White LED (T-13/4)
T2C2-1TVB EVERLIGHT-T2C2-1TVB Datasheet
109Kb / 9P
   5 mm Round White LED (T-13/4)
X2C1-1UWB EVERLIGHT-X2C1-1UWB Datasheet
110Kb / 9P
   5 mm Round Warm White LED (T-13/4)
logo
Broadcom Corporation.
HLMP-3301 BOARDCOM-HLMP-3301 Datasheet
263Kb / 11P
   T-13/4 (5 mm) Diffused LED Lamps
logo
Everlight Electronics C...
7343-R5C2-AQTB EVERLIGHT-7343-R5C2-AQTB Datasheet
97Kb / 7P
   5 mm Round LED, T-1 3/4
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com