Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY89112U Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # SY89112U
Description  2.5V Low Jitter, Low Skew 1:12 LVDS Fanout Buffer with 2:1 Input MUX and Intermal Termination
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89112U Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button SY89112U Datasheet HTML 5Page - Micrel Semiconductor SY89112U Datasheet HTML 6Page - Micrel Semiconductor SY89112U Datasheet HTML 7Page - Micrel Semiconductor SY89112U Datasheet HTML 8Page - Micrel Semiconductor SY89112U Datasheet HTML 9Page - Micrel Semiconductor SY89112U Datasheet HTML 10Page - Micrel Semiconductor SY89112U Datasheet HTML 11Page - Micrel Semiconductor SY89112U Datasheet HTML 12Page - Micrel Semiconductor SY89112U Datasheet HTML 13Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Micrel, Inc.
SY89113U
March 2005
M9999-032905
hbwhelp@micrel.com or (408) 955-1690
9
Single-Ended and Differential Swings
Figure 1a. Single-Ended Voltage Swing CLK0
Figure 1b. Differential Voltage Swing CLK0
Timing Diagrams
Differential In-to-Differential Out
CLK_SEL-to-Differential Out
Set-Up and Hold Time EN-to-Differential IN
/CLK
CLK
/Q
Q
tPD
CLK_SEL
/Q
Q
tPD
tPD
VCC/2
VCC/2
/CLK
CLK
/Q
Q
tS
EN
tH
VCC/2
VCC/2


Similar Part No. - SY89112U

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89112U MICREL-SY89112U Datasheet
682Kb / 14P
   2.5/3.3V Low-Jitter, Low-Skew 1:12 LVPECL Fanout Buffer with 2:1 Input MUX and Internal Termination
SY89112U MICREL-SY89112U Datasheet
696Kb / 14P
   2.5/3.3V Low-Jitter, Low-Skew 1:12 LVPECL Fanout Buffer with 2:1 Input MUX
SY89112U MICREL-SY89112U Datasheet
883Kb / 14P
   2.5/3.3V Low-Jitter, Low-Skew 1:12 LVPECL Fanout Buffer with 2:1 Input MUX and Internal Termination
SY89112UMI MICREL-SY89112UMI Datasheet
682Kb / 14P
   2.5/3.3V Low-Jitter, Low-Skew 1:12 LVPECL Fanout Buffer with 2:1 Input MUX and Internal Termination
SY89112UMI MICREL-SY89112UMI Datasheet
883Kb / 14P
   2.5/3.3V Low-Jitter, Low-Skew 1:12 LVPECL Fanout Buffer with 2:1 Input MUX and Internal Termination
More results

Similar Description - SY89112U

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89113U MICREL-SY89113U_07 Datasheet
559Kb / 14P
   2.5V Low Jitter, Low Skew 1:12 LVDS Fanout Buffer with 2:1 Input MUX and Internal Termination
SY89113U MICREL-SY89113U_10 Datasheet
559Kb / 14P
   2.5V Low Jitter, Low Skew 1:12 LVDS Fanout Buffer with 2:1 Input MUX and
SY89112U MICREL-SY89112U_14 Datasheet
883Kb / 14P
   2.5/3.3V Low-Jitter, Low-Skew 1:12 LVPECL Fanout Buffer with 2:1 Input MUX and Internal Termination
SY89112U MICREL-SY89112U Datasheet
682Kb / 14P
   2.5/3.3V Low-Jitter, Low-Skew 1:12 LVPECL Fanout Buffer with 2:1 Input MUX and Internal Termination
SY89112U MICREL-SY89112U_11 Datasheet
696Kb / 14P
   2.5/3.3V Low-Jitter, Low-Skew 1:12 LVPECL Fanout Buffer with 2:1 Input MUX
logo
Integrated Device Techn...
8S89200 IDT-8S89200 Datasheet
428Kb / 20P
   Low Skew, 2:1 LVDS MUX with 1:8 Fanout and Internal Termination
logo
Renesas Technology Corp
8S89200 RENESAS-8S89200 Datasheet
656Kb / 21P
   Low Skew, 2:1 LVDS MUX with 1:8 Fanout and Internal Termination
February 8, 2016
logo
Silicon Laboratories
SI53340 SILABS-SI53340 Datasheet
3Mb / 23P
   1:4 LOW-JITTER LVDS CLOCK BUFFER WITH 2:1 INPUT MUX
logo
Integrated Device Techn...
8S58035I IDT-8S58035I Datasheet
463Kb / 21P
   Low Skew, 2:1 LVPECL MUX with Fanout and Internal Termination
8S89202 IDT-8S89202 Datasheet
430Kb / 23P
   Low Skew, 2:1 LVPECL MUX with 1:8 Fanout and Internal Termination
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com