Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST39VF160-90-4I-EK Datasheet(PDF) 9 Page - Silicon Storage Technology, Inc

Part # SST39VF160-90-4I-EK
Description  16 Megabit (1M x 16-Bit) Multi-Purpose Flash
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST39VF160-90-4I-EK Datasheet(HTML) 9 Page - Silicon Storage Technology, Inc

Back Button SST39VF160-90-4I-EK Datasheet HTML 5Page - Silicon Storage Technology, Inc SST39VF160-90-4I-EK Datasheet HTML 6Page - Silicon Storage Technology, Inc SST39VF160-90-4I-EK Datasheet HTML 7Page - Silicon Storage Technology, Inc SST39VF160-90-4I-EK Datasheet HTML 8Page - Silicon Storage Technology, Inc SST39VF160-90-4I-EK Datasheet HTML 9Page - Silicon Storage Technology, Inc SST39VF160-90-4I-EK Datasheet HTML 10Page - Silicon Storage Technology, Inc SST39VF160-90-4I-EK Datasheet HTML 11Page - Silicon Storage Technology, Inc SST39VF160-90-4I-EK Datasheet HTML 12Page - Silicon Storage Technology, Inc SST39VF160-90-4I-EK Datasheet HTML 13Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
9
© 1998 Silicon Storage Technology, Inc.
329-09 11/98
16 Megabit Multi-Purpose Flash
SST39VF160Q / SST39VF160
Advance Information
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
TABLE 11: RELIABILITY CHARACTERISTICS
Symbol
Parameter
Minimum Specification
Units
Test Method
NEND(1)
Endurance
10,000
Cycles
MIL-STD-883, Method 1033
TDR(1)
Data Retention
100
Years
JEDEC Standard A103
VZAP_HBM(1)
ESD Susceptibility
1000
Volts
JEDEC Standard A114
Human Body Model
VZAP_MM(1)
ESD Susceptibility
200
Volts
JEDEC Standard A115
Machine Model
ILTH(1)
Latch Up
100 + IDD
mA
JEDEC Standard 78
Note: (1) This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.
329 PGM T12.2
TABLE 10: CAPACITANCE (Ta = 25 °C, f=1 Mhz, other pins open)
Parameter
Description
Test Condition
Maximum (TSOP)
Maximum (TFBGA)
CI/O(1)
I/O Pin Capacitance
VI/O = 0V
12 pF
12pF
CIN(1)
Input Capacitance
VIN = 0V
6 pF
6pF
Note: (1) This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.
329 PGM T11.1
329 PGM T10.2
TABLE 9: RECOMMENDED SYSTEM POWER-UP TIMINGS
Symbol
Parameter
Minimum
Units
TPU-READ(1)
Power-up to Read Operation
100
µs
TPU-WRITE(1)
Power-up to Program/Erase
100
µs
Operation
TABLE 8: DC OPERATING CHARACTERISTICS VDD = 2.7-3.6V AND VDDQ = VDD OR 4.5V - 5.5V
Limits
Symbol Parameter
Min
Max
Units
Test Conditions
IDD
Power Supply Current
CE#=OE#=VIL,WE#=VIH , all I/Os open,
Read
20
mA
Address input = VIL/VIH, at f=1/TRC Min.
Program and Erase
25
mA
CE#=WE#=VIL, OE#=VIH, VDD=VDD Max.
ISB
Standby VDD Current
10
µA
CE#=VIHC, VDD = VDD Max.
IALP
Auto Low Power Current
10
µA
CE#=VIHC, VDD = VDD Max.
ILI
Input Leakage Current
1
µA
VIN =GND to VDD, VDD = VDD Max.
ILO
Output Leakage Current
1
µA
VOUT =GND to VDD, VDD = VDD Max.
VIL
Input Low Voltage
0.8
V
VDD = VDD Max.
VILC
Input Low Voltage (CMOS)
0.3
V
VDD = VDD Max.
VIH
Input High Voltage
2.0
V
VDD = VDD Max.
VIHC
Input High Voltage (CMOS) VDD-0.3
V
VDD = VDD Max.
VOL
Output Low Voltage
0.4
V
IOL = 100 µA, VDD = VDD Min.
VOH
Output High Voltage
2.4
V
IOH = -100 µA, VDD = VDD Min.
VH
Supervoltage for A9 pin
11.4
12.6
V
CE# = OE# =VIL, WE# = VIH
IH
Supervoltage Current
200
µA
CE# = OE# = VIL, WE# = VIH, A9 = VH Max.
for A9 pin
329 PGM T9.8


Similar Part No. - SST39VF160-90-4I-EK

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST39VF160-90-4I-EK SST-SST39VF160-90-4I-EK Datasheet
306Kb / 26P
   16 Mbit (x16) Multi-Purpose Flash
More results

Similar Description - SST39VF160-90-4I-EK

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST39VF800Q SST-SST39VF800Q Datasheet
248Kb / 23P
   8 Megabit (512K x 16-Bit) Multi-Purpose Flash
logo
ATMEL Corporation
AT49SV163D ATMEL-AT49SV163D Datasheet
463Kb / 30P
   16-megabit 1M x 16) 1.8-volt Only Flash Memory
AT49BV160C ATMEL-AT49BV160C Datasheet
236Kb / 30P
   16-megabit (1M x 16) 3-volt Only Flash Memory
AT49BV160D ATMEL-AT49BV160D Datasheet
460Kb / 29P
   16-megabit (1M x 16) 3-volt Only Flash Memory
AT49F8192AT-70TC ATMEL-AT49F8192AT-70TC Datasheet
344Kb / 17P
   8-megabit (1M x 8/512K x 16) Flash Memory
AT49F008A ATMEL-AT49F008A Datasheet
170Kb / 18P
   8-megabit (1M x 8/512K x 16) Flash Memory
AT49BV1604A ATMEL-AT49BV1604A Datasheet
410Kb / 26P
   16-megabit 1M x 16/2M x 8 3-volt Only Flash Memory
AT49F1604 ATMEL-AT49F1604 Datasheet
213Kb / 18P
   16-Megabit 1M x 16/2M x 8 5-volt Only Flash Memory
AT49BV16X4 ATMEL-AT49BV16X4 Datasheet
304Kb / 18P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49BV162A ATMEL-AT49BV162A Datasheet
288Kb / 29P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com