Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST39VF160-90-4C-EK Datasheet(PDF) 1 Page - Silicon Storage Technology, Inc

Part # SST39VF160-90-4C-EK
Description  16 Megabit (1M x 16-Bit) Multi-Purpose Flash
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST39VF160-90-4C-EK Datasheet(HTML) 1 Page - Silicon Storage Technology, Inc

  SST39VF160-90-4C-EK Datasheet HTML 1Page - Silicon Storage Technology, Inc SST39VF160-90-4C-EK Datasheet HTML 2Page - Silicon Storage Technology, Inc SST39VF160-90-4C-EK Datasheet HTML 3Page - Silicon Storage Technology, Inc SST39VF160-90-4C-EK Datasheet HTML 4Page - Silicon Storage Technology, Inc SST39VF160-90-4C-EK Datasheet HTML 5Page - Silicon Storage Technology, Inc SST39VF160-90-4C-EK Datasheet HTML 6Page - Silicon Storage Technology, Inc SST39VF160-90-4C-EK Datasheet HTML 7Page - Silicon Storage Technology, Inc SST39VF160-90-4C-EK Datasheet HTML 8Page - Silicon Storage Technology, Inc SST39VF160-90-4C-EK Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
1
16 Megabit (1M x 16-Bit) Multi-Purpose Flash
SST39VF160Q / SST39VF160
Advance Information
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
© 1998 Silicon Storage Technology, Inc. The SST logo and SuperFlash are registered trademarks of Silicon Storage Technology, Inc. MPF is a trademark of Silicon storage Technology, Inc.
329-09 11/98
These specifications are subject to change without notice.
FEATURES:
Organized as 1 M X 16
Single 2.7V-only Read and Write Operations
•VDDQ Power Supply to Support 5V I/O
for SST39VF160Q
-VDDQ not available on SST39VF160
Superior Reliability
-
Endurance: 100,000 Cycles (typical)
-
Greater than 100 years Data Retention
Low Power Consumption:
-
Active Current: 15 mA (typical)
-
Standby Current: 3 µA (typical)
-
Auto Low Power Mode: 3 µA (typical)
Small Sector Erase Capability (512 sectors)
-
Uniform 2 KWord sectors
Block Erase Capability (32 blocks)
-
Uniform 32 KWord blocks
Fast Read Access Time:
-
70 and 90 ns
Latched Address and Data
Fast Sector Erase and Word Program:
-
Sector Erase Time: 3 ms typical
-
Block Erase Time: 7 ms typical
-
Chip Erase Time: 15 ms typical
-
Word Program time: 7 µs typical
-
Chip Rewrite Time: 7 seconds
Automatic Write Timing
- Internal Vpp Generation
End of Write Detection
-
Toggle Bit
-
Data# Polling
CMOS I/O Compatibility
JEDEC Standard
-
EEPROM Pinouts and command set
Packages Available
-
48-Pin TSOP (12mm x 20mm)
-
6 x 8 Ball TFBGA
PRODUCT DESCRIPTION
The SST39VF160Q/VF160 devices are 1M x 16 CMOS
Multi-Purpose Flash (MPF) manufactured with SST’s
proprietary, high performance CMOS SuperFlash tech-
nology. The split-gate cell design and thick oxide tunnel-
ing injector attain better reliability and manufacturability
compared
with
alternate
approaches.
The
SST39VF160Q/VF160 write (Program or Erase) with a
2.7V-only power supply. The SST39VF160Q/VF160
conform to JEDEC standard pinouts for x16 memories.
Featuring high performance word program, the
SST39VF160Q/VF160 devices provide a maximum
word-program time of 10 µsec. The entire memory can
typically be erased and programmed word by word in 7
seconds, when using interface features such as Toggle
Bit or Data# Polling to indicate the completion of Program
operation. To protect against inadvertent write, the
SST39VF160Q/VF160 have on-chip hardware and soft-
ware data protection schemes. Designed, manufac-
tured, and tested for a wide spectrum of applications, the
SST39VF160Q/VF160 are offered with a guaranteed
endurance of 10,000 cycles. Data retention is rated at
greater than 100 years.
The SST39VF160Q/VF160 devices are suited for appli-
cations that require convenient and economical updating
of program, configuration, or data memory. For all sys-
tem applications, the SST39VF160Q/VF160 signifi-
cantly improve performance and reliability, while lower-
ing power consumption. The SST39VF160Q/VF160 in-
herently use less energy during Ease and Program than
alternative flash technologies. The total energy con-
sumed is a function of the applied voltage, current, and
time of application. Since for any given voltage range, the
SuperFlash technology uses less current to program and
has a shorter erase time, the total energy consumed
during any Erase or Program operation is less than
alternative flash technologies. The SST39VF160Q/
VF160 also improve flexibility while lowering the cost for
program, data, and configuration storage applications.
The SuperFlash technology provides fixed Erase and
Program times, independent of the number of endurance
cycles that have occurred. Therefore the system
software or hardware does not have to be modified or
de-rated as is necessary with alternative flash technolo-
gies, whose erase and program times increase with
accumulated endurance cycles.
To meet high density, surface mount requirements, the
SST39VF160Q/VF160 are offered in 48-pin TSOP and
48-pin TFBGA packages. See Figures 1 and 2 for
pinouts.
Device Operation
Commands are used to initiate the memory operation
functions of the device. Commands are written to the
device using standard microprocessor write sequences.
A command is written by asserting WE# low while
keeping CE# low. The address bus is latched on the
falling edge of WE# or CE#, whichever occurs last. The
data bus is latched on the rising edge of WE# or CE#,
whichever occurs first.


Similar Part No. - SST39VF160-90-4C-EK

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST39VF160-90-4C-EK SST-SST39VF160-90-4C-EK Datasheet
306Kb / 26P
   16 Mbit (x16) Multi-Purpose Flash
More results

Similar Description - SST39VF160-90-4C-EK

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST39VF800Q SST-SST39VF800Q Datasheet
248Kb / 23P
   8 Megabit (512K x 16-Bit) Multi-Purpose Flash
logo
ATMEL Corporation
AT49SV163D ATMEL-AT49SV163D Datasheet
463Kb / 30P
   16-megabit 1M x 16) 1.8-volt Only Flash Memory
AT49BV160C ATMEL-AT49BV160C Datasheet
236Kb / 30P
   16-megabit (1M x 16) 3-volt Only Flash Memory
AT49BV160D ATMEL-AT49BV160D Datasheet
460Kb / 29P
   16-megabit (1M x 16) 3-volt Only Flash Memory
AT49F8192AT-70TC ATMEL-AT49F8192AT-70TC Datasheet
344Kb / 17P
   8-megabit (1M x 8/512K x 16) Flash Memory
AT49F008A ATMEL-AT49F008A Datasheet
170Kb / 18P
   8-megabit (1M x 8/512K x 16) Flash Memory
AT49BV1604A ATMEL-AT49BV1604A Datasheet
410Kb / 26P
   16-megabit 1M x 16/2M x 8 3-volt Only Flash Memory
AT49F1604 ATMEL-AT49F1604 Datasheet
213Kb / 18P
   16-Megabit 1M x 16/2M x 8 5-volt Only Flash Memory
AT49BV16X4 ATMEL-AT49BV16X4 Datasheet
304Kb / 18P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49BV162A ATMEL-AT49BV162A Datasheet
288Kb / 29P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com