Electronic Components Datasheet Search |
|
M95320-RDW3TG Datasheet(PDF) 10 Page - STMicroelectronics |
|
M95320-RDW3TG Datasheet(HTML) 10 Page - STMicroelectronics |
10 / 42 page M95640, M95320 10/42 Figure 6. Hold Condition Activation Status Register Figure 7. shows the position of the Status Register in the control logic of the device. The Status Reg- ister contains a number of status and control bits that can be read or set (as appropriate) by specific instructions. WIP bit. The Write In Progress (WIP) bit indicates whether the memory is busy with a Write or Write Status Register cycle. WEL bit. The Write Enable Latch (WEL) bit indi- cates the status of the internal Write Enable Latch. BP1, BP0 bits. The Block Protect (BP1, BP0) bits are non-volatile. They define the size of the area to be software protected against Write instructions. SRWD bit. The Status Register Write Disable (SRWD) bit is operated in conjunction with the Write Protect (W) signal. The Status Register Write Disable (SRWD) bit and Write Protect (W) signal allow the device to be put in the Hardware Protected mode. In this mode, the non-volatile bits of the Status Register (SRWD, BP1, BP0) become read-only bits. Table 4. Status Register Format Data Protection and Protocol Control Non-volatile memory devices can be used in envi- ronments that are particularly noisy, and within ap- plications that could experience problems if memory bytes are corrupted. Consequently, the device features the following data protection mechanisms: ■ Write and Write Status Register instructions are checked that they consist of a number of clock pulses that is a multiple of eight, before they are accepted for execution. ■ All instructions that modify data must be preceded by a Write Enable (WREN) instruction to set the Write Enable Latch (WEL) bit. This bit is returned to its reset state by the following events: – Power-up – Write Disable (WRDI) instruction completion – Write Status Register (WRSR) instruction completion – Write (WRITE) instruction completion ■ The Block Protect (BP1, BP0) bits allow part of the memory to be configured as read-only. This is the Software Protected Mode (SPM). ■ The Write Protect (W) signal allows the Block Protect (BP1, BP0) bits to be protected. This is the Hardware Protected Mode (HPM). For any instruction to be accepted, and executed, Chip Select (S) must be driven High after the rising edge of Serial Clock (C) for the last bit of the in- struction, and before the next rising edge of Serial Clock (C). Two points need to be noted in the previous sen- tence: AI02029D HOLD C Hold Condition Hold Condition b7 b0 SRWD 0 0 0 BP1 BP0 WEL WIP Status Register Write Protect Block Protect Bits Write Enable Latch Bit Write In Progress Bit |
Similar Part No. - M95320-RDW3TG |
|
Similar Description - M95320-RDW3TG |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |