Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KM718V987 Datasheet(PDF) 4 Page - Samsung semiconductor

Part # KM718V987
Description  256Kx36 & 512Kx18 Synchronous SRAM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM718V987 Datasheet(HTML) 4 Page - Samsung semiconductor

  KM718V987 Datasheet HTML 1Page - Samsung semiconductor KM718V987 Datasheet HTML 2Page - Samsung semiconductor KM718V987 Datasheet HTML 3Page - Samsung semiconductor KM718V987 Datasheet HTML 4Page - Samsung semiconductor KM718V987 Datasheet HTML 5Page - Samsung semiconductor KM718V987 Datasheet HTML 6Page - Samsung semiconductor KM718V987 Datasheet HTML 7Page - Samsung semiconductor KM718V987 Datasheet HTML 8Page - Samsung semiconductor KM718V987 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
KM718V987
256Kx36 & 512Kx18 Synchronous SRAM
- 4 -
Rev 4.0
May 1999
KM736V887
PIN CONFIGURATION(TOP VIEW)
PIN NAME
Notes : 1. A0 and A1 are the two least significant bits(LSB) of the address field and set the internal burst counter if burst is desired.
2. The pin 42 is reserved for address bit for the 16Mb .
SYMBOL
PIN NAME
TQFP PIN NO.
SYMBOL
PIN NAME
TQFP PIN NO.
A0 - A18
ADV
ADSP
ADSC
CLK
CS1
CS2
CS2
WEx
OE
GW
BW
ZZ
LBO
Address Inputs
Burst Address Advance
Address Status Processor
Address Status Controller
Clock
Chip Select
Chip Select
Chip Select
Byte Write Inputs
Output Enable
Global Write Enable
Byte Write Enable
Power Down Input
Burst Mode Control
32,33,34,35,36,37,43
44,45,46,47,48,49,50
80,81,82,99,100
83
84
85
89
98
97
92
93,94
86
88
87
64
31
VDD
VSS
N.C.
DQa0 ~ a7
DQb0 ~ b7
DQPa, Pb
VDDQ
VSSQ
Power Supply(+3.3V)
Ground
No Connect
Data Inputs/Outputs
Output Power Supply
(2.5V or 3.3V)
Output Ground
15,41,65,91
17,40,67,90
1,2,3,6,7,14,16,25,28,29,
30,38,39,42,51,52,53,56,
57,66,75,78,79,95,96
58,59,62,63,68,69,72,73
8,9,12,13,18,19,22,23
74,24
4,11,20,27,54,61,70,77
5,10,21,26,55,60,71,76
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
100 Pin TQFP
(20mm x 14mm)
N.C.
N.C.
N.C.
VDDQ
VSSQ
N.C.
N.C.
DQb0
DQb1
VSSQ
VDDQ
DQb2
DQb3
N.C.
VDD
N.C.
VSS
DQb4
DQb5
VDDQ
VSSQ
DQb6
DQb7
DQPb
N.C.
VSSQ
VDDQ
N.C.
N.C.
N.C.
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
N.C.
N.C.
VDDQ
VSSQ
N.C.
DQPa
DQa7
DQa6
VSSQ
VDDQ
DQa5
DQa4
VSS
N.C.
VDD
ZZ
DQa3
DQa2
VDDQ
VSSQ
DQa1
DQa0
N.C.
N.C.
VSSQ
VDDQ
N.C.
N.C.
N.C.
KM718V987(512Kx18)
A10


Similar Part No. - KM718V987

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM718V089 SAMSUNG-KM718V089 Datasheet
536Kb / 20P
   512Kx36 & 1Mx18 Synchronous SRAM
KM718V887 SAMSUNG-KM718V887 Datasheet
470Kb / 16P
   256Kx18 Synchronous SRAM
More results

Similar Description - KM718V987

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7A803600M SAMSUNG-K7A803600M Datasheet
542Kb / 20P
   256Kx36 & 512Kx18 Synchronous SRAM
K7A803600B SAMSUNG-K7A803600B_06 Datasheet
422Kb / 19P
   256Kx36 & 512Kx18 Synchronous SRAM
K7A803609B SAMSUNG-K7A803609B_06 Datasheet
420Kb / 19P
   256Kx36 & 512Kx18 Synchronous SRAM
DS_K7A803600B SAMSUNG-DS_K7A803600B Datasheet
401Kb / 18P
   256Kx36 & 512Kx18 Synchronous SRAM
K7B801825M SAMSUNG-K7B801825M Datasheet
582Kb / 21P
   256Kx36 & 512Kx18 Synchronous SRAM
K7A803601M SAMSUNG-K7A803601M Datasheet
466Kb / 17P
   256Kx36 & 512Kx18 Synchronous SRAM
K7B803625B SAMSUNG-K7B803625B Datasheet
460Kb / 20P
   256Kx36 & 512Kx18 Synchronous SRAM
K7A803609A SAMSUNG-K7A803609A Datasheet
372Kb / 20P
   256Kx36 & 512Kx18 Synchronous SRAM
K7D803671B SAMSUNG-K7D803671B Datasheet
270Kb / 16P
   256Kx36 & 512Kx18 SRAM
K7P803611M SAMSUNG-K7P803611M Datasheet
221Kb / 13P
   256Kx36 & 512Kx18 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com