Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY27SF161G2M-VES Datasheet(PDF) 8 Page - Hynix Semiconductor

Part # HY27SF161G2M-VES
Description  1Gbit (128Mx8bit / 64Mx16bit) NAND Flash Memory
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY27SF161G2M-VES Datasheet(HTML) 8 Page - Hynix Semiconductor

Back Button HY27SF161G2M-VES Datasheet HTML 4Page - Hynix Semiconductor HY27SF161G2M-VES Datasheet HTML 5Page - Hynix Semiconductor HY27SF161G2M-VES Datasheet HTML 6Page - Hynix Semiconductor HY27SF161G2M-VES Datasheet HTML 7Page - Hynix Semiconductor HY27SF161G2M-VES Datasheet HTML 8Page - Hynix Semiconductor HY27SF161G2M-VES Datasheet HTML 9Page - Hynix Semiconductor HY27SF161G2M-VES Datasheet HTML 10Page - Hynix Semiconductor HY27SF161G2M-VES Datasheet HTML 11Page - Hynix Semiconductor HY27SF161G2M-VES Datasheet HTML 12Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
Rev 0.7 / Apr. 2005
8
Preliminary
HY27UF(08/16)1G2M Series
HY27SF(08/16)1G2M Series
1Gbit (128Mx8bit / 64Mx16bit) NAND Flash
1.2 PIN DESCRIPTION
Pin Name
Description
IO0-IO7
IO8-IO15(1)
DATA INPUTS/OUTPUTS
The IO pins allow to input command, address and data and to output data during read / program
operations. The inputs are latched on the rising edge of Write Enable (WE#). The I/O buffer float to
High-Z when the device is deselected or the outputs are disabled.
CLE
COMMAND LATCH ENABLE
This input activates the latching of the IO inputs inside the Command Register on the Rising edge of
Write Enable (WE#).
ALE
ADDRESS LATCH ENABLE
This input activates the latching of the IO inputs inside the Address Register on the Rising edge of
Write Enable (WE#).
CE#
CHIP ENABLE
This input controls the selection of the device. When the device is busy CE# low does not deselect
the memory.
WE#
WRITE ENABLE
This input acts as clock to latch Command, Address and Data. The IO inputs are latched on the rise
edge of WE#.
RE#
READ ENABLE
The RE# input is the serial data-out control, and when active drives the data onto the I/O bus. Data
is valid tREA after the falling edge of RE# which also increments the internal column address counter
by one.
WP#
WRITE PROTECT
The WP# pin, when Low, provides an Hardware protection against undesired modify (program /
erase) operations.
RB#
READY BUSY
The Ready/Busy output is an Open Drain pin that signals the state of the memory.
VCC
SUPPLY VOLTAGE
The VCC supplies the power for all the operations (Read, Write, Erase).
VSS
GROUND
NC
NOT CONNECTED
PRE
To Enable Power On Auto Read. When PRE is a logic high, Power on Auto Read mode is enabled, and
when PRE is a logic low, Power Auto Read mode is disabled. Power On Auto Read mode is available
only on 3.3V device.
Not using POWER-ON AUTO-READ, connect it Vss or leave it N.C.
Table 2: Pin Description
NOTE:
1. For x16 version only
2. A 0.1uF capacitor should be connected between the VCC Supply Voltage pin and the VSS Ground pin to decouple
the current surges from the power supply. The PCB track widths must be sufficient to carry the currents required
during program and erase operations.


Similar Part No. - HY27SF161G2M-VES

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY27SF161G2A HYNIX-HY27SF161G2A Datasheet
394Kb / 46P
   1Gbit (128Mx8bit / 64Mx16bit) NAND Flash
More results

Similar Description - HY27SF161G2M-VES

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY27UA081G1M HYNIX-HY27UA081G1M Datasheet
729Kb / 43P
   1Gbit (128Mx8bit / 64Mx16bit) NAND Flash Memory
HY27SF081G2A HYNIX-HY27SF081G2A Datasheet
394Kb / 46P
   1Gbit (128Mx8bit / 64Mx16bit) NAND Flash
HY27UF081G2A HYNIX-HY27UF081G2A Datasheet
390Kb / 46P
   1Gbit (128Mx8bit / 64Mx16bit) NAND Flash
HY27US081G1M HYNIX-HY27US081G1M Datasheet
318Kb / 39P
   1Gbit (128Mx8bit / 64Mx16bit) NAND Flash
logo
OKI electronic componet...
ML54051 OKI-ML54051 Datasheet
283Kb / 37P
   NAND Flash Memory Controller
logo
Elite Semiconductor Mem...
F50L512M41A ESMT-F50L512M41A Datasheet
700Kb / 36P
   SPI-NAND Flash Memory
logo
OKI electronic componet...
ML54053 OKI-ML54053 Datasheet
222Kb / 26P
   NAND Flash Memory Controller
logo
Macronix International
MX30LF1208AA-TI MCNIX-MX30LF1208AA-TI Datasheet
762Kb / 48P
   512M-bit NAND Flash Memory
MX30LF1G08AA-XKI MCNIX-MX30LF1G08AA-XKI Datasheet
766Kb / 48P
   1G-bit NAND Flash Memory
logo
Toshiba Semiconductor
TC58NVG2S0FTA00 TOSHIBA-TC58NVG2S0FTA00 Datasheet
67Kb / 3P
   NAND Flash Memory(SLC Middle Capacity)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com