Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC68HC11K1CFN3 Datasheet(PDF) 4 Page - Motorola, Inc

Part # MC68HC11K1CFN3
Description  Technical Summary 8-Bit Microcontroller
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68HC11K1CFN3 Datasheet(HTML) 4 Page - Motorola, Inc

  MC68HC11K1CFN3 Datasheet HTML 1Page - Motorola, Inc MC68HC11K1CFN3 Datasheet HTML 2Page - Motorola, Inc MC68HC11K1CFN3 Datasheet HTML 3Page - Motorola, Inc MC68HC11K1CFN3 Datasheet HTML 4Page - Motorola, Inc MC68HC11K1CFN3 Datasheet HTML 5Page - Motorola, Inc MC68HC11K1CFN3 Datasheet HTML 6Page - Motorola, Inc MC68HC11K1CFN3 Datasheet HTML 7Page - Motorola, Inc MC68HC11K1CFN3 Datasheet HTML 8Page - Motorola, Inc MC68HC11K1CFN3 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 80 page
background image
MOTOROLA
M68HC11 K Series
4
MC68HC11KTS/D
Table 3 Custom ROM Device Ordering Information
Package
Temperature
Description
Frequency
MC Order Number
84-Pin PLCC
–40
°to + 85°C
Custom ROM
2 MHz
MC68HC11K4CFN2
3 MHz
MC68HC11K4CFN3
4 MHz
MC68HC11K4CFN4
–40
°to + 105°C
Custom ROM
2 MHz
MC68HC11K4VFN2
3 MHz
MC68HC11K4VFN3
4 MHz
MC68HC11K4VFN4
–40
°to + 125°C
Custom ROM
2 MHz
MC68HC11K4MFN2
3 MHz
MC68HC11K4MFN3
4 MHz
MC68HC11K4MFN4
–40
°to + 85°C
Custom ROM, No EEPROM
2 MHz
MC68HC11K3CFN2
3 MHz
MC68HC11K3CFN3
4 MHz
MC68HC11K3CFN4
–40
°to + 105°C
Custom ROM, No EEPROM
2 MHz
MC68HC11K3VFN2
3 MHz
MC68HC11K3VFN3
4 MHz
MC68HC11K3VFN4
–40
°to + 125°C
Custom ROM, No EEPROM
2 MHz
MC68HC11K3MFN2
3 MHz
MC68HC11K3MFN3
4 MHz
MC68HC11K3MFN4
80-Pin QFP
–40
°to + 85°C
Custom ROM
2 MHz
MC68HC11K4CFU2
3 MHz
MC68HC11K4CFU3
4 MHz
MC68HC11K4CFU4
–40
°to + 105°C
Custom ROM
2 MHz
MC68HC11K4VFU2
3 MHz
MC68HC11K4VFU3
4 MHz
MC68HC11K4VFU4
–40
°to + 85°C
Custom ROM, No EEPROM
2 MHz
MC68HC11K3CFU2
3 MHz
MC68HC11K3CFU3
4 MHz
MC68HC11K3CFU4
–40
°to + 105°C
Custom ROM, No EEPROM
2 MHz
MC68HC11K3VFU2
3 MHz
MC68HC11K3VFU3
4 MHz
MC68HC11K3VFU4


Similar Part No. - MC68HC11K1CFN3

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68HC11K1CFN3 MOTOROLA-MC68HC11K1CFN3 Datasheet
420Kb / 80P
   8-Bit Microcontroller
logo
Freescale Semiconductor...
MC68HC11K1CFN3 FREESCALE-MC68HC11K1CFN3 Datasheet
17Mb / 229P
   HCMOS MICROCONTROLLER UNIT
MC68HC11K1CFN3 FREESCALE-MC68HC11K1CFN3 Datasheet
625Kb / 80P
   8-Bit Microcontroller
logo
NXP Semiconductors
MC68HC11K1CFN3 NXP-MC68HC11K1CFN3 Datasheet
909Kb / 80P
   8-Bit Microcontroller
MC68HC11K1CFN3 NXP-MC68HC11K1CFN3 Datasheet
18Mb / 229P
   HCMOS MICROCONTROLLER UNIT
More results

Similar Description - MC68HC11K1CFN3

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC68HC11FC0 FREESCALE-MC68HC11FC0 Datasheet
5Mb / 68P
   Technical Summary 8-Bit Microcontroller
logo
Motorola, Inc
MC68HC11F1 MOTOROLA-MC68HC11F1 Datasheet
486Kb / 68P
   Technical Summary 8-Bit Microcontroller
logo
NXP Semiconductors
MC68HC11C0TS NXP-MC68HC11C0TS Datasheet
894Kb / 76P
   Technical Summary 8-Bit Microcontroller
logo
Freescale Semiconductor...
MC68332GCAG20 FREESCALE-MC68332GCAG20 Datasheet
343Kb / 88P
   Technical Summary 32-Bit Modular Microcontroller
MC68332ACEH25 FREESCALE-MC68332ACEH25 Datasheet
465Kb / 88P
   Technical Summary 32-Bit Modular Microcontroller
logo
NXP Semiconductors
MC68331 NXP-MC68331 Datasheet
983Kb / 84P
   Technical Summary 32-Bit Modular Microcontroller
Rev. 2
logo
Freescale Semiconductor...
MC68HC705L5FUE FREESCALE-MC68HC705L5FUE Datasheet
2Mb / 55P
   Techinical Summary 8-Bit Microcontroller Unit
MC68HC11ED0 FREESCALE-MC68HC11ED0 Datasheet
1Mb / 108P
   Technical Summary
logo
NXP Semiconductors
MGT5100TS NXP-MGT5100TS Datasheet
352Kb / 12P
   Microprocessor Technical Summary
Rev. 0, 04/2002
MPC5200TS NXP-MPC5200TS Datasheet
274Kb / 12P
   MPC5200 Microprocessor Technical Summary
Rev. 3, 08/2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com