Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6696 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX6696
Description  Dual Remote/Local Temperature Sensors with SMBus Serial Interface
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6696 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX6696 Datasheet HTML 1Page - Maxim Integrated Products MAX6696 Datasheet HTML 2Page - Maxim Integrated Products MAX6696 Datasheet HTML 3Page - Maxim Integrated Products MAX6696 Datasheet HTML 4Page - Maxim Integrated Products MAX6696 Datasheet HTML 5Page - Maxim Integrated Products MAX6696 Datasheet HTML 6Page - Maxim Integrated Products MAX6696 Datasheet HTML 7Page - Maxim Integrated Products MAX6696 Datasheet HTML 8Page - Maxim Integrated Products MAX6696 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Dual Remote/Local Temperature Sensors with
SMBus Serial Interface
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC ...........................................................................-0.3V to +6V
DXP1, DXP2................................................-0.3V to (VCC + 0.3V)
DXN ......................................................................-0.3V to +0.8V
SMBCLK, SMBDATA, ALERT ...................................-0.3V to +6V
RESET, STBY, ADD0, ADD1, OT1, OT2 ...................-0.3V to +6V
SMBDATA Current .................................................1mA to 50mA
DXN Current ......................................................................±1mA
Continuous Power Dissipation (TA = +70°C)
10-Pin mMAX (derate 6.9mW/°C above +70°C) .......555.6mW
16-Pin QSOP (derate 8.3mW/°C above +70°C) .......666.7mW
Operating Temperature Range .........................-40°C to +125°C
Junction Temperature .....................................................+150°C
Storage Temperature Range ............................-65°C to +150°C
Lead Temperature (soldering, 10s) ................................+300°C
ELECTRICAL CHARACTERISTICS
(VCC = +3.0V to +3.6V, TA = 0°C to +125°C, unless otherwise noted. Typical values are at VCC = +3.3V and TA = +25°C)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VCC
3.0
3.6
V
Standby Supply Current
SMBus static, ADC in idle state
10
µA
Operating Current
Interface inactive, ADC active
0.5
1
mA
Conversion rate = 0.125Hz
35
70
Conversion rate = 1Hz
250
500
Average Operating Current
Conversion rate = 4Hz
500
1000
µA
TRJ = +25°C to +100°C
(TA = +45°C to +85°C)
-1.5
+1.5
TRJ = 0°C to +125°C (TA = +25°C to +100°C)
-3.0
+3.0
TRJ = -40°C to +125°C (TA = 0°C to +125°C)
-5.0
+5.0
Remote Temperature Error
(Note 1)
TRJ = -40°C to +125°C (TA = -40°C)
+3.0
°C
TA = +45°C to +85°C
-2.0
+2.0
TA = +25°C to +100°C
-3.0
+3.0
TA = 0°C to +125°C
-4.5
+4.5
Local Temperature Error
TA = -40°C to +125°C
+3.0
°C
Power-On Reset Threshold
VCC, falling edge (Note 2)
1.3
1.45
1.6
V
POR Threshold Hysteresis
500
mV
Undervoltage Lockout Threshold
UVLO
Falling edge of VCC disables ADC
2.2
2.8
2.95
V
Undervoltage Lockout Hysteresis
90
mV
Channel 1 rate
≤4Hz, channel 2 / local rate
≤2Hz (conversion rate register ≤05h)
112.5
125
137.5
Conversion Time
Channel 1 rate
≥8Hz, channel 2 / local rate
≥4Hz (conversion rate register ≥06h)
56.25
62.5
68.75
ms
High level
80
100
120
Remote-Diode Source Current
IRJ
Low level
8
10
12
µA
ALERT, OT1, OT2
Output Low Sink Current
VOL = 0.4V
6
mA
Output High Leakage Current
VOH = 3.6V
1
µA
INPUT PIN, ADD0, ADD1 (MAX6696)
Logic Input Low Voltage
VIL
0.3
V
Logic Input High Voltage
VIH
2.9
V


Similar Part No. - MAX6696

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX66960 MAXIM-MAX66960 Datasheet
267Kb / 4P
   -80C Temperature Data Logger with External Thermistor Probe
Rev 1; 1/17
MAX6696AEE MAXIM-MAX6696AEE Datasheet
299Kb / 19P
   Dual Remote/Local Temperature Sensors with SMBus Serial Interface
Rev 3; 4/11
MAX6696AEE++ MAXIM-MAX6696AEE+ Datasheet
299Kb / 19P
   Dual Remote/Local Temperature Sensors with SMBus Serial Interface
Rev 3; 4/11
MAX6696YAEE MAXIM-MAX6696YAEE Datasheet
299Kb / 19P
   Dual Remote/Local Temperature Sensors with SMBus Serial Interface
Rev 3; 4/11
MAX6696YAEE++ MAXIM-MAX6696YAEE+ Datasheet
299Kb / 19P
   Dual Remote/Local Temperature Sensors with SMBus Serial Interface
Rev 3; 4/11
More results

Similar Description - MAX6696

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6695 MAXIM-MAX6695_11 Datasheet
299Kb / 19P
   Dual Remote/Local Temperature Sensors with SMBus Serial Interface
Rev 3; 4/11
MAX1617A MAXIM-MAX1617A_12 Datasheet
343Kb / 20P
   Remote/Local Temperature Sensor with SMBus Serial Interface
Rev 1; 10/12
logo
Global Mixed-mode Techn...
G767 GMT-G767 Datasheet
393Kb / 14P
   Remote/Local Temperature Sensor with SMBus Serial Interface
logo
Maxim Integrated Produc...
MAX1617 MAXIM-MAX1617 Datasheet
226Kb / 20P
   Remote/Local Temperature Sensor with SMBus Serial Interface
19-1265; Rev 1; 3/98
MAX1617A MAXIM-MAX1617A_V01 Datasheet
1Mb / 20P
   Remote/Local Temperature Sensor with SMBus Serial Interface
2016
MAX1617 MAXIM-MAX1617_V01 Datasheet
1Mb / 20P
   Remote/Local Temperature Sensor with SMBus Serial Interface
2016
MAX1617 MAXIM-MAX1617_12 Datasheet
301Kb / 20P
   Remote/Local Temperature Sensor with SMBus Serial Interface
Rev 2; 11/12
MAX1617A MAXIM-MAX1617A Datasheet
234Kb / 18P
   Remote/Local Temperature Sensor with SMBus Serial Interface
19-4508; Rev 0; 1/99
logo
Global Mixed-mode Techn...
G788 GMT-G788 Datasheet
45Kb / 1P
   Remote and Local Temperature Sensor with SMBus Serial Interface
Ver: 0.4 Oct 16, 2013
logo
Maxim Integrated Produc...
MAX6680 MAXIM-MAX6680 Datasheet
194Kb / 17P
   Fail-Safe Remote/Local Temperature Sensors with SMBus Interface
Rev 0; 4/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com