Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN7362M Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FAN7362M
Description  High-Side Gate Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN7362M Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FAN7362M Datasheet HTML 1Page - Fairchild Semiconductor FAN7362M Datasheet HTML 2Page - Fairchild Semiconductor FAN7362M Datasheet HTML 3Page - Fairchild Semiconductor FAN7362M Datasheet HTML 4Page - Fairchild Semiconductor FAN7362M Datasheet HTML 5Page - Fairchild Semiconductor FAN7362M Datasheet HTML 6Page - Fairchild Semiconductor FAN7362M Datasheet HTML 7Page - Fairchild Semiconductor FAN7362M Datasheet HTML 8Page - Fairchild Semiconductor FAN7362M Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
© 2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN7361, FAN7362 Rev. 1.0.5
4
Absolute Maximum Ratings
The “Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed. The
device should not be operated at these limits. The parametric values defined in the Electrical Characteristics tables
are not guaranteed at the absolute maximum ratings. The “Recommended Operating Conditions” table defines the
conditions for actual device operation.
VS
High-Side Offset Voltage
VB-25
VB+0.3
V
VB
High-Side Floating Supply Voltage
-0.3
625
VHO
High-Side Floating Output Voltage
VS-0.3
VB+0.3
VCC
Logic Fixed Supply Voltage
-0.3
25
VIN
Logic Input Voltage
-0.3
VCC+0.3
dVS/dt
Allowable Offset Voltage Slew Rate
± 50
V/nsec
PD
Power Dissipation
0.625
W
Rthja
Thermal Resistance, Junction-to-Ambient
200
°C/W
TJ
Junction Temperature
150
°C
TS
Storage Temperature
150
°C
Recommended Operating Conditions
VB
High-Side Floating Supply Voltage
VS+10
VS+20
V
VS
High-Side Floating Supply Offset Voltage
6-VCC
600
VHO
High-Side Output Voltage
VS
VB
VIN
Logic Input Voltage
GND
VCC
VCC
Logic Supply Voltage
10
20
TA
Ambient Temperature
-40
125
°C
.
Symbol
Characteristics
Min.
Max.
Unit
Symbol
Parameter
Min.
Max.
Unit


Similar Part No. - FAN7362M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7362M FAIRCHILD-FAN7362M Datasheet
444Kb / 9P
   High-Side Gate Driver
FAN7362M FAIRCHILD-FAN7362M Datasheet
1Mb / 9P
   High-Side Gate Driver
FAN7362M FAIRCHILD-FAN7362M Datasheet
1Mb / 9P
   High-Side Gate Driver
logo
ON Semiconductor
FAN7362M ONSEMI-FAN7362M Datasheet
854Kb / 11P
   High-Side Gate Driver
November 2009 Rev. 1.0.8
logo
Fairchild Semiconductor
FAN7362MX FAIRCHILD-FAN7362MX Datasheet
444Kb / 9P
   High-Side Gate Driver
More results

Similar Description - FAN7362M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7081 FAIRCHILD-FAN7081 Datasheet
295Kb / 16P
   High Side Gate Driver
FAN7361 FAIRCHILD-FAN7361_07 Datasheet
444Kb / 9P
   High-Side Gate Driver
FAN7362 FAIRCHILD-FAN7362_09 Datasheet
1Mb / 9P
   High-Side Gate Driver
logo
ON Semiconductor
FAN7361 ONSEMI-FAN7361 Datasheet
854Kb / 11P
   High-Side Gate Driver
November 2009 Rev. 1.0.8
FAN7083-GF085 ONSEMI-FAN7083-GF085 Datasheet
466Kb / 18P
   High Side Gate Driver
September-2017,Rev. 2
logo
Fairchild Semiconductor
FAN7081 FAIRCHILD-FAN7081_1 Datasheet
306Kb / 16P
   High Side Gate Driver
FAN7361 FAIRCHILD-FAN7361_09 Datasheet
1Mb / 9P
   High-Side Gate Driver
logo
ON Semiconductor
FAN7081-GF085 ONSEMI-FAN7081-GF085 Datasheet
447Kb / 15P
   High Side Gate Driver
September-2017, Rev.2
logo
Allegro MicroSystems
A3942 ALLEGRO-A3942 Datasheet
501Kb / 20P
   Quad High-Side Gate Driver
logo
Diodes Incorporated
DGD2012 DIODES-DGD2012 Datasheet
497Kb / 11P
   HIGH-SIDE AND LOW-SIDE GATE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com