Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSSK50-015A Datasheet(PDF) 1 Page - IXYS Corporation

Part # DSSK50-015A
Description  Power Schottky Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

DSSK50-015A Datasheet(HTML) 1 Page - IXYS Corporation

  DSSK50-015A Datasheet HTML 1Page - IXYS Corporation DSSK50-015A Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2003 IXYS All rights reserved
1 - 2
Pulse test:
Pulse Width = 5 ms, Duty Cycle < 2.0 %
Data according to IEC 60747 and per diode unless otherwise specified
IXYS reserves the right to change limits, Conditions and dimensions.
Power Schottky Rectifier
with common cathode
TO-247 AD
A = Anode, C = Cathode , TAB = Cathode
A
A
C
C (TAB)
Features
• International standard package
• Very low V
F
• Extremely low switching losses
• Low I
RM-values
• Epoxy meets UL 94V-0
Applications
• Rectifiers in switch mode power
supplies (SMPS)
• Free wheeling diode in low voltage
converters
Advantages
• High reliability circuit operation
• Low voltage peaks for reduced
protection circuits
• Low noise switching
• Low losses
Dimensions see Outlines.pdf
AC
A
I
FAV
= 2x25 A
V
RRM = 150 V
V
F
= 0.68 V
Symbol
Conditions
Maximum Ratings
I
FRMS
70
A
I
FAV
T
C = 150
°C; rectangular, d = 0.5
25
A
I
FAV
T
C = 150
°C; rectangular, d = 0.5; per device
50
A
I
FSM
T
VJ = 45°C; tp = 10 ms (50 Hz), sine
450
A
E
AS
I
AS = tbd A; L = 180 µH; TVJ = 25°C; non repetitive
tbd
mJ
I
AR
V
A =1.5 • VRRM typ.; f=10 kHz; repetitive
tbd
A
(dv/dt)
cr
18
kV/µs
T
VJ
-55...+175
°C
T
VJM
175
°C
T
stg
-55...+150
°C
P
tot
T
C = 25
°C
135
W
M
d
mounting torque M3
0.8...1.2
Nm
Weight
typical
6
g
DSSK 50-015A
V
RSM
V
RRM
Type
V
V
150
150
DSSK 50-015A
Symbol
Conditions
Characteristic Values
typ.
max.
I
R
T
VJ =
25
°CV
R = VRRM
1.5
mA
T
VJ = 125
°CV
R = VRRM
10
mA
V
F
I
F =
25 A;
T
VJ = 125
°C
0.68
V
I
F =
25 A;
T
VJ =25
°C
0.81
V
I
F =
50 A;
T
VJ = 125
°C
0.81
V
R
thJC
1.1
K/W
R
thCH
0.25
K/W
Preliminary Data


Similar Part No. - DSSK50-015A

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
DSSK50-015A ISC-DSSK50-015A Datasheet
247Kb / 2P
   Schottky Barrier Rectifier
More results

Similar Description - DSSK50-015A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS1645D STMICROELECTRONICS-STPS1645D Datasheet
47Kb / 4P
   POWER SCHOTTKY RECTIFIER
STPS1545CFP STMICROELECTRONICS-STPS1545CFP Datasheet
136Kb / 8P
   POWER SCHOTTKY RECTIFIER
logo
IXYS Corporation
DSS2X41-01A IXYS-DSS2X41-01A Datasheet
47Kb / 2P
   Power Schottky Rectifier
DSS2X61-0045A IXYS-DSS2X61-0045A Datasheet
38Kb / 2P
   Power Schottky Rectifier
DSS2X101-02A IXYS-DSS2X101-02A Datasheet
48Kb / 2P
   Power Schottky Rectifier
logo
STMicroelectronics
STPS10L60C STMICROELECTRONICS-STPS10L60C Datasheet
122Kb / 8P
   Power Schottky rectifier
STPS3045CT STMICROELECTRONICS-STPS3045CT_03 Datasheet
196Kb / 9P
   POWER SCHOTTKY RECTIFIER
STPS6045CP STMICROELECTRONICS-STPS6045CP_03 Datasheet
118Kb / 5P
   POWER SCHOTTKY RECTIFIER
STPS30120C STMICROELECTRONICS-STPS30120C Datasheet
117Kb / 8P
   Power Schottky rectifier
STPS30M60S STMICROELECTRONICS-STPS30M60S Datasheet
178Kb / 9P
   Power Schottky rectifier
STPS2H100 STMICROELECTRONICS-STPS2H100_10 Datasheet
129Kb / 10P
   Power Schottky rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com