Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90CR486 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DS90CR486
Description  133MHz 48-Bit Channel Lick Deserializer (6.384 Gbps)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90CR486 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button DS90CR486 Datasheet HTML 5Page - National Semiconductor (TI) DS90CR486 Datasheet HTML 6Page - National Semiconductor (TI) DS90CR486 Datasheet HTML 7Page - National Semiconductor (TI) DS90CR486 Datasheet HTML 8Page - National Semiconductor (TI) DS90CR486 Datasheet HTML 9Page - National Semiconductor (TI) DS90CR486 Datasheet HTML 10Page - National Semiconductor (TI) DS90CR486 Datasheet HTML 11Page - National Semiconductor (TI) DS90CR486 Datasheet HTML 12Page - National Semiconductor (TI) DS90CR486 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
DS90CR486 Outputs Mapped to DS90CR485 Outputs/DS90CR483 Inputs
DS90CR486 Receiver Output
DS90CR485 Transmitter Input *
DS90CR483 Transmitter Input
RxOUT0
E2-D0
TxIN0
RxOUT1
E2-D1
TxIN1
RxOUT2
E2-D2
TxIN2
RxOUT3
E2-D3
TxIN3
RxOUT4
E2-D4
TxIN4
RxOUT5
E2-D5
TxIN5
RxOUT6
E2-D6
TxIN6
RxOUT7
E2-D7
TxIN7
RxOUT8
E2-D8
TxIN8
RxOUT9
E2-D9
TxIN9
RxOUT10
E2-D10
TxIN10
RxOUT11
E2-D11
TxIN11
RxOUT12
E2-D12
TxIN12
RxOUT13
E2-D13
TxIN13
RxOUT14
E2-D14
TxIN14
RxOUT15
E2-D15
TxIN15
RxOUT16
E2-D16
TxIN16
RxOUT17
E2-D17
TxIN17
RxOUT18
E2-D18
TxIN18
RxOUT19
E2-D19
TxIN19
RxOUT20
E2-D20
TxIN20
RxOUT21
E2-D21
TxIN21
RxOUT22
E2-D22
TxIN22
RxOUT23
E2-D23
TxIN23
RxOUT24
E1-D0
TxIN24
RxOUT25
E1-D1
TxIN25
RxOUT26
E1-D2
TxIN26
RxOUT27
E1-D3
TxIN27
RxOUT28
E1-D4
TxIN28
RxOUT29
E1-D5
TxIN29
RxOUT30
E1-D6
TxIN30
RxOUT31
E1-D7
TxIN31
RxOUT32
E1-D8
TxIN32
RxOUT33
E1-D9
TxIN33
RxOUT34
E1-D10
TxIN34
RxOUT35
E1-D11
TxIN35
RxOUT36
E1-D12
TxIN36
RxOUT37
E1-D13
TxIN37
RxOUT38
E1-D14
TxIN38
RxOUT39
E1-D15
TxIN39
RxOUT40
E1-D16
TxIN40
RxOUT41
E1-D17
TxIN41
RxOUT42
E1-D18
TxIN42
RxOUT43
E1-D19
TxIN43
RxOUT44
E1-D20
TxIN44
RxOUT45
E1-D21
TxIN45
RxOUT46
E1-D22
TxIN46
RxOUT47
E1-D23
TxIN47
* E1 = Falling Edge and E2 = Rising Edge of RxCLK P/M Input Clock Edge
www.national.com
9


Similar Part No. - DS90CR486

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90CR486 NSC-DS90CR486 Datasheet
359Kb / 18P
   133MHz 48-Bit Channel Link Deserializer (6.384 Gbps)
logo
Texas Instruments
DS90CR486 TI1-DS90CR486 Datasheet
1Mb / 22P
[Old version datasheet]   133MHz 48-Bit Channel Link Deserializer (6.384 Gbps)
logo
National Semiconductor ...
DS90CR486VS NSC-DS90CR486VS Datasheet
359Kb / 18P
   133MHz 48-Bit Channel Link Deserializer (6.384 Gbps)
logo
Texas Instruments
DS90CR486VS/NOPB TI1-DS90CR486VS/NOPB Datasheet
1Mb / 22P
[Old version datasheet]   133MHz 48-Bit Channel Link Deserializer (6.384 Gbps)
DS90CR486VSX/NOPB TI1-DS90CR486VSX/NOPB Datasheet
1Mb / 22P
[Old version datasheet]   133MHz 48-Bit Channel Link Deserializer (6.384 Gbps)
More results

Similar Description - DS90CR486

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90CR486 NSC-DS90CR486_06 Datasheet
359Kb / 18P
   133MHz 48-Bit Channel Link Deserializer (6.384 Gbps)
logo
Texas Instruments
DS90CR486 TI1-DS90CR486_15 Datasheet
1Mb / 22P
[Old version datasheet]   133MHz 48-Bit Channel Link Deserializer (6.384 Gbps)
logo
National Semiconductor ...
DS90CR485 NSC-DS90CR485 Datasheet
330Kb / 16P
   133MHz 48-bit Channel Link Serializer (6.384 Gbps)
logo
Texas Instruments
DS90CR485 TI1-DS90CR485_15 Datasheet
1Mb / 22P
[Old version datasheet]   133MHz 48-bit Channel Link Serializer (6.384 Gbps)
logo
National Semiconductor ...
DS90CR483 NSC-DS90CR483 Datasheet
348Kb / 17P
   48-Bit LVDS Channel Link Serializer/Deserializer
DS25C400 NSC-DS25C400 Datasheet
409Kb / 26P
   Quad 2.5 Gbps Serializer/Deserializer
DS92LV1260 NSC-DS92LV1260 Datasheet
366Kb / 17P
   Six Channel 10 Bit BLVDS Deserializer
logo
Texas Instruments
DS92LV1260 TI1-DS92LV1260_14 Datasheet
714Kb / 21P
[Old version datasheet]   Six Channel 10 Bit BLVDS Deserializer
logo
Maxim Integrated Produc...
MAX96708 MAXIM-MAX96708 Datasheet
1Mb / 68P
   14-Bit GMSL Deserializer
Rev 0; 2/16
logo
List of Unclassifed Man...
CPCI-6615 ETC2-CPCI-6615 Datasheet
498Kb / 2P
   PCI-X 64-bit/133MHz PMC slot
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com