Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90CR486 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DS90CR486
Description  133MHz 48-Bit Channel Lick Deserializer (6.384 Gbps)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90CR486 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DS90CR486 Datasheet HTML 1Page - National Semiconductor (TI) DS90CR486 Datasheet HTML 2Page - National Semiconductor (TI) DS90CR486 Datasheet HTML 3Page - National Semiconductor (TI) DS90CR486 Datasheet HTML 4Page - National Semiconductor (TI) DS90CR486 Datasheet HTML 5Page - National Semiconductor (TI) DS90CR486 Datasheet HTML 6Page - National Semiconductor (TI) DS90CR486 Datasheet HTML 7Page - National Semiconductor (TI) DS90CR486 Datasheet HTML 8Page - National Semiconductor (TI) DS90CR486 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Absolute Maximum Ratings (Note 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
CC)
−0.3V to +3.6V
LVCMOS/LVTTL Output
Voltage
−0.3V to (V
CC + 0.3V)
LVDS Receiver Input
Voltage
−0.3V to +3.6V
Junction Temperature
+150˚C
Storage Temperature
−65˚C to +150˚C
Lead Temperature
(Soldering, 4 sec.)
+260˚C
Maximum Package Power Dissipation Capacity @
25˚C
100 TQFP Package:
2.9 W
Package Derating:
23.8 mW/˚C above +25˚C
ESD Rating:
(HBM, 1.5k
Ω, 100pF)
> 2kV
(EIAJ, 0
Ω, 200pF)
> 200 V
Recommended Operating
Conditions
Min
Nom
Max
Units
Supply Voltage (V
CC)
3.14
3.3
3.46
V
Operating Free Air
Temperature (T
A)
−10
+25
+70
˚C
Receiver Input Range
0
2.4
V
Supply Noise Voltage (V
CC)
100
mV
p-p
Clock Rate
66
133
MHz
Electrical Characteristics
Over recommended operating supply and temperature ranges unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
LVCMOS/LVTTL DC SPECIFICATIONS
V
IH
High Level Input
Voltage
All LVCMOS/LVTTL inputs except PD .
2.0
V
CC
V
For PD input only.
2.5
V
CC
V
V
IL
Low Level Input
Voltage
GND
0.8
V
I
IN
Input Current
V
IN = 0.4V, 2.5V, or VCC (Note 1)
+1.8
+15
µA
V
IN = GND
−15
0
µA
V
OH
High Level Output
Voltage
I
OH =−2mA
2.0
V
V
OL
Low Level Output
Voltage
I
OL =+2mA
0.4
V
I
OS
Output Short Circuit
Current
V
OUT = 0V
−120
mA
V
CL
Input Clamp Voltage
I
CL = −18 mA
−0.8
−1.5
V
LVDS RECEIVER DC SPECIFICATIONS
V
TH
Differential Input High
Threshold
V
CM = +1.2V
+100
mV
V
TL
Differential Input Low
Threshold
−100
mV
I
IN
Input Current
V
IN = +2.4V, VCC = 3.6V
±10
µA
V
IN = 0V, VCC = 3.6V
±10
µA
RECEIVER SUPPLY CURRENT
ICCRW
Receiver Supply
Current
Worst Case
C
L = 8 pF, BAL = Low,
Worst Case Pattern
(Figures 1, 2)
f = 66 MHz
190
245
mA
f = 100 MHz
230
325
mA
f = 133 MHz
270
340
mA
ICCRZ
Receiver Supply
Current
Power Down
PD = Low
Receiver Outputs stay low during Power down
mode.
60
110
µA
www.national.com
2


Similar Part No. - DS90CR486

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90CR486 NSC-DS90CR486 Datasheet
359Kb / 18P
   133MHz 48-Bit Channel Link Deserializer (6.384 Gbps)
logo
Texas Instruments
DS90CR486 TI1-DS90CR486 Datasheet
1Mb / 22P
[Old version datasheet]   133MHz 48-Bit Channel Link Deserializer (6.384 Gbps)
logo
National Semiconductor ...
DS90CR486VS NSC-DS90CR486VS Datasheet
359Kb / 18P
   133MHz 48-Bit Channel Link Deserializer (6.384 Gbps)
logo
Texas Instruments
DS90CR486VS/NOPB TI1-DS90CR486VS/NOPB Datasheet
1Mb / 22P
[Old version datasheet]   133MHz 48-Bit Channel Link Deserializer (6.384 Gbps)
DS90CR486VSX/NOPB TI1-DS90CR486VSX/NOPB Datasheet
1Mb / 22P
[Old version datasheet]   133MHz 48-Bit Channel Link Deserializer (6.384 Gbps)
More results

Similar Description - DS90CR486

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90CR486 NSC-DS90CR486_06 Datasheet
359Kb / 18P
   133MHz 48-Bit Channel Link Deserializer (6.384 Gbps)
logo
Texas Instruments
DS90CR486 TI1-DS90CR486_15 Datasheet
1Mb / 22P
[Old version datasheet]   133MHz 48-Bit Channel Link Deserializer (6.384 Gbps)
logo
National Semiconductor ...
DS90CR485 NSC-DS90CR485 Datasheet
330Kb / 16P
   133MHz 48-bit Channel Link Serializer (6.384 Gbps)
logo
Texas Instruments
DS90CR485 TI1-DS90CR485_15 Datasheet
1Mb / 22P
[Old version datasheet]   133MHz 48-bit Channel Link Serializer (6.384 Gbps)
logo
National Semiconductor ...
DS90CR483 NSC-DS90CR483 Datasheet
348Kb / 17P
   48-Bit LVDS Channel Link Serializer/Deserializer
DS25C400 NSC-DS25C400 Datasheet
409Kb / 26P
   Quad 2.5 Gbps Serializer/Deserializer
DS92LV1260 NSC-DS92LV1260 Datasheet
366Kb / 17P
   Six Channel 10 Bit BLVDS Deserializer
logo
Texas Instruments
DS92LV1260 TI1-DS92LV1260_14 Datasheet
714Kb / 21P
[Old version datasheet]   Six Channel 10 Bit BLVDS Deserializer
logo
Maxim Integrated Produc...
MAX96708 MAXIM-MAX96708 Datasheet
1Mb / 68P
   14-Bit GMSL Deserializer
Rev 0; 2/16
logo
List of Unclassifed Man...
CPCI-6615 ETC2-CPCI-6615 Datasheet
498Kb / 2P
   PCI-X 64-bit/133MHz PMC slot
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com