Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AH281Z-YL Datasheet(PDF) 6 Page - Anachip Corp

Part # AH281Z-YL
Description  HALL-EFFECT SMART FAN MOTOR CONTROLLER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AH281Z-YL Datasheet(HTML) 6 Page - Anachip Corp

  AH281Z-YL Datasheet HTML 1Page - Anachip Corp AH281Z-YL Datasheet HTML 2Page - Anachip Corp AH281Z-YL Datasheet HTML 3Page - Anachip Corp AH281Z-YL Datasheet HTML 4Page - Anachip Corp AH281Z-YL Datasheet HTML 5Page - Anachip Corp AH281Z-YL Datasheet HTML 6Page - Anachip Corp AH281Z-YL Datasheet HTML 7Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
AH281
Hall-Effect Smart Fan Motor Controller
Anachip Corp.
www.anachip.com.tw
Rev 0.7 Apr 16, 2004
6/7
Package Information
(1)SIP-4L
Active Area Depth
Package Sensor Location
Marking side
0.7mm
1.97mm
1.04mm
123
4
Package Dimension
14.25mm
+/-1.25mm
1.03mm
+/-0.1
1.55mm
+/-0.1mm
0.38mm
+/-0.03mm
3.65mm
+/-0.1mm
1.42mm+/-0.1mm
1.27mm
+/-0.03mm
0.38mm
+/-0.03mm
0.30mm
+/-0.1mm
0.46mm +/-0.03mm
0.2mm Max.
5
o
-7
o
o
3
o
-5
o
3
o
-5
5
o
-7
o


Similar Part No. - AH281Z-YL

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AH280 ANACHIP-AH280 Datasheet
180Kb / 7P
   Hall-Effect Smart Fan Driver
AH280A-PA ANACHIP-AH280A-PA Datasheet
180Kb / 7P
   Hall-Effect Smart Fan Driver
AH280A-PAA ANACHIP-AH280A-PAA Datasheet
180Kb / 7P
   Hall-Effect Smart Fan Driver
AH280A-PAB ANACHIP-AH280A-PAB Datasheet
180Kb / 7P
   Hall-Effect Smart Fan Driver
AH280A-PB ANACHIP-AH280A-PB Datasheet
180Kb / 7P
   Hall-Effect Smart Fan Driver
More results

Similar Description - AH281Z-YL

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AH282 ANACHIP-AH282 Datasheet
151Kb / 7P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
logo
Diodes Incorporated
AH285 DIODES-AH285 Datasheet
215Kb / 8P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH285 Rev. 2
logo
Anachip Corp
AH283 ANACHIP-AH283 Datasheet
151Kb / 7P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
logo
Diodes Incorporated
AH286 DIODES-AH286 Datasheet
186Kb / 10P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH286 Rev. 4
AH284 DIODES-AH284 Datasheet
236Kb / 9P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH284 Rev. 3
AH286 DIODES-AH286_10 Datasheet
90Kb / 9P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
logo
Anachip Corp
AH285 ANACHIP-AH285 Datasheet
201Kb / 9P
   Hall-Effect Smart Fan Motor Controller
AH284 ANACHIP-AH284 Datasheet
183Kb / 6P
   Hall-Effect Smart Fan Motor Controller
logo
Diodes Incorporated
AH284 DIODES-AH284_10 Datasheet
186Kb / 10P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH285 DIODES-AH285_10 Datasheet
105Kb / 9P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com