Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AH283-P Datasheet(PDF) 3 Page - Anachip Corp

Part # AH283-P
Description  HALL-EFFECT SMART FAN MOTOR CONTROLLER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AH283-P Datasheet(HTML) 3 Page - Anachip Corp

  AH283-P Datasheet HTML 1Page - Anachip Corp AH283-P Datasheet HTML 2Page - Anachip Corp AH283-P Datasheet HTML 3Page - Anachip Corp AH283-P Datasheet HTML 4Page - Anachip Corp AH283-P Datasheet HTML 5Page - Anachip Corp AH283-P Datasheet HTML 6Page - Anachip Corp AH283-P Datasheet HTML 7Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
AH283
Hall-Effect Smart Fan Motor Controller
Anachip Corp.
www.anachip.com.tw
Rev 0.7 Apr 16, 2004
3/7
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Output Zener-breakdown Voltage
Vz
38
V
Operating Supply Voltage
VCC
28
V
IO(AVE)
300
Output Current
IO(PEAK)
400
mA
SIP5
550
Power Dissipation
PD
SOT89-5
800
mW
Operating Temperature
Topr
-20 ~ 100
°C
Storage Temperature
Tstg
-55 ~ 150
°C
Maximum Junction Temp.
Tj
150
°C
Electrical Characteristics (Ta = 25 °C, V
CC = 12V, unless otherwise notice)
Characteristics
Symbol
Conditions
Min.
Typ.
Max.
Unit
Supply Voltage
Vcc
Operating
10
20
V
Supply current
cc
I
Operating
-
2.0
4.0
mA
Locked Protection On
Tlrp-on
0.4
Sec
Locked Protection Off
Tlrp-off
2.4
Sec
IO=150mA
-
375
-
Output saturation voltage
)
sat
(
OUT
V
IO=250mA
-
625
-
mV
Output On resistance
Rds(on)
2.6
ohm
RD output Vds
Vol
IO=10mA
0.5
V
Magnetic Characteristics (Ta = 25 °C, V
CC = 12V, unless otherwise specified)
(1mT=10 Gauss)
Characteristics
Symbol
Min.
Typ.
Max.
Unit
Operate Point
Bop
--
30
60
Gauss
Release Point
Brp
-60
-30
--
Gauss
Hysteresis
Bhy
--
60
--
Gauss


Similar Part No. - AH283-P

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AH280 ANACHIP-AH280 Datasheet
180Kb / 7P
   Hall-Effect Smart Fan Driver
AH280A-PA ANACHIP-AH280A-PA Datasheet
180Kb / 7P
   Hall-Effect Smart Fan Driver
AH280A-PAA ANACHIP-AH280A-PAA Datasheet
180Kb / 7P
   Hall-Effect Smart Fan Driver
AH280A-PAB ANACHIP-AH280A-PAB Datasheet
180Kb / 7P
   Hall-Effect Smart Fan Driver
AH280A-PB ANACHIP-AH280A-PB Datasheet
180Kb / 7P
   Hall-Effect Smart Fan Driver
More results

Similar Description - AH283-P

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AH282 ANACHIP-AH282 Datasheet
151Kb / 7P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
logo
Diodes Incorporated
AH285 DIODES-AH285 Datasheet
215Kb / 8P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH285 Rev. 2
logo
Anachip Corp
AH281 ANACHIP-AH281 Datasheet
147Kb / 7P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
logo
Diodes Incorporated
AH286 DIODES-AH286 Datasheet
186Kb / 10P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH286 Rev. 4
AH284 DIODES-AH284 Datasheet
236Kb / 9P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH284 Rev. 3
AH286 DIODES-AH286_10 Datasheet
90Kb / 9P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
logo
Anachip Corp
AH285 ANACHIP-AH285 Datasheet
201Kb / 9P
   Hall-Effect Smart Fan Motor Controller
AH284 ANACHIP-AH284 Datasheet
183Kb / 6P
   Hall-Effect Smart Fan Motor Controller
logo
Diodes Incorporated
AH284 DIODES-AH284_10 Datasheet
186Kb / 10P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH285 DIODES-AH285_10 Datasheet
105Kb / 9P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com