Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VN2222LLRLRM Datasheet(PDF) 3 Page - ON Semiconductor

Part # VN2222LLRLRM
Description  Small Signal MOSFET 150 mAmps, 60 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

VN2222LLRLRM Datasheet(HTML) 3 Page - ON Semiconductor

  VN2222LLRLRM Datasheet HTML 1Page - ON Semiconductor VN2222LLRLRM Datasheet HTML 2Page - ON Semiconductor VN2222LLRLRM Datasheet HTML 3Page - ON Semiconductor VN2222LLRLRM Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
VN2222LL
http://onsemi.com
3
VDS, DRAIN−SOURCE VOLTAGE (VOLTS)
0.6
0.4
0.2
0.8
1.2
1
0
1
234
5
1.6
1.4
67
8
910
Figure 1. Ohmic Region
VGS, GATE−SOURCE VOLTAGE (VOLTS)
01
2
3
4
5
67
8
910
1.8
2
0.6
0.4
0.2
0.8
1
T, TEMPERATURE (°C)
T, TEMPERATURE (°C)
0.4
1
0.8
0.6
1.2
1.6
1.4
−60
−20
+20
2
1.8
+60
+100
+140
2.2
2.4
−60
−20
0
+20
+60
+100
+140
0.7
0.85
0.8
0.75
0.9
1
0.95
1.1
1.05
1.15
1.2
Figure 2. Transfer Characteristics
Figure 3. Temperature versus Static
Drain−Source On−Resistance
Figure 4. Temperature versus Gate
Threshold Voltage
TA = 25°C
VGS = 10 V
9 V
8 V
7 V
6 V
5 V
4 V
3 V
VDS = 10 V
25°C
125°C
−55°C
VGS = 10 V
ID = 200 mA
VDS = VGS
ID = 1 mA


Similar Part No. - VN2222LLRLRM

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
VN2222LL MOTOROLA-VN2222LL Datasheet
68Kb / 4P
   TMOS FET Transistor
logo
Supertex, Inc
VN2222LL SUTEX-VN2222LL Datasheet
433Kb / 2P
   N-Channel Enhancement-Mode Vertical DMOS FETs
logo
Calogic, LLC
VN2222LL CALOGIC-VN2222LL Datasheet
24Kb / 2P
   N-Channel Enhancement-Mode MOS Transistors
logo
Vishay Siliconix
VN2222LL VISHAY-VN2222LL Datasheet
41Kb / 4P
   N-Channel 60-V (D-S) MOSFETs
Rev. G, 16-Jul-01
logo
Zetex Semiconductors
VN2222LL ZETEX-VN2222LL Datasheet
18Kb / 1P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
More results

Similar Description - VN2222LLRLRM

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
L2N7003LT1 LRC-L2N7003LT1 Datasheet
149Kb / 3P
   Small Signal MOSFET 115 mAmps, 60 Volts
logo
ON Semiconductor
2N7000G ONSEMI-2N7000G Datasheet
92Kb / 4P
   Small Signal MOSFET 200 mAmps, 60 Volts
April, 2011 ??Rev. 8
logo
First Silicon Co., Ltd
FTK7002K FS-FTK7002K Datasheet
370Kb / 6P
   Small Signal MOSFET 380 mAmps, 60 Volts
logo
Leshan Radio Company
L2N7002EM3T5G LRC-L2N7002EM3T5G Datasheet
247Kb / 4P
   Small Signal MOSFET 115 mAmps, 60 Volts
L2N7002SWT1G LRC-L2N7002SWT1G Datasheet
449Kb / 7P
   Small Signal MOSFET 380 mAmps, 60 Volts
L2N7002M3T5G LRC-L2N7002M3T5G Datasheet
173Kb / 4P
   Small Signal MOSFET 115 mAmps, 60 Volts
L2N7002KN3T5G LRC-L2N7002KN3T5G Datasheet
230Kb / 5P
   Small Signal MOSFET 380 mAmps, 60 Volts
logo
Shenzhen Huazhimei Semi...
HM7002DM HMSEMI-HM7002DM Datasheet
326Kb / 5P
   Small Signal MOSFET 115 mAmps, 60 Volts
logo
First Silicon Co., Ltd
FTK7002U FS-FTK7002U Datasheet
734Kb / 4P
   Small Signal MOSFET 115 mAmps, 60 Volts
logo
Leshan Radio Company
L2N7002LT1 LRC-L2N7002LT1 Datasheet
70Kb / 3P
   Small Signal MOSFET 115 mAmps, 60 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com