Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U6803B-MFP Datasheet(PDF) 1 Page - ATMEL Corporation

Part # U6803B-MFP
Description  Triple-Driver IC with Thermal Monitoring
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

U6803B-MFP Datasheet(HTML) 1 Page - ATMEL Corporation

  U6803B-MFP Datasheet HTML 1Page - ATMEL Corporation U6803B-MFP Datasheet HTML 2Page - ATMEL Corporation U6803B-MFP Datasheet HTML 3Page - ATMEL Corporation U6803B-MFP Datasheet HTML 4Page - ATMEL Corporation U6803B-MFP Datasheet HTML 5Page - ATMEL Corporation U6803B-MFP Datasheet HTML 6Page - ATMEL Corporation U6803B-MFP Datasheet HTML 7Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Rev. 4762A–AUTO–11/03
Features
Three Input Comparators with Schmitt-trigger Characteristic
Input Clamping Current Capability of ±10 mA
Integrated Protection Cells (EMC, ESD, RF) Dedicated to all Input Stages
Common Shutdown by Junction-temperature Monitor
Reset with Hysteresis at Low Voltage
ESD Protection Acording to Human Body Model:
±2000 V (C = 100 pF, R = 1.5 k
Ω)
Output Stages:
– Short-circuit Protected
– Load-dump Protected at 1 k
– No Crosstalk on Adjacent Channels
– Jump Start Possible
Description
The triple driver IC includes three non-inverted and current-limited output stages with
an open collector. Common thermal shutdown protects the outputs against critical
junction temperatures. Each output can sink a current of 20 mA, parallel output opera-
tion is possible. The digital inputs have Schmitt-trigger function with pull-up resistors to
5 V.
Figure 1. Block Diagram
Under-
voltage
detection
V
S = 5 V
7
1
3
4
85
6
2
V
S
V
I3
GND
Thermal
shutdown
V
I2
V
I1
V
S
V
O1
V
O2
V
O3
Triple Driver IC
with Thermal
Monitoring
U6803B


Similar Part No. - U6803B-MFP

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U6803B-MFPG3Y ATMEL-U6803B-MFPG3Y Datasheet
165Kb / 6P
   Triple Driver IC with Thermal Monitoring
U6803B-MFPY ATMEL-U6803B-MFPY Datasheet
165Kb / 6P
   Triple Driver IC with Thermal Monitoring
More results

Similar Description - U6803B-MFP

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U6803B ATMEL-U6803B_05 Datasheet
165Kb / 6P
   Triple Driver IC with Thermal Monitoring
logo
TEMIC Semiconductors
U6803B TEMIC-U6803B Datasheet
97Kb / 6P
   Triple-Driver with Thermal Monitoring
logo
ATMEL Corporation
U6805B ATMEL-U6805B Datasheet
182Kb / 7P
   HEX DRIVER IC WITH THERMAL MONITORING
T6801 ATMEL-T6801_05 Datasheet
228Kb / 6P
   Single-channel Driver IC with Thermal Monitoring
logo
TEMIC Semiconductors
U6805B TEMIC-U6805B Datasheet
117Kb / 5P
   Hex-Driver with Thermal Monitoring
logo
ATMEL Corporation
T6801 ATMEL-T6801 Datasheet
190Kb / 6P
   Single-channel Driver IC with Driver IC with Monitoring
logo
SMSC Corporation
MON35W42 SMSC-MON35W42 Datasheet
213Kb / 60P
   Hardware Monitoring IC with Thermal Diode Interface
logo
Winbond
W83L784R WINBOND-W83L784R Datasheet
1Mb / 56P
   Monitoring IC
W83782D WINBOND-W83782D Datasheet
387Kb / 44P
   MONITORING IC
W83783S WINBOND-W83783S_04 Datasheet
450Kb / 56P
   Monitoring IC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com