Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T0800-TNQ Datasheet(PDF) 10 Page - ATMEL Corporation

Part # T0800-TNQ
Description  5-CHANNEL LASER DRIVER WITH RF OSCILLATOR AND 2 OUTPUTS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T0800-TNQ Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button T0800-TNQ Datasheet HTML 6Page - ATMEL Corporation T0800-TNQ Datasheet HTML 7Page - ATMEL Corporation T0800-TNQ Datasheet HTML 8Page - ATMEL Corporation T0800-TNQ Datasheet HTML 9Page - ATMEL Corporation T0800-TNQ Datasheet HTML 10Page - ATMEL Corporation T0800-TNQ Datasheet HTML 11Page - ATMEL Corporation T0800-TNQ Datasheet HTML 12Page - ATMEL Corporation T0800-TNQ Datasheet HTML 13Page - ATMEL Corporation T0800-TNQ Datasheet HTML 14Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
4503D–DVD–02/05
T0800
Figure 9-4.
Transfer Characteristic of all Channels (Gain = 111)
Figure 9-5.
Output Characteristic (Voltage Compliance) R(IOUT) = 5.8
Figure 9-6.
Output Pulse, Read: 50 mA, Write: 250 mA pk-pk
0
50
100
150
200
250
300
350
0.0
500.0
1000.0
1500.0
2000.0
2500.0
3000.0
IR/I2/I3/I4/I5 (mA)
0
50
100
150
200
250
300
350
0.0
1.0
2.0
3.0
4.0
5.0
VCC - V(IOUT)/V


Similar Part No. - T0800-TNQ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
T080 ETC1-T080 Datasheet
130Kb / 1P
   DIL 14 PIN SINGLE OUTPUT
T0805C220BCT ETC2-T0805C220BCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
T0805C220BCT ETC2-T0805C220BCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
T0805C220CCT ETC2-T0805C220CCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
T0805C220DCT ETC2-T0805C220DCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
More results

Similar Description - T0800-TNQ

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T0806 ATMEL-T0806 Datasheet
241Kb / 7P
   3 CHANNEL LASER DRIVER WITH RF OSCILLATOR AND 2 OUTPUTS
T0806 ATMEL-T0806_05 Datasheet
282Kb / 8P
   3-channel Laser Driver with RF Oscillator and 2 Outputs
ATR0808 ATMEL-ATR0808 Datasheet
240Kb / 8P
   Three Channel Laser Driver with RF Oscillator and Two Outputs
ATR0809 ATMEL-ATR0809 Datasheet
222Kb / 8P
   FOUR CHANNEL LASER DRIVER WITH RF OSCILLATOR AND TWO OUTPUTS
ATR0807 ATMEL-ATR0807 Datasheet
230Kb / 8P
   THREE CHANNEL LASER DRIVER WITH RF OSCILLATOR AND TWO OUTPUTS
T0816 ATMEL-T0816 Datasheet
352Kb / 14P
   3 - CHANNEL LASER DRIVER WITH RF OSCILLATOR
T0816 ATMEL-T0816_05 Datasheet
378Kb / 15P
   3-channel Laser Driver with RF Oscillator
T0820 ATMEL-T0820 Datasheet
187Kb / 11P
   4 CHANNEL LASER DRIVER WITH RF OSCILLATOR
T0820 ATMEL-T0820_05 Datasheet
278Kb / 12P
   4-channel Laser Driver with RF Oscillator
logo
Elantec Semiconductor
EL6252C ELANTEC-EL6252C Datasheet
39Kb / 2P
   2-Channel laser diode Driver Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com