Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T0800 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # T0800
Description  5-CHANNEL LASER DRIVER WITH RF OSCILLATOR AND 2 OUTPUTS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T0800 Datasheet(HTML) 2 Page - ATMEL Corporation

  T0800 Datasheet HTML 1Page - ATMEL Corporation T0800 Datasheet HTML 2Page - ATMEL Corporation T0800 Datasheet HTML 3Page - ATMEL Corporation T0800 Datasheet HTML 4Page - ATMEL Corporation T0800 Datasheet HTML 5Page - ATMEL Corporation T0800 Datasheet HTML 6Page - ATMEL Corporation T0800 Datasheet HTML 7Page - ATMEL Corporation T0800 Datasheet HTML 8Page - ATMEL Corporation T0800 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
4503D–DVD–02/05
T0800
2.
Pin Configuration
Figure 2-1.
Pinning SSO24
IR
I2
I3
I4
I5
RFA
RFB
NE2
NE3
NE4
NE5
ENABLE
VCC1
VCC2
IOUTA
IOUTA
GND
RSA
RSB
IOUTB
IOUTB
SELA
ENOSC
VCC2
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
Table 2-1.
Pin Description: SSO24
Pin
Symbol
Type
Function
1
IR
Analog
Input current, bias voltage approximately GND
2
I2
Analog
Input current, bias voltage approximately GND
3
I3
Analog
Input current, bias voltage approximately GND
4
I4
Analog
Input current, bias voltage approximately GND
5
I5
Analog
Input current, bias voltage approximately GND
6
RFA
Analog
External resistor to GND sets frequency of oscillator A
7
RFB
Analog
External resistor to GND sets frequency of oscillator B
8
NE2
Digital
Digital control of channel 2 (low active)
9
NE3
Digital
Digital control of channel 3 (low active)
10
NE4
Digital
Digital control of channel 4 (low active)
11
NE5
Digital
Digital control of channel 5 (low active)
12
ENABLE
Digital
Enables output current (high active)
13
VCC2
Supply
+5 V power supply for IOUT
14
ENOSC
Digital
Enables RF oscillator (high active)
15
SELA
Digital
High: selects IOUTA, RFA, RSA
Low: selects IOUTB, RFB, RSB
16/17
IOUTB
Analog
Output current source B for laser diode
18
RSB
Analog
External resistor to GND sets swing of oscillator B
19
RSA
Analog
External resistor to GND sets swing of oscillator A
20
GND
Supply
Ground
21/22
IOUTA
Analog
Output current source A for laser diode
23
VCC2
Supply
+5 V power supply for IOUT
24
VCC1
Supply
+5 V power supply for circuit


Similar Part No. - T0800

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
T080 ETC1-T080 Datasheet
130Kb / 1P
   DIL 14 PIN SINGLE OUTPUT
T0805C220BCT ETC2-T0805C220BCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
T0805C220BCT ETC2-T0805C220BCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
T0805C220CCT ETC2-T0805C220CCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
T0805C220DCT ETC2-T0805C220DCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
More results

Similar Description - T0800

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T0806 ATMEL-T0806 Datasheet
241Kb / 7P
   3 CHANNEL LASER DRIVER WITH RF OSCILLATOR AND 2 OUTPUTS
T0806 ATMEL-T0806_05 Datasheet
282Kb / 8P
   3-channel Laser Driver with RF Oscillator and 2 Outputs
ATR0808 ATMEL-ATR0808 Datasheet
240Kb / 8P
   Three Channel Laser Driver with RF Oscillator and Two Outputs
ATR0809 ATMEL-ATR0809 Datasheet
222Kb / 8P
   FOUR CHANNEL LASER DRIVER WITH RF OSCILLATOR AND TWO OUTPUTS
ATR0807 ATMEL-ATR0807 Datasheet
230Kb / 8P
   THREE CHANNEL LASER DRIVER WITH RF OSCILLATOR AND TWO OUTPUTS
T0816 ATMEL-T0816 Datasheet
352Kb / 14P
   3 - CHANNEL LASER DRIVER WITH RF OSCILLATOR
T0816 ATMEL-T0816_05 Datasheet
378Kb / 15P
   3-channel Laser Driver with RF Oscillator
T0820 ATMEL-T0820 Datasheet
187Kb / 11P
   4 CHANNEL LASER DRIVER WITH RF OSCILLATOR
T0820 ATMEL-T0820_05 Datasheet
278Kb / 12P
   4-channel Laser Driver with RF Oscillator
logo
Elantec Semiconductor
EL6252C ELANTEC-EL6252C Datasheet
39Kb / 2P
   2-Channel laser diode Driver Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com