Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PF08109B Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # PF08109B
Description  MOS FET Power Amplifier Module for E-GSM and DCS1800 Dual Band Handy Phone
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PF08109B Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button PF08109B Datasheet HTML 17Page - Renesas Technology Corp PF08109B Datasheet HTML 18Page - Renesas Technology Corp PF08109B Datasheet HTML 19Page - Renesas Technology Corp PF08109B Datasheet HTML 20Page - Renesas Technology Corp PF08109B Datasheet HTML 21Page - Renesas Technology Corp PF08109B Datasheet HTML 22Page - Renesas Technology Corp PF08109B Datasheet HTML 23Page - Renesas Technology Corp PF08109B Datasheet HTML 24Page - Renesas Technology Corp PF08109B Datasheet HTML 25Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
PF08109B
Rev.3, Feb. 2001, page 20 of 23
3.0
3.4
3.2
3.6
4.2 4.4
3.8 4.0
4.6 4.8 5.0 5.2
Vdd (V)
30
31
34
32
37
35
33
36
38
DCS
Pin = 0 dBm,
Vapc = 2.2 V,
Tc = 25
°C
f = 1710 MHz
f = 1785 MHz
3.0
3.4
3.2
3.6
4.2 4.4
3.8 4.0
4.6 4.8 5.0 5.2
Vdd (V)
20
25
35
30
40
45
DCS
Pin = 0 dBm,
Po = 32.7 dBm,
Tc = 25
°C
f = 1710 MHz
f = 1785 MHz


Similar Part No. - PF08109B

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
PF08103A HITACHI-PF08103A Datasheet
42Kb / 8P
   MOS FET Power Amplifier Module for E-GSM900 and DCS1800 Dual Band Handy Phone
PF08103B HITACHI-PF08103B Datasheet
34Kb / 7P
   MOS FET Power Amplifier Module for E-GSM900 and DCS1800 Dual Band Handy Phone
More results

Similar Description - PF08109B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PF08127 RENESAS-PF08127 Datasheet
140Kb / 18P
   MOS FET Power Amplifier Module for E-GSM and DCS1800/1900 Triple Band Handy Phone
Oct. 2002
E2081606_PF08127B RENESAS-E2081606_PF08127B Datasheet
183Kb / 16P
   MOS FET Power Amplifier Module for E-GSM and DCS1800/1900 Triple Band Handy Phone
logo
Hitachi Semiconductor
PF08103A HITACHI-PF08103A Datasheet
42Kb / 8P
   MOS FET Power Amplifier Module for E-GSM900 and DCS1800 Dual Band Handy Phone
PF08103B HITACHI-PF08103B Datasheet
34Kb / 7P
   MOS FET Power Amplifier Module for E-GSM900 and DCS1800 Dual Band Handy Phone
PF01411A HITACHI-PF01411A Datasheet
25Kb / 4P
   MOS FET Power Amplifier Module for E-GSM Handy Phone
PF01411B HITACHI-PF01411B Datasheet
26Kb / 4P
   MOS FET Power Amplifier Module for E-GSM Handy Phone
PF01412A HITACHI-PF01412A Datasheet
25Kb / 4P
   MOS FET Power Amplifier Module for E-GSM Handy Phone
PF01410A HITACHI-PF01410A Datasheet
25Kb / 4P
   MOS FET Power Amplifier Module for GSM Handy Phone
logo
Renesas Technology Corp
PF08134 RENESAS-PF08134 Datasheet
138Kb / 16P
   MOS FET Power Amplifier Module for GSM850 and DCS1800/1900 Triple Band Handy Phone
May 13, 2004
PF08134B RENESAS-PF08134B Datasheet
123Kb / 14P
   MOS FET Power Amplifier Module for GSM850 and DCS1800/1900 Triple Band Handy Phone
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com