Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATF-58143-TR2G Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # ATF-58143-TR2G
Description  Low Noise Enhancement Mode Pseudomorphic HEMT in a Surface Mount Plastic Package
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

ATF-58143-TR2G Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  ATF-58143-TR2G Datasheet HTML 1Page - Agilent(Hewlett-Packard) ATF-58143-TR2G Datasheet HTML 2Page - Agilent(Hewlett-Packard) ATF-58143-TR2G Datasheet HTML 3Page - Agilent(Hewlett-Packard) ATF-58143-TR2G Datasheet HTML 4Page - Agilent(Hewlett-Packard) ATF-58143-TR2G Datasheet HTML 5Page - Agilent(Hewlett-Packard) ATF-58143-TR2G Datasheet HTML 6Page - Agilent(Hewlett-Packard) ATF-58143-TR2G Datasheet HTML 7Page - Agilent(Hewlett-Packard) ATF-58143-TR2G Datasheet HTML 8Page - Agilent(Hewlett-Packard) ATF-58143-TR2G Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
ATF-58143 Electrical Specifications
TA = 25°C, RF parameters measured in a test circuit for a typical device
Symbol
Parameter and Test Condition
Units
Min.
Typ.[2]
Max.
Vgs
Operational Gate Voltage
Vds = 3V, Ids = 30 mA
V
0.4
0.51
0.75
Vth
Threshold Voltage
Vds = 3V, Ids = 4 mA
V
0.18
0.38
0.52
Idss
Saturated Drain Current
Vds = 3V, Vgs = 0V
µA—
1
5
Gm
Transconductance
Vds = 3V, gm =
∆Idss/∆Vgs;
mmho
230
410
560
∆Vgs = 0.75 – 0.7 = 0.05V
Igss
Gate Leakage Current
Vgd = Vgs = -3V
µA
200
NF
Noise Figure [1]
f = 2 GHz
Vds = 3V, Ids = 30 mA
dB
0.5
0.9
f = 900 MHz
Vds = 3V, Ids = 30 mA
dB
0.3
f = 2 GHz
Vds = 4V, Ids = 30 mA
dB
0.5
f = 900 MHz
Vds = 4V, Ids = 30 mA
dB
0.3
Ga
Associated Gain [1]
f = 2 GHz
Vds = 3V, Ids = 30 mA
dB
15
16.5
18.5
f = 900 MHz
Vds = 3V, Ids = 30 mA
dB
23.1
f = 2 GHz
Vds = 4V, Ids = 30 mA
dB
17.7
f = 900 MHz
Vds = 4V, Ids = 30 mA
dB
22.5
OIP3
Output 3rd Order
f = 2 GHz
Vds = 3V, Ids = 30 mA
dBm
29
30.5
Intercept Point [1]
f = 900 MHz
Vds = 3V, Ids = 30 mA
dBm
28.6
f = 2 GHz
Vds = 4V, Ids = 30 mA
dBm
31.5
f = 900 MHz
Vds = 4V, Ids = 30 mA
dBm
31.0
P1dB
1dB Compressed
f = 2 GHz
Vds = 3V, Ids = 30 mA
dBm
19
Output Power [1]
f = 900 MHz
Vds = 3V, Ids = 30 mA
dBm
18
f = 2 GHz
Vds = 4V, Ids = 30 mA
dBm
21
f = 900 MHz
Vds = 4V, Ids = 30 mA
dBm
19
Notes:
1. Measurements obtained using production test board described in Figure 5.
2. Typical values determined from a sample size of 500 parts from 3 wafers.
Figure 5. Block diagram of 2 GHz production test board used for Noise Figure, Associated Gain,
P1dB and OIP3 measurements. This circuit represents a trade-off between an optimal noise
match and associated impedance matching circuit losses.
RFin
RFout
output
matching
0.7 dB loss
input
matching
0.6 dB loss
28.2 + j9.4
51 – j3.3


Similar Part No. - ATF-58143-TR2G

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ATF-58143 AVAGO-ATF-58143 Datasheet
126Kb / 9P
   Low Noise Enhancement Mode Pseudomorphic HEMT
logo
Broadcom Corporation.
ATF-58143 BOARDCOM-ATF-58143 Datasheet
126Kb / 9P
   Low Noise Enhancement Mode Pseudomorphic HEMT
More results

Similar Description - ATF-58143-TR2G

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ATF54143 HP-ATF54143 Datasheet
154Kb / 16P
   Low Noise Enhancement Mode Pseudomorphic HEMT in a Surface Mount Plastic Package
logo
AVAGO TECHNOLOGIES LIMI...
ATF-54143 AVAGO-ATF-54143 Datasheet
142Kb / 16P
   Low Noise Enhancement Mode Pseudomorphic HEMT in a Surface Mount Plastic Package
ATF-55143-TR1G AVAGO-ATF-55143-TR1G Datasheet
164Kb / 20P
   Low Noise Enhancement Mode Pseudomorphic HEMT in a Surface Mount Plastic Package
logo
Broadcom Corporation.
DEMO-ATF-5X143 BOARDCOM-DEMO-ATF-5X143 Datasheet
142Kb / 16P
   Low Noise Enhancement Mode Pseudomorphic HEMT in a Surface Mount Plastic Package
logo
Agilent(Hewlett-Packard...
ATF33143 HP-ATF33143 Datasheet
149Kb / 14P
   Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
ATF-34143 HP-ATF-34143 Datasheet
119Kb / 15P
   Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
logo
AVAGO TECHNOLOGIES LIMI...
ATF-33143 AVAGO-ATF-33143_15 Datasheet
407Kb / 17P
   Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
logo
Agilent(Hewlett-Packard...
ATF34143 HP-ATF34143 Datasheet
154Kb / 15P
   Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
logo
AVAGO TECHNOLOGIES LIMI...
ATF-34143-TR1G AVAGO-ATF-34143-TR1G Datasheet
138Kb / 14P
   Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
logo
Broadcom Corporation.
ATF-34143 BOARDCOM-ATF-34143 Datasheet
138Kb / 14P
   Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com