Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S40032LK8LK8TW-75A Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # S40032LK8LK8TW-75A
Description  SYVCHRONOUS DRAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

S40032LK8LK8TW-75A Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

  S40032LK8LK8TW-75A Datasheet HTML 1Page - List of Unclassifed Manufacturers S40032LK8LK8TW-75A Datasheet HTML 2Page - List of Unclassifed Manufacturers S40032LK8LK8TW-75A Datasheet HTML 3Page - List of Unclassifed Manufacturers S40032LK8LK8TW-75A Datasheet HTML 4Page - List of Unclassifed Manufacturers S40032LK8LK8TW-75A Datasheet HTML 5Page - List of Unclassifed Manufacturers S40032LK8LK8TW-75A Datasheet HTML 6Page - List of Unclassifed Manufacturers S40032LK8LK8TW-75A Datasheet HTML 7Page - List of Unclassifed Manufacturers S40032LK8LK8TW-75A Datasheet HTML 8Page - List of Unclassifed Manufacturers S40032LK8LK8TW-75A Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
128Mb: x4, x8, x16
SDRAM 3.3V
PDF: 09005aef807827f6 / Source: 09005aef807825bd
128Mb SDRAM
Rev: 11/29/2004
9
www.spectek.com
SpecTek reserves the right to change products or
specifications without notice.
© 2001, 2002, 2004 SpecTek
PART NUMBERS FOR PRODUCT PRIOR TO DECEMBER 2004
Options:
Marking:
Architecture:
32 Meg x 4 (8 Meg x 4 x 4 banks)
S40032LK8
16 Meg x 8 (4 Meg x 8 x 4 banks)
S80016LK7
8 Meg x 16 (2 Meg x 16 x 4 banks)
S16008LK9
Voltage and Refresh:
3.3V, Auto Refresh
LK
3.3V, Self or Auto Refresh1
MK
Device Configuration:
32 Meg x 4
8
16 Meg x 8
7
8 Meg x 16
9
Package Types:
54-pin plastic TSOP (400 mil)
TW
60-ball FBGA (8mm x 16mm)
FB2
60-ball FBGA (11mm x 13mm)
FC2
Timing Types:
PC100 (3-3-3)
-8A
PC133 (3-3-3)
-75A
Part number example:
S80016LK7TW-8A
NOTES: 1. Only when specified. Consult Sales
2. Not available in x16 configuration
http://www.spectek.com/menus/part_guides.asp


Similar Part No. - S40032LK8LK8TW-75A

ManufacturerPart #DatasheetDescription
logo
Rohm
S4003 ROHM-S4003 Datasheet
669Kb / 13P
   N-channel SiC power MOSFET bare die
logo
Teccor Electronics
S4003L TECCOR-S4003L Datasheet
1Mb / 12P
   SCRs 1-70 AMPS NON-SENSITIVE GATE
More results

Similar Description - S40032LK8LK8TW-75A

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT4LC8M8E1 MICRON-MT4LC8M8E1 Datasheet
382Kb / 20P
   DRAM
MT4LC4M4B1 MICRON-MT4LC4M4B1 Datasheet
360Kb / 20P
   DRAM
MT4LC8M8P4 MICRON-MT4LC8M8P4 Datasheet
397Kb / 22P
   DRAM
MT4LC16M4A7 MICRON-MT4LC16M4A7 Datasheet
350Kb / 20P
   DRAM
MT4LC4M16F5 MICRON-MT4LC4M16F5 Datasheet
339Kb / 19P
   DRAM
MT4LC4M16R6-1 MICRON-MT4LC4M16R6-1 Datasheet
413Kb / 24P
   DRAM
MT4LC4M16R6 MICRON-MT4LC4M16R6 Datasheet
474Kb / 24P
   DRAM
MT4LC16M4G3 MICRON-MT4LC16M4G3 Datasheet
386Kb / 22P
   DRAM
MT48LC16M4A2 MICRON-MT48LC16M4A2 Datasheet
1Mb / 55P
   SYNCHRONOUS DRAM
MT48LC1M16A1 MICRON-MT48LC1M16A1 Datasheet
1Mb / 51P
   SYNCHRONOUS DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com