Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATF-58143 Datasheet(PDF) 10 Page - Agilent(Hewlett-Packard)

Part # ATF-58143
Description  Low Noise Enhancement Mode Pseudomorphic HEMT in a Surface Mount Plastic Package
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

ATF-58143 Datasheet(HTML) 10 Page - Agilent(Hewlett-Packard)

Back Button ATF-58143 Datasheet HTML 2Page - Agilent(Hewlett-Packard) ATF-58143 Datasheet HTML 3Page - Agilent(Hewlett-Packard) ATF-58143 Datasheet HTML 4Page - Agilent(Hewlett-Packard) ATF-58143 Datasheet HTML 5Page - Agilent(Hewlett-Packard) ATF-58143 Datasheet HTML 6Page - Agilent(Hewlett-Packard) ATF-58143 Datasheet HTML 7Page - Agilent(Hewlett-Packard) ATF-58143 Datasheet HTML 8Page - Agilent(Hewlett-Packard) ATF-58143 Datasheet HTML 9Page - Agilent(Hewlett-Packard) ATF-58143 Datasheet HTML 10Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Tape Dimensions For Outline 4T
For product information and a complete list of Agilent
contacts and distributors, please go to our web site.
www.agilent.com/semiconductors
E-mail: SemiconductorSupport@agilent.com
Data subject to change.
Copyright © 2004 Agilent Technologies, Inc.
Obsoletes 5988-1922EN
December 10, 2004
5989-1919EN
Tape Dimensions and Product Orientation
Description
Symbol
Size (mm)
Size (inches)
Cavity
Length
A
o
2.40
± 0.10
0.094
± 0.004
Width
B
o
2.40
± 0.10
0.094
± 0.004
Depth
K
o
1.20
± 0.10
0.047
± 0.004
Pitch
P
4.00
± 0.10
0.157
± 0.004
Bottom Hole Diameter
D
1
1.00 + 0.25
0.039 + 0.010
Perforlation
Diameter
D
1.50 + 0.10
0.061 + 0.002
Pitch
P
O
4.00
± 0.10
0.157
± 0.004
Position
E
1.75
± 0.10
0.069
± 0.004
Carrier Tape
Width
W
8.00 + 0.30 - 0.10
0.315 + 0.012
Thickness
t
1
0.254
± 0.02
0.0100
± 0.0008
Cover Tape
Width
C
5.40
± 0.010
0.205 + 0.004
Thickness
T
t
0.062
± 0.001
0.0025
± 0.0004
Distance
Cavity to Perforation
F
3.50
± 0.05
0.138
± 0.002
(Width Direction)
Cavity to Perforation
P
2
2.00
± 0.05
0.079
± 0.002
(Length Direction)


Similar Part No. - ATF-58143

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ATF-58143 AVAGO-ATF-58143 Datasheet
126Kb / 9P
   Low Noise Enhancement Mode Pseudomorphic HEMT
logo
Broadcom Corporation.
ATF-58143 BOARDCOM-ATF-58143 Datasheet
126Kb / 9P
   Low Noise Enhancement Mode Pseudomorphic HEMT
More results

Similar Description - ATF-58143

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ATF54143 HP-ATF54143 Datasheet
154Kb / 16P
   Low Noise Enhancement Mode Pseudomorphic HEMT in a Surface Mount Plastic Package
logo
AVAGO TECHNOLOGIES LIMI...
ATF-54143 AVAGO-ATF-54143 Datasheet
142Kb / 16P
   Low Noise Enhancement Mode Pseudomorphic HEMT in a Surface Mount Plastic Package
ATF-55143-TR1G AVAGO-ATF-55143-TR1G Datasheet
164Kb / 20P
   Low Noise Enhancement Mode Pseudomorphic HEMT in a Surface Mount Plastic Package
logo
Broadcom Corporation.
DEMO-ATF-5X143 BOARDCOM-DEMO-ATF-5X143 Datasheet
142Kb / 16P
   Low Noise Enhancement Mode Pseudomorphic HEMT in a Surface Mount Plastic Package
logo
Agilent(Hewlett-Packard...
ATF33143 HP-ATF33143 Datasheet
149Kb / 14P
   Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
ATF-34143 HP-ATF-34143 Datasheet
119Kb / 15P
   Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
logo
AVAGO TECHNOLOGIES LIMI...
ATF-33143 AVAGO-ATF-33143_15 Datasheet
407Kb / 17P
   Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
logo
Agilent(Hewlett-Packard...
ATF34143 HP-ATF34143 Datasheet
154Kb / 15P
   Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
logo
AVAGO TECHNOLOGIES LIMI...
ATF-34143-TR1G AVAGO-ATF-34143-TR1G Datasheet
138Kb / 14P
   Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
logo
Broadcom Corporation.
ATF-34143 BOARDCOM-ATF-34143 Datasheet
138Kb / 14P
   Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com