Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HEDL-5645-A06 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # HEDL-5645-A06
Description  Encoder Line Drivers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HEDL-5645-A06 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  HEDL-5645-A06 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HEDL-5645-A06 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HEDL-5645-A06 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HEDL-5645-A06 Datasheet HTML 4Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Encoder Line Drivers
Technical Data
HEDL-550x/554x
HEDL-560x/564x
HEDL-9000/9100
HEDL-9040/9140
ESD WARNING: NORMAL HANDLING PRECAUTIONS SHOULD BE TAKEN TO AVOID
STATIC DISCHARGE.
Features
• Available on Both Encoder
Modules (HEDS-9000
Series) and Encoder Kit
Housing (HEDS-5500 Series)
• Complementary Outputs
• Industry Standard Line
Driver IC
• Single 5 V Supply
• Onboard Bypass Capacitor
• 70
°C and 100°C Versions
Available
Description
Line Drivers are available for the
HEDS-55xx/56xx series and the
HEDS-9000/9100/9200/9040/
9140 series encoders. The line
driver offers enhanced perform-
ance when the encoder is used in
noisy environments, or when it is
required to drive long distances.
The 70
°C version utilizes an
industry standard line driver IC
(26LS31) which provides comple-
mentary outputs for each encoder
channel. The 100
°C version utilizes
an industry standard line driver IC,
26C31, which provides comple-
mentary outputs for each encoder
channel. Thus, the output of the
line driver encoder is A, A, B, B
and I/I for three channel versions.
Suggested line receivers are
26LS32 and 26LS33.
For additional information,
please refer to:
HEDS-5500/5540/5600/5640
data sheet,
HEDS-90x0/91x0/92x0 data
sheets,
HEDS-9000 series extended
resolution data sheet, and
26LS31 data sheet.
Note: Agilent Technologies
encoders are not recommended
for use in safety critical
applications. Eg. ABS braking
systems, power steering, life
support systems and critical care
medical equipment. Please
contact sales representative if
more clarification is needed.
Device Characteristics
Parameter
Characteristic
Notes
Termination
10 conductor ribbon cable with
See pinout
10 position IDC Berg connector
Electrical Outputs
Complementary outputs: A, A, B, B, I, I
I and I available only on
three channel encoders
Line Driver Components
26LS31 line driver IC, decoupling
capacitor on PC board.
Operating Temperature
0
°C to 70°C70°C Series
0
°C to 100°C
100
°C Series
Storage Temperature
-40
°C to 70°C70°C Series
-40
°C to 100°C
100
°C Series
Range


Similar Part No. - HEDL-5645-A06

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HEDL-5645 AVAGO-HEDL-5645 Datasheet
140Kb / 4P
   Available on Both Encoder Modules (HEDS-9000 Series) and Encoder Kit Housing (HEDS-5500 Series)
logo
Agilent(Hewlett-Packard...
HEDL-5645 HP-HEDL-5645 Datasheet
73Kb / 4P
   Encoder Line Drivers
More results

Similar Description - HEDL-5645-A06

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HEDL-550X HP-HEDL-550X Datasheet
73Kb / 4P
   Encoder Line Drivers
logo
AVAGO TECHNOLOGIES LIMI...
HEDL-556X AVAGO-HEDL-556X Datasheet
179Kb / 4P
   Encoder Line Drivers
HEDL-550X AVAGO-HEDL-550X Datasheet
123Kb / 4P
   Encoder Line Drivers
logo
Texas Instruments
SN74128NSR TI1-SN74128NSR Datasheet
842Kb / 16P
[Old version datasheet]   LINE DRIVERS
SN54128 TI-SN54128 Datasheet
128Kb / 4P
[Old version datasheet]   LINE DRIVERS
SN55110A TI-SN55110A Datasheet
148Kb / 10P
[Old version datasheet]   DUAL LINE DRIVERS
SN55121 TI-SN55121 Datasheet
117Kb / 7P
[Old version datasheet]   DUAL LINE DRIVERS
MC1488 TI-MC1488_06 Datasheet
525Kb / 16P
[Old version datasheet]   QUADRUPLE LINE DRIVERS
logo
National Semiconductor ...
DS75110A NSC-DS75110A Datasheet
306Kb / 7P
   Dual Line Drivers
logo
Texas Instruments
MC1488 TI-MC1488 Datasheet
133Kb / 8P
[Old version datasheet]   QUADRUPLE LINE DRIVERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com