Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WJ1514AT36VDC Datasheet(PDF) 1 Page - CIT Relay & Switch

Part # WJ1514AT36VDC
Description  CIT RELAY & SWITCH
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

WJ1514AT36VDC Datasheet(HTML) 1 Page - CIT Relay & Switch

  WJ1514AT36VDC Datasheet HTML 1Page - CIT Relay & Switch WJ1514AT36VDC Datasheet HTML 2Page - CIT Relay & Switch WJ1514AT36VDC Datasheet HTML 3Page - CIT Relay & Switch WJ1514AT36VDC Datasheet HTML 4Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Distributor: Electro-Stock www.electrostock.com Tel: 630-682-1542 Fax: 630-682-1562
FEATURES:
Switching capacity up to 20A
Small size and light weight
Low coil power consumption
High contact load
Strong resistance to shock and vibration
E197851
L x 27.6 x 26.0 mm
CONTACT DATA
Contact Arrangement
1A, 1B, 1C = SPST N.O., SPST N.C., SPDT
2A, 2B, 2C = DPST N.O., DPST N.C., DPDT
3A, 3B, 3C = 3PST N.O., 3PST N.C., 3PDT
4A, 4B, 4C = 4PST N.O., 4PST N.C., 4PDT
Contact Rating
1 Pole: 20A @ 277VAC & 28VDC
2 Pole: 12A @ 250VAC & 28VDC; 10A @ 277VAC; ½ hp @ 125VAC
3 Pole: 12A @ 250VAC & 28VDC; 10A @ 277VAC; ½ hp @ 125VAC
4 Pole: 12A @ 250VAC & 28VDC; 10A @ 277VAC; ½ hp @ 125VAC
Contact Resistance
< 50 milliohms initial
Contact Material
AgCdO
Maximum Switching Power
5540VA, 560W
Maximum Switching Voltage
300VAC
Maximum Switching Current
20A
DC COIL DATA
Coil Voltage
VDC
Coil Resistance
Ω ± 10%
Rated
Max.
.9W
1.4W
1.5W
Pick Up Voltage
VDC (max)
75%
of rated voltage
Release Voltage
VDC (min)
10%
of rated voltage
Coil
Power
W
Operate Time
ms
Release Time
ms
6
6.6
40
N/A
N/A
4.5
.6
12
13.2
160
100
96
9.0
1.2
24
26.4
650
400
360
18
2.4
36
39.6
1500
900
865
27
3.6
48
52.8
2600
1600
1540
36
4.8
110
121.0
11000
8400
6800
82.5
11.0
220
242.0
53778
34571
32267
165.0
22.0
.9
1.4
1.5
25
25
AC COIL DATA
Coil Voltage
VAC
Coil Resistance
Ω ± 10%
Rated
Max.
1.2VA
2.0VA
2.5VA
Pick Up Voltage
VDC (max)
80%
of rated voltage
Release Voltage
VDC (min)
30%
of rated voltage
Coil
Power
W
Operate Time
ms
Release Time
ms
6
6.6
11.5
N/A
N/A
4.8
1.8
12
13.2
46
25.5
20
9.6
3.6
24
26.4
184
102
80
19.2
7.2
36
39.6
370
230
180
28.8
10.8
48
52.8
735
410
320
38.4
14.4
110
121.0
3900
2300
1680
88.0
33.0
120
132.0
4550
2530
1990
96.0
36.0
220
242.0
14400
8600
3700
176.0
66.0
240
312.0
19000
10555
8280
192.0
72.0
1.2
2.0
2.5
25
25
WJ151


Similar Part No. - WJ1514AT36VDC

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
WJ152 CIT-WJ152 Datasheet
236Kb / 3P
   Switching capacity up to 10A
WJ1521AF12VDC CIT-WJ1521AF12VDC Datasheet
236Kb / 3P
   Switching capacity up to 10A
WJ1521AF24VDC CIT-WJ1521AF24VDC Datasheet
236Kb / 3P
   Switching capacity up to 10A
WJ1521AF36VDC CIT-WJ1521AF36VDC Datasheet
236Kb / 3P
   Switching capacity up to 10A
WJ1521AF6VDC CIT-WJ1521AF6VDC Datasheet
236Kb / 3P
   Switching capacity up to 10A
More results

Similar Description - WJ1514AT36VDC

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
WJ103 CIT-WJ103 Datasheet
156Kb / 2P
   CIT RELAY
logo
List of Unclassifed Man...
CS1204 ETC1-CS1204 Datasheet
117Kb / 1P
   CIT RELAY&SWITCH DIMENSIONS SCHEMATIC & PC LAYOUT
logo
CIT Relay & Switch
J115F31A3VDCS CIT-J115F31A3VDCS Datasheet
218Kb / 3P
   CIT SWITCH
J117F1AS5VDC CIT-J117F1AS5VDC Datasheet
159Kb / 2P
   CIT SWITCH
A41AS3VDC CIT-A41AS3VDC Datasheet
190Kb / 2P
   CIT SWITCH
MS1206 CIT-MS1206 Datasheet
120Kb / 1P
   CIT SWITCH
MS2201 CIT-MS2201 Datasheet
131Kb / 1P
   CIT SWITCH
MS2208 CIT-MS2208 Datasheet
126Kb / 1P
   CIT SWITCH
CT1102V CIT-CT1102V Datasheet
176Kb / 2P
   CIT SWITCH
CTA1 CIT-CTA1 Datasheet
158Kb / 2P
   CIT SWITCH
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com