Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WJ1512CP24VDC Datasheet(PDF) 2 Page - CIT Relay & Switch

Part # WJ1512CP24VDC
Description  CIT RELAY & SWITCH
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

WJ1512CP24VDC Datasheet(HTML) 2 Page - CIT Relay & Switch

  WJ1512CP24VDC Datasheet HTML 1Page - CIT Relay & Switch WJ1512CP24VDC Datasheet HTML 2Page - CIT Relay & Switch WJ1512CP24VDC Datasheet HTML 3Page - CIT Relay & Switch WJ1512CP24VDC Datasheet HTML 4Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Distributor: Electro-Stock www.electrostock.com Tel: 630-682-1542 Fax: 630-682-1562
GENERAL DATA
Electrical Life @ rated load
Mechanical Life
100K cycles, typical
20M cycles ( 1 & 2 Pole), typical
10M cycles ( 3 & 4 Pole), typical
Insulation Resistance
100M
Ω min @ 500VDC
Dielectric Strength, Coil to Contact
Contact to Contact
1500V rms min. @ sea level
1500V rms min. @ sea level
Shock Resistance
100m/s
2 for 11ms
Vibration Resistance
1.27mm double amplitude 10-40Hz
Terminal (Copper Alloy) Strength
10N
Operating Temperature
Storage Temperature
-40
°C to + 85 °C
-40
°C to + 155 °C
Solderability
230
°C ± 2 °C for 10 ± 0.5s
Weight
2C: 40g; 3C: 50g; 4C: 60g
ORDERING INFORMATION
1. Series:
WJ151
WJ151
2.Contact Arrangement:
1A, 1B, 1C
2A, 2B, 2C
3A, 3B, 3C
4A, 4B, 4C
2C
3. Termination:
T = Solder lugs / Plug-in
F = Solder lugs / Plug-in with Flange
P = PCB terminals
T
12VDC
4. Coil Voltage:
6VDC/ 6VAC
12VDC / 12VAC
24VDC / 24VAC
36VDC / 36VAC
48VDC / 48VAC
110VDC / 110VAC
120VAC
220VAC
240VAC
1.4
5. Coil Power:
.9 = 0.9W (DC coil for use with 1 and 2 pole models only)
1.4 = 1.4W (DC coil for use with 3 pole models only)
1.5 = 1.5W (DC coil for use with 4 pole models only)
1.2 = 1.2VA (AC coil for use with 1 and 2 pole models only)
2.0 = 2.0VA (AC coil for use with 3 pole models only)
2.5 = 2.5VA (AC coil for use with 4 pole models only)
6. Optional LED:
Blank = No Indicator LED
D = With indicator LED
7. Sealed Option:
Blank = Dust Cover (standard)
S = Sealed
8. Gold Option:
Blank = Standard contacts
R = Gold flash over standard contacts
9. Push to Test Option:
Blank = Without push to test button
T = With push to test button
WJ151


Similar Part No. - WJ1512CP24VDC

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
WJ152 CIT-WJ152 Datasheet
236Kb / 3P
   Switching capacity up to 10A
WJ1521AF12VDC CIT-WJ1521AF12VDC Datasheet
236Kb / 3P
   Switching capacity up to 10A
WJ1521AF24VDC CIT-WJ1521AF24VDC Datasheet
236Kb / 3P
   Switching capacity up to 10A
WJ1521AF36VDC CIT-WJ1521AF36VDC Datasheet
236Kb / 3P
   Switching capacity up to 10A
WJ1521AF6VDC CIT-WJ1521AF6VDC Datasheet
236Kb / 3P
   Switching capacity up to 10A
More results

Similar Description - WJ1512CP24VDC

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
WJ103 CIT-WJ103 Datasheet
156Kb / 2P
   CIT RELAY
logo
List of Unclassifed Man...
CS1204 ETC1-CS1204 Datasheet
117Kb / 1P
   CIT RELAY&SWITCH DIMENSIONS SCHEMATIC & PC LAYOUT
logo
CIT Relay & Switch
J115F31A3VDCS CIT-J115F31A3VDCS Datasheet
218Kb / 3P
   CIT SWITCH
J117F1AS5VDC CIT-J117F1AS5VDC Datasheet
159Kb / 2P
   CIT SWITCH
A41AS3VDC CIT-A41AS3VDC Datasheet
190Kb / 2P
   CIT SWITCH
MS1206 CIT-MS1206 Datasheet
120Kb / 1P
   CIT SWITCH
MS2201 CIT-MS2201 Datasheet
131Kb / 1P
   CIT SWITCH
MS2208 CIT-MS2208 Datasheet
126Kb / 1P
   CIT SWITCH
CT1102V CIT-CT1102V Datasheet
176Kb / 2P
   CIT SWITCH
CTA1 CIT-CTA1 Datasheet
158Kb / 2P
   CIT SWITCH
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com