Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PST621 Datasheet(PDF) 3 Page - Mitsumi Electronics, Corp.

Part # PST621
Description  System Reset (with battery back-up) Monolithic IC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

PST621 Datasheet(HTML) 3 Page - Mitsumi Electronics, Corp.

  PST621 Datasheet HTML 1Page - Mitsumi Electronics, Corp. PST621 Datasheet HTML 2Page - Mitsumi Electronics, Corp. PST621 Datasheet HTML 3Page - Mitsumi Electronics, Corp. PST621 Datasheet HTML 4Page - Mitsumi Electronics, Corp. PST621 Datasheet HTML 5Page - Mitsumi Electronics, Corp. PST621 Datasheet HTML 6Page - Mitsumi Electronics, Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MITSUMI
System Reset (with battery back-up) PST620, 621
Electrical Characteristics (Ta=25°C)
Note 1 : *1 Connect TC pin to GND.
Note 2 : Except where noted otherwise, VAC=5V, Vc=OPEN.
Item
Symbol
Measurement conditions
Min. Typ. Max. Units
Detection voltage 1
VS1RL1=47k
Ω CE output, VCC1=L H *1 4.00 4.20 4.40
Detection
PST620
VS2
RL2=47k
Ω, RE output
2.00
2.15
2.30
V
voltage 2
PST621
VCC2=H
L *1
2.90
3.10
3.30
Detection voltage 3
VS3RL1=47k
Ω, CE output, VAC=H L *1 1.85 2.00 2.15
Hysteresis voltage 1
VS1RL1=47k
Ω, CE output, VCC1=L H L
75
150
300
Hysteresis voltage 2
VS2RL2=47k
Ω, CE output, VCC2=L H L
25
50
100
mV
Hysteresis voltage 3
VS3RL1=47k
ΩCE output, VAC=L H L
45
90
180
Detection voltage
VS/
T
RL1=47k
Ω, CE output
±0.01
temperature coefficient 1
Detection voltage
VS/
T
RL2=47k
Ω, RE output
±0.02
%/°C
temperature coefficient 2
Detection voltage
VS/
T
RL1=47k
Ω, CE output
±0.01
temperature coefficient 3
Low-level output voltage 1
VOL1
VCC1=VS1 min.-0.05V, RL1=47k
Ω CE output
0.1
0.2
Low-level output voltage 2
VOL2
VCC2=VS2 min.-0.05V, RL2=47kz
Ω RE output
0.1
0.4
V
Low-level output voltage 3
VOL3
VCC1=0V, VCC2=VS2 typ./0.85
RL1=47k
Ω, CE output
0.2
0.4
Operation limit voltage 1
VOP1RL1=47k
Ω, VOL1 <= 0.4V CE output
0.8
1.0
V
Operation limit voltage 2
VOP2RL2=47k
Ω, VOL2 <= 0.4V RE output
0.8
1.0
Consumption current 1
ICC1VCC1=VCC2=VS1/0.85
5.0
8.5
ICC2RL1=RL2=
2.0
3.5
Consumption current 2
ICC1VCC1=VCC2=VS1 min.-0.05V
8.0
14.5
µA
ICC2RL1=RL2=
2.0
3.5
Consumption current 3
ICC1VCC1=VCC2=VS2 min.-0.05V
8.0
14.5
ICC2RL1=RL2=
4.0
7.0
Consumption current 4
ICC2
VCC1=0V RL1=RL2=
∞,
VCC2=VS1T typ./0.85
2.0
3.5
µA
Consumption current 5
ICC2
VCC1=0V RL1=RL2=
VCC2=VS2 min.-0.05V
4.0
7.0
Output current while on 1
IOL1VCC1=VS1 min.-0.05V, RL1=0 CE output
2
mA
Output current while on 2
IOL2VCC2=VS2 min.-0.05V, RL2=0 RE output
2
Transport delay time 1
TPLH1
VCC1=VS1 typ.±0.4V, RL2=47k
Ω CE output
10
Transport delay time 2
TPLH2
VCC2=VS2 typ.±0.4V, RL2=47k
Ω RE output
50
µS
Transport delay time 3
TPLH3
VCC1=VS1 typ.±0.4V, RL2=47k
Ω CE output
40
Transport delay time 4
TPLH4
VCC2=VS2 typ.±0.4V, RL2=47k
Ω RE output
80
AC pin input resistance
RACIN
0.5
1.0
M
One-shot pulse width
Tpd
Cd=0.47µF Rd=100k, VCC1=VS1 typ.±0.4V
614
21
mS
One-shot output voltage
VTOL
VCC1=VS1 typ./0.85, RL1=47k
Ω RE output, *1
0.1
0.4
V
TC pin threshold voltage
VCTH
RL1=47k
Ω, VC=L H
2.0
V
TC input input current
ICIN
VCC1=VS1 typ./0.85, VC=5.0V
1
µA
PS pin input H level voltage
VPSH
2.0
V
PS pin input L level voltage
VPSL
0.6
V
PS pin input H level current
IPSH
VPSH=2.0V
10
µA


Similar Part No. - PST621

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
PST623 MITSUMI-PST623 Datasheet
102Kb / 4P
   System Reset
More results

Similar Description - PST621

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
MM1025 MITSUMI-MM1025 Datasheet
63Kb / 6P
   System Reset (with battery back-up) Monolithic IC
MM1027 MITSUMI-MM1027 Datasheet
121Kb / 11P
   System Reset (with battery back-up) Monolithic IC
MM1106 MITSUMI-MM1106 Datasheet
89Kb / 5P
   System Reset (with watchdog timerbattery back-up)
logo
Mitsubishi Electric Sem...
M62021L MITSUBISHI-M62021L Datasheet
112Kb / 9P
   SYSTEM RESET IC WITH SWITCH FOR MEMORY BACK-UP
M62023L MITSUBISHI-M62023L Datasheet
47Kb / 4P
   SYSTEM RESET IC WITH SWITCH FOR MEMORY BACK-UP
logo
Renesas Technology Corp
M62023L RENESAS-M62023L_07 Datasheet
207Kb / 13P
   System Reset IC with Switch for 3V Memory Back-up
logo
Mitsumi Electronics, Co...
PST600 MITSUMI-PST600 Datasheet
118Kb / 5P
   System Reset Monolithic IC
PST573 MITSUMI-PST573 Datasheet
134Kb / 6P
   SYSTEM RESET Monolithic IC
PST92XX MITSUMI-PST92XX Datasheet
66Kb / 6P
   IC for System Reset Monolithic IC
PST90XX MITSUMI-PST90XX Datasheet
47Kb / 3P
   IC for System Reset Monolithic IC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com