Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY27SF161G2M-FP Datasheet(PDF) 9 Page - Hynix Semiconductor

Part # HY27SF161G2M-FP
Description  1Gbit (128Mx8bit / 64Mx16bit) NAND Flash Memory
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY27SF161G2M-FP Datasheet(HTML) 9 Page - Hynix Semiconductor

Back Button HY27SF161G2M-FP Datasheet HTML 5Page - Hynix Semiconductor HY27SF161G2M-FP Datasheet HTML 6Page - Hynix Semiconductor HY27SF161G2M-FP Datasheet HTML 7Page - Hynix Semiconductor HY27SF161G2M-FP Datasheet HTML 8Page - Hynix Semiconductor HY27SF161G2M-FP Datasheet HTML 9Page - Hynix Semiconductor HY27SF161G2M-FP Datasheet HTML 10Page - Hynix Semiconductor HY27SF161G2M-FP Datasheet HTML 11Page - Hynix Semiconductor HY27SF161G2M-FP Datasheet HTML 12Page - Hynix Semiconductor HY27SF161G2M-FP Datasheet HTML 13Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
Rev 0.7 / Apr. 2005
9
Preliminary
HY27UF(08/16)1G2M Series
HY27SF(08/16)1G2M Series
1Gbit (128Mx8bit / 64Mx16bit) NAND Flash
IO0
IO1
IO2
IO3
IO4
IO5
IO6
IO7
1st Cycle
A0
A1
A2
A3
A4
A5
A6
A7
2nd Cycle
A8
A9
A10
A11
0000
3rd Cycle
A12
A13
A14
A15
A16
A17
A18
A19
4th Cycle
A20
A21
A22
A23
A24
A25
A26
A27
Table 3: Address Cycle Map(x8)
IO0
IO1
IO2
IO3
IO4
IO5
IO6
IO7
1st Cycle
A0
A1
A2
A3
A4
A5
A6
A7
2nd Cycle
A8
A9
A10
0
0000
3rd Cycle
A11
A12
A13
A14
A15
A16
A17
A18
4th Cycle
A19
A20
A21
A22
A23
A24
A25
A26
Table 4: Address Cycle Map(x16)
FUNCTION
1st CYCLE
2nd CYCLE
3rd CYCLE
Acceptable command
during busy
READ 1
00h
30h
-
READ FOR COPY-BACK
00h
35h
-
READ ID
90h
-
-
RESET
FFh
-
-
Yes
PAGE PROGRAM (start)
80h
10h
-
COPY BACK PGM (start)
85h
10h
-
CACHE PROGRAM
80h
15h
-
BLOCK ERASE
60h
D0h
-
READ STATUS REGISTER
70h
-
-
Yes
RANDOM DATA INPUT
85h
-
-
RANDOM DATA OUTPUT
05h
E0h
-
CACHE READ START
00h
31h
-
CACHE READ EXIT
34h
-
-
Table 5: Command Set


Similar Part No. - HY27SF161G2M-FP

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY27SF161G2A HYNIX-HY27SF161G2A Datasheet
394Kb / 46P
   1Gbit (128Mx8bit / 64Mx16bit) NAND Flash
More results

Similar Description - HY27SF161G2M-FP

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY27UA081G1M HYNIX-HY27UA081G1M Datasheet
729Kb / 43P
   1Gbit (128Mx8bit / 64Mx16bit) NAND Flash Memory
HY27SF081G2A HYNIX-HY27SF081G2A Datasheet
394Kb / 46P
   1Gbit (128Mx8bit / 64Mx16bit) NAND Flash
HY27UF081G2A HYNIX-HY27UF081G2A Datasheet
390Kb / 46P
   1Gbit (128Mx8bit / 64Mx16bit) NAND Flash
HY27US081G1M HYNIX-HY27US081G1M Datasheet
318Kb / 39P
   1Gbit (128Mx8bit / 64Mx16bit) NAND Flash
logo
OKI electronic componet...
ML54051 OKI-ML54051 Datasheet
283Kb / 37P
   NAND Flash Memory Controller
logo
Elite Semiconductor Mem...
F50L512M41A ESMT-F50L512M41A Datasheet
700Kb / 36P
   SPI-NAND Flash Memory
logo
OKI electronic componet...
ML54053 OKI-ML54053 Datasheet
222Kb / 26P
   NAND Flash Memory Controller
logo
Macronix International
MX30LF1208AA-TI MCNIX-MX30LF1208AA-TI Datasheet
762Kb / 48P
   512M-bit NAND Flash Memory
MX30LF1G08AA-XKI MCNIX-MX30LF1G08AA-XKI Datasheet
766Kb / 48P
   1G-bit NAND Flash Memory
logo
Toshiba Semiconductor
TC58NVG2S0FTA00 TOSHIBA-TC58NVG2S0FTA00 Datasheet
67Kb / 3P
   NAND Flash Memory(SLC Middle Capacity)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com