Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJW1153 Datasheet(PDF) 5 Page - New Japan Radio

Part # NJW1153
Description  6-CHANNEL ELECTRONIC VOLUME WITH INPUT SELECTOR
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW1153 Datasheet(HTML) 5 Page - New Japan Radio

  NJW1153 Datasheet HTML 1Page - New Japan Radio NJW1153 Datasheet HTML 2Page - New Japan Radio NJW1153 Datasheet HTML 3Page - New Japan Radio NJW1153 Datasheet HTML 4Page - New Japan Radio NJW1153 Datasheet HTML 5Page - New Japan Radio NJW1153 Datasheet HTML 6Page - New Japan Radio NJW1153 Datasheet HTML 7Page - New Japan Radio NJW1153 Datasheet HTML 8Page - New Japan Radio NJW1153 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
NJW1153
– 5 –
TERMINAL DESCRIPTION
PIN
NO.
SYMBOL
FUNCTION
EQUIVALENT CIRCUIT
TERMINAL
DC
VOLTAGE
1
47
FIL2_R
FIL2_L
Rch Bass filter terminal
Lch Bass filter terminal
0
2
46
FIL3_R
FIL3_L
Rch Bass filter DC cut capacitor output terminal
Lch Bass filter DC cut capacitor output terminal
0
3
45
FIL4_R
FIL4_L
Rch Bass filter DC cut capacitor input terminal
Lch Bass filter DC cut capacitor input terminal
0
5
7
9
11
58
59
60
61
62
63
FL+
FR+
DCLA_1
DCRA_1
RECL1
RECR1
RECL2
RECR2
RECL3
RECR3
“Input Selector Gain Control” Lch Non Inverted Output
“Input Selector Gain Control” Rch Non Inverted Output
“Input selector” Lch output
“Input selector” Rch output
“Input selector” Lch REC output 1
“Input selector” Rch REC output 1
“Input selector” Lch REC output 2
“Input selector” Rch REC output 2
“Input selector” Lch REC output 3
“Input selector” Rch REC output 3
0
V- (SUB)
V+
V- (SUB)
V+
40
25K
10
V+
V- (SUB)
300
V- (SUB)
V+
25K
10.25K
7K


Similar Part No. - NJW1153

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW1150 NJRC-NJW1150 Datasheet
217Kb / 17P
   6-CHANNEL ELECTRONIC VOLUME
NJW1150M NJRC-NJW1150M Datasheet
217Kb / 17P
   6-CHANNEL ELECTRONIC VOLUME
NJW1151 NJRC-NJW1151 Datasheet
154Kb / 17P
   6-CHANNEL ELECTRONIC VOLUME
NJW1151M NJRC-NJW1151M Datasheet
154Kb / 17P
   6-CHANNEL ELECTRONIC VOLUME
NJW1152 NJRC-NJW1152 Datasheet
285Kb / 15P
   SOUND PROCESSOR with SOUND ENHANCEMENT
More results

Similar Description - NJW1153

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW1199 NJRC-NJW1199 Datasheet
55Kb / 4P
   8-CHANNEL ELECTRONIC VOLUME WITH INPUT SELECTOR
NJW1191V-TE1 NJRC-NJW1191V-TE1 Datasheet
273Kb / 20P
   4-channel Electronic Volume with Input Selector
NJW1191 NJRC-NJW1191 Datasheet
268Kb / 20P
   4-channel Electronic Volume with Input Selector
NJW1195A NJRC-NJW1195A Datasheet
85Kb / 3P
   4-Channel Electronic Volume with Input Selector
NJW1157 NJRC-NJW1157 Datasheet
311Kb / 22P
   8-CHANNEL ELECTRONIC VOLUME WITH INPUT SELECTOR
NJW1156 NJRC-NJW1156 Datasheet
195Kb / 13P
   2-CHANNEL ELECTRONIC VOLUME WITH INPUT SELECTOR
NJU72340A NJRC-NJU72340A Datasheet
171Kb / 14P
   8-CHANNEL ELECTRONIC VOLUME WITH INPUT SELECTOR
NJW1195 NJRC-NJW1195 Datasheet
87Kb / 3P
   4-Channel Electronic Volume with Input Selector
NJW1154 NJRC-NJW1154 Datasheet
99Kb / 6P
   2-CHANNEL ELECTRONIC VOLUME WITH INPUT SELECTOR
logo
Renesas Technology Corp
M61540FP RENESAS-M61540FP Datasheet
157Kb / 17P
   6ch Electronic Volume with 5 Input Selector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com