Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P20B1224S Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # P20B1224S
Description  20W DC-DC Converter P-20B-Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

P20B1224S Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  P20B1224S Datasheet HTML 1Page - List of Unclassifed Manufacturers P20B1224S Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
20W DC-DC Converter P20B-Series
Efficiency up to 92 %
Wide 2:1 input range
1500 VDC isolation
Continuous short circuit protection
Five – sided continuous shield
Standard package 2” x 2” x 0.4”
Model selection guide
Typ
Input nominal voltage
[VDC]
Output voltage
[VDC]
Output current
[mA]
Efficiency typ.
[%]
Single output
P20B123R3S
9...18
3.3
4000
83
P20B1205S
9...18
5.0
4000
85
P20B127R2S
9...18
7.2
2778
85
P20B1209S
9...18
9.0
2222
85
P20B1212S
9...18
12.0
1666
87
P20B1215S
9...18
15.0
1333
87
P20B1218S
9...18
18.0
1111
87
P20B1224S
9...18
24.0
833
88
P20B243R3S
18...36
3.3
4000
84
P20B2405S
18...36
5.0
4000
86
P20B247R2S
18...36
7.2
2778
86
P20B2409S
18...36
9.0
2222
87
P20B2412S
18...36
12.0
1666
88
P20B2415S
18...36
15.0
1333
88
P20B2418S
18...36
18.0
1111
88
P20B2424S
18...36
24.0
833
89
P20B483R3S
36...72
3.3
4000
83
P20B4805S
36...72
5.0
4000
86
P20B487R2S
36...72
7.2
2778
87
P20B4809S
36...72
9.0
2222
87
P20B4812S
36...72
12.0
1666
89
P20B4815S
36...72
15.0
1333
89
P20B4818S
36...72
18.0
1111
90
P20B4824S
36...72
24.0
833
91
Dual output
P20B123R3D
9...18
±3.3
±2000
83
P20B1205D
9...18
±5.0
±2000
85
P20B127R2D
9...18
±7.2
±1389
85
P20B1209D
9...18
±9.0
±1111
85
P20B1212D
9...18
±12.0
±833
87
P20B1215D
9...18
±15.0
±666
87
P20B1218D
9...18
±18.0
±556
88
P20B1224D
9...18
±24.0
±416
88
P20B243R3D
18...36
±3.3
±2000
83
P20B2405D
18...36
±5.0
±2000
86
P20B247R2D
18...36
±7.2
±1389
86
P20B2409D
18...36
±9.0
±1111
87
P20B2412D
18...36
±12.0
±833
88
P20B2415D
18...36
±15.0
±666
88
P20B2418D
18...36
±18.0
±556
88
P20B2424D
18...36
±24.0
±416
89
P20B483R3D
36...72
±3.3
±2000
85
P20B4805D
36...72
±5.0
±2000
86
P20B487R2D
36...72
±7.2
±1389
86
P20B4809D
36...72
±9.0
±1111
87
P20B4812D
36...72
±12.0
±833
89
P20B4815D
36...72
±15.0
±666
89
P20B4818D
36...72
±18.0
±556
90
P20B4824D
36...72
±24.0
±416
91
Page 1 of 2
Deutschland:
Schweiz:
Inselkammerstraße 10
Gründenstrasse 82
D-82008 Unterhaching
CH-8247 Flurlingen
Tel.: 089 614 503-10
Tel.: 052 647 42 00
E-Mail: power@hy-line.de
E-Mail: power@hy-line.ch


Similar Part No. - P20B1224S

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
P20B12SL SHINDENGEN-P20B12SL Datasheet
1Mb / 7P
   Power MOSFETs120V, 20A, N-channel
logo
Inchange Semiconductor ...
P20B12SL ISC-P20B12SL Datasheet
352Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Shindengen Electric Mfg...
P20B12SN SHINDENGEN-P20B12SN Datasheet
790Kb / 4P
   Power MOSFET
logo
Inchange Semiconductor ...
P20B12SN ISC-P20B12SN Datasheet
352Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - P20B1224S

ManufacturerPart #DatasheetDescription
logo
HY-LINE Power Component...
P20G123R3S HY-LINE-P20G123R3S Datasheet
813Kb / 4P
   20W DC-DC Converter P20G-Series
Rev: 12.11 f
P20Z12S33 HY-LINE-P20Z12S33 Datasheet
175Kb / 2P
   20W DC-DC Converter P20Z-Series
Rev: 5 / 2005 f
P20D123R3S HY-LINE-P20D123R3S Datasheet
334Kb / 3P
   20W DC-DC Converter P20D-Series
Rev: 03/10 f
P20A12S1P5 HY-LINE-P20A12S1P5 Datasheet
193Kb / 2P
   20W DC-DC Converter P20A-Series
Rev: 3 / 06 f
P20H243R3S HY-LINE-P20H243R3S Datasheet
1Mb / 8P
   20W DC-DC Converter P20H-Series
Rev: 12.14 f
P20Y24S33W HY-LINE-P20Y24S33W Datasheet
175Kb / 2P
   20W DC-DC Converter P20Y-Series
Rev: 5 / 2005 f
logo
List of Unclassifed Man...
WDD2-03S1 ETC-WDD2-03S1 Datasheet
153Kb / 3P
   DC-DC CONVERTER 15 ~ 20W
logo
Murata Manufacturing Co...
WPN20R12S05C MURATA-WPN20R12S05C Datasheet
221Kb / 4P
   20W Regulated DC/DC Converter
logo
MORNSUN Science& Techno...
LHE20-20A12 MORNSUN-LHE20-20A12 Datasheet
1Mb / 6P
   20W, AC-DC converter
LD20-26B03 MORNSUN-LD20-26B03 Datasheet
1Mb / 6P
   20W, AC/DC converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com