Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1089LU-21G Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS1089LU-21G
Description  3.3V Center SpreadSpectrum EconOscillator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1089LU-21G Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS1089LU-21G Datasheet HTML 1Page - Maxim Integrated Products DS1089LU-21G Datasheet HTML 2Page - Maxim Integrated Products DS1089LU-21G Datasheet HTML 3Page - Maxim Integrated Products DS1089LU-21G Datasheet HTML 4Page - Maxim Integrated Products DS1089LU-21G Datasheet HTML 5Page - Maxim Integrated Products DS1089LU-21G Datasheet HTML 6Page - Maxim Integrated Products DS1089LU-21G Datasheet HTML 7Page - Maxim Integrated Products DS1089LU-21G Datasheet HTML 8Page - Maxim Integrated Products DS1089LU-21G Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
3.3V Center Spread-Spectrum EconOscillator™
2
_____________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Voltage on VCC Relative to Ground.......................-0.5V to +6.0V
Voltage on SPRD, PDN, OE, SDA,
SCL Relative to Ground* ........................-0.5V to (VCC + 0.5V)
Operating Temperature Range ...........................-40°C to +85°C
Programming Temperature Range .........................0°C to +70°C
Storage Temperature Range .............................-55°C to +125°C
Soldering Temperature...................See IPC/JEDEC J-STD-020A
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNITS
Supply Voltage
VCC
(Note 1)
2.7
3.3
3.6
V
High-Level Input Voltage
(SDA, SCL, SPRD, PDN, OE)
VIH
0.7 x VCC
VCC +
0.3
V
Low-Level Input Voltage
(SDA, SCL, SPRD, PDN, OE)
VIL
-0.3
0.3 x
VCC
V
*This voltage must not exceed 6.0V.
RECOMMENDED OPERATING CONDITIONS
(TA = -40°C to +85°C)
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNITS
High-Level Output Voltage (OUT)
VOH
IOH = -4mA, VCC = min
2.4
V
Low-Level Output Voltage (OUT)
VOL
IOL = 4mA
0.4
V
VOL1
3mA sink current
0.4
Low-Level Output Voltage (SDA)
VOL2
6mA sink current
0.6
V
High-Level Input Current
IIH
VIH = VCC
1µA
Low-Level Input Current
IIL
VIL = 0V
-1
µA
Supply Current (Active)
ICC
CL = 15pF, fOUT = fMOSCmax
12
mA
Standby Current (Power-Down)
ICCQ
Power-down mode
10
µA
DC ELECTRICAL CHARACTERISTICS
(VCC = +2.7V to +3.6V, TA = -40°C to +85°C)


Similar Part No. - DS1089LU-21G

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1089LU-21G MAXIM-DS1089LU-21G Datasheet
1Mb / 13P
   3.3V Center Spread-Spectrum EconOscillator?
19-7501; Rev 3; 2/15
More results

Similar Description - DS1089LU-21G

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1089L MAXIM-DS1089L_V01 Datasheet
1Mb / 13P
   3.3V Center Spread-Spectrum EconOscillator?
19-7501; Rev 3; 2/15
DS1086L MAXIM-DS1086L Datasheet
266Kb / 16P
   3.3V Spread-Spectrum EconOscillator
Rev 0; 11/03
DS1086L_1203 MAXIM-DS1086L_1203 Datasheet
237Kb / 17P
   3.3V Spread-Spectrum EconOscillator
Rev 2; 3/12
logo
Micrel Semiconductor
SY89529L MICREL-SY89529L Datasheet
169Kb / 11P
   3.3V 200MHz PRECISION SPREADSPECTRUM CLOCK SYNTHESIZER
logo
Dallas Semiconductor
DS1087L DALLAS-DS1087L Datasheet
154Kb / 12P
   3.3V Spread-Spectrum EconOscillator
logo
Maxim Integrated Produc...
DS1086L MAXIM-DS1086L_07 Datasheet
225Kb / 16P
   3.3V Spread-Spectrum EconOscillator
Rev 1; 9/07
DS1085L MAXIM-DS1085L Datasheet
325Kb / 21P
   3.3V EconOscillator Frequency Synthesizer
021403
DS1085L MAXIM-DS1085L_V01 Datasheet
348Kb / 21P
   3.3V EconOscillator Frequency Synthesizer
051606
DS1087L MAXIM-DS1087L Datasheet
160Kb / 12P
   3.3V Spread-Spectrum EconOscillator
Rev 1; 11/03
logo
Dallas Semiconductor
DS1075 DALLAS-DS1075 Datasheet
251Kb / 18P
   EconOscillator/Divider
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com