Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7820RPDI Datasheet(PDF) 3 Page - Maxwell Technologies

Part # 7820RPDI
Description  Microprocessor-compatible 8-Bit ADC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

7820RPDI Datasheet(HTML) 3 Page - Maxwell Technologies

  7820RPDI Datasheet HTML 1Page - Maxwell Technologies 7820RPDI Datasheet HTML 2Page - Maxwell Technologies 7820RPDI Datasheet HTML 3Page - Maxwell Technologies 7820RPDI Datasheet HTML 4Page - Maxwell Technologies 7820RPDI Datasheet HTML 5Page - Maxwell Technologies 7820RPDI Datasheet HTML 6Page - Maxwell Technologies 7820RPDI Datasheet HTML 7Page - Maxwell Technologies 7820RPDI Datasheet HTML 8Page - Maxwell Technologies 7820RPDI Datasheet HTML 9Page - Maxwell Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
3
All data sheets are subject to change without notice
©2003 Maxwell Technologies
All rights reserved.
Microprocessor-compatible 8-Bit ADC
7820
09.09.03 Rev 3
V
IN to GND
-0.3
V
DD +0.3
V
Operating Temperature
-55
125
°C
Storage Temperature Range
-65
150
°C
Power Dissipation to 75°C
--
450
mW
Derates above +75°C
--
6
mW/°C
1. CAUTION: ESD (electrostatic discharge) sensitive device. The digital control inputs are diode protected; how-
ever, permanent damage may occur on unconnected devices subject to high energy electrostatic fields. Unused
devices must be stored in conductive foam or shunts. The protective foam should be discharged to the destina-
tion socket before devices are inserted.
TABLE 3. 7820 DC ELECTRICAL CHARACTERISTICS
(V
DD = +5V; VREF(+) = +5V; VREF(-) = GND = 0V, UNLESS OTHERWISE SPECIFIED) (RD MODE (PIN 7 = 0V))
(T
A = -55 TO 125 ° C UNLESS OTHERWISE SPECIFIED)
PARAMETER
TEST CONDITIONS
SUBGROUPS
MIN
TYP
MAX
UNIT
Accuracy
Resolution
--
8
--
--
Bits
Total Unadjusted Error1
--
--
--
±1.0
LSB
Minimum Resolution for which No
Missing Codes are Guaranteed
--
--
--
8
Bits
Reference Input
Input Resisitance
--
1, 2, 3
1.0
--
4.0
k
V
REF (+) Input Voltage Range
--
1, 2, 3
V
REF(-)
--
V
DD
V
V
REF (-) Input Voltage Range
--
1, 2, 3
GND
--
V
REF(+)
V
Analog Input
Input Voltage Range
--
1, 2, 3
V
REF(-)
--
V
REF(+)
V
Input Leakage Current
--
1, 2, 3
--
--
±3
µ A
Input Capacitance2
--
1, 2, 3
--
45
--
pF
Logic Inputs
CS, WR, RD
V
INH
--
1, 2, 3
2.4
--
--
V
V
INH
--
1, 2, 3
--
--
0.8
V
I
INH(CS, RD)
--
1, 2, 3
--
--
1
µ A
I
INH(WR)
--
1, 2, 3
--
--
3
µ A
I
INL(WR)
--
1, 2, 3
--
--
-1
µ A
Input Capacitance2
--
1, 2, 3
--
5
8
pF
TABLE 2. 7820 ABSOLUTE MAXIMUM RATINGS1
PARAMETER
MIN
MAX
UNIT


Similar Part No. - 7820RPDI

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
7820R EMCORE-7820R Datasheet
613Kb / 6P
   Optical Receiver
7820R-085-FA-054 EMCORE-7820R-085-FA-054 Datasheet
613Kb / 6P
   Optical Receiver
7820R-085-FA-054 EMCORE-7820R-085-FA-054 Datasheet
613Kb / 6P
   5-200 MHz RFoG Return Path
7820R-085-FA-066 EMCORE-7820R-085-FA-066 Datasheet
613Kb / 6P
   Optical Receiver
7820R-085-FA-066 EMCORE-7820R-085-FA-066 Datasheet
613Kb / 6P
   5-200 MHz RFoG Return Path
More results

Similar Description - 7820RPDI

ManufacturerPart #DatasheetDescription
logo
DATEL, Inc.
ADC-830 DATEL-ADC-830 Datasheet
287Kb / 6P
   ADC-830 Microprocessor-Compatible 8-Bit A/D Converter
logo
Analog Devices
AD7574 AD-AD7574_15 Datasheet
655Kb / 8P
   P Compatible 8 Bit ADC
REV. A
logo
Intersil Corporation
ICM7244 INTERSIL-ICM7244 Datasheet
428Kb / 13P
   8-Character, Microprocessor Compatible, 8-Character, Microprocessor Compatible,
logo
Analog Devices
AD7576 AD-AD7576_15 Datasheet
778Kb / 8P
   10s P Compatible 8 Bit ADC
AD7574KNZ AD-AD7574KNZ Datasheet
655Kb / 8P
   CMOS uP-Compatible 8-bit ADC
REV. A
logo
List of Unclassifed Man...
ZN448 ETC-ZN448 Datasheet
289Kb / 18P
   8-BIT MICROPROCESSOR COMPATIBLE A-D CONVERTER
ADC-847 ETC2-ADC-847 Datasheet
184Kb / 4P
   MICROPROCESSOR-COMPATIBLE 8-BIT A/D CONVERTER
logo
Intersil Corporation
ADC0803 INTERSIL-ADC0803 Datasheet
580Kb / 17P
   8-Bit, Microprocessor-Compatible, A/D Converters
August 2002
logo
Renesas Technology Corp
ADC0803 RENESAS-ADC0803 Datasheet
875Kb / 17P
   8-Bit, Microprocessor-Compatible, A/D Converters
logo
Intersil Corporation
ADC0802 INTERSIL-ADC0802 Datasheet
250Kb / 16P
   8-Bit, Microprocessor- Compatible, A/D Converters
August 1997
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com