Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7820RPDS Datasheet(PDF) 5 Page - Maxwell Technologies

Part # 7820RPDS
Description  Microprocessor-compatible 8-Bit ADC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

7820RPDS Datasheet(HTML) 5 Page - Maxwell Technologies

  7820RPDS Datasheet HTML 1Page - Maxwell Technologies 7820RPDS Datasheet HTML 2Page - Maxwell Technologies 7820RPDS Datasheet HTML 3Page - Maxwell Technologies 7820RPDS Datasheet HTML 4Page - Maxwell Technologies 7820RPDS Datasheet HTML 5Page - Maxwell Technologies 7820RPDS Datasheet HTML 6Page - Maxwell Technologies 7820RPDS Datasheet HTML 7Page - Maxwell Technologies 7820RPDS Datasheet HTML 8Page - Maxwell Technologies 7820RPDS Datasheet HTML 9Page - Maxwell Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
5
All data sheets are subject to change without notice
©2003 Maxwell Technologies
All rights reserved.
Microprocessor-compatible 8-Bit ADC
7820
09.09.03 Rev 3
TABLE 4. 7820 AC ELECTRICAL CHARACTERISTICS1
(V
DD = +5V; VREF(+) = +5V; VREF(-) = GND = 0V, UNLESS OTHERWISE SPECIFIED) (RD MODE (PIN 7 = 0V))
(T
A = -55 TO 125 ° C UNLESS OTHERWISE SPECIFIED)
1. Sample tested at 25°C to ensure compliance. Only on process design change.
PARAMETER
SUBGROUPS
SYMBOL
MIN
MAX
UNIT
CS to RD/WR Setup Time
9, 10, 11
t
CSS
0--
ns
CS to RD/WR Hold Time
9, 10, 11
t
CSH
0--
ns
CS to Delay Time (Pull-up Resistor = 5k
9, 10, 11
t
RDY
--
100
ns
Conversion Time (RD Mode)
9, 10, 11
t
CRD
--
2.5
µ s
Data Access Time (RD Mode)
9, 10, 11
t
ACCD
--
t
CRD + 50
ns
RD to INT Delay (RD Mode)
9, 10, 11
t
INTH
--
225
ns
Data Hold Time
9, 10, 11
t
DH
--
100
ns
Delay Time Between Conversions
9, 10, 11
t
p
600
--
ns
Write Pulse Width
9, 10, 11
t
WR
600
--
ns
--
50
µ s
Delay Time Between WR and RD Pulses
9, 10, 11
t
RD
700
--
ns
Data Access Time (WR-RD Mode)
9, 10, 11
t
ACC1
--
250
ns
RD to INT Delay
9, 10, 11
t
R1
--
225
ns
WR to INT Delay
9, 10, 11
t
INTL
--
1700
ns
Data Access Time (WR-RD Mode)
9, 10, 11
t
ACC2
--
110
ns
WR to INT Delay (Stand-Alone Operation)
9, 10, 11
t
IHWR
--
150
ns
Data Access Time After INT (Stand-Alone Operation
9, 10, 11
t
ID
--
75
ns


Similar Part No. - 7820RPDS

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
7820R EMCORE-7820R Datasheet
613Kb / 6P
   Optical Receiver
7820R-085-FA-054 EMCORE-7820R-085-FA-054 Datasheet
613Kb / 6P
   Optical Receiver
7820R-085-FA-054 EMCORE-7820R-085-FA-054 Datasheet
613Kb / 6P
   5-200 MHz RFoG Return Path
7820R-085-FA-066 EMCORE-7820R-085-FA-066 Datasheet
613Kb / 6P
   Optical Receiver
7820R-085-FA-066 EMCORE-7820R-085-FA-066 Datasheet
613Kb / 6P
   5-200 MHz RFoG Return Path
More results

Similar Description - 7820RPDS

ManufacturerPart #DatasheetDescription
logo
DATEL, Inc.
ADC-830 DATEL-ADC-830 Datasheet
287Kb / 6P
   ADC-830 Microprocessor-Compatible 8-Bit A/D Converter
logo
Analog Devices
AD7574 AD-AD7574_15 Datasheet
655Kb / 8P
   P Compatible 8 Bit ADC
REV. A
logo
Intersil Corporation
ICM7244 INTERSIL-ICM7244 Datasheet
428Kb / 13P
   8-Character, Microprocessor Compatible, 8-Character, Microprocessor Compatible,
logo
Analog Devices
AD7576 AD-AD7576_15 Datasheet
778Kb / 8P
   10s P Compatible 8 Bit ADC
AD7574KNZ AD-AD7574KNZ Datasheet
655Kb / 8P
   CMOS uP-Compatible 8-bit ADC
REV. A
logo
List of Unclassifed Man...
ZN448 ETC-ZN448 Datasheet
289Kb / 18P
   8-BIT MICROPROCESSOR COMPATIBLE A-D CONVERTER
ADC-847 ETC2-ADC-847 Datasheet
184Kb / 4P
   MICROPROCESSOR-COMPATIBLE 8-BIT A/D CONVERTER
logo
Intersil Corporation
ADC0803 INTERSIL-ADC0803 Datasheet
580Kb / 17P
   8-Bit, Microprocessor-Compatible, A/D Converters
August 2002
logo
Renesas Technology Corp
ADC0803 RENESAS-ADC0803 Datasheet
875Kb / 17P
   8-Bit, Microprocessor-Compatible, A/D Converters
logo
Intersil Corporation
ADC0802 INTERSIL-ADC0802 Datasheet
250Kb / 16P
   8-Bit, Microprocessor- Compatible, A/D Converters
August 1997
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com