Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1200D60R2G Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP1200D60R2G
Description  PWM Current-Mode Controller for Low-Power Universal Off-Line Supplies
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1200D60R2G Datasheet(HTML) 5 Page - ON Semiconductor

  NCP1200D60R2G Datasheet HTML 1Page - ON Semiconductor NCP1200D60R2G Datasheet HTML 2Page - ON Semiconductor NCP1200D60R2G Datasheet HTML 3Page - ON Semiconductor NCP1200D60R2G Datasheet HTML 4Page - ON Semiconductor NCP1200D60R2G Datasheet HTML 5Page - ON Semiconductor NCP1200D60R2G Datasheet HTML 6Page - ON Semiconductor NCP1200D60R2G Datasheet HTML 7Page - ON Semiconductor NCP1200D60R2G Datasheet HTML 8Page - ON Semiconductor NCP1200D60R2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
NCP1200
http://onsemi.com
5
−25
75
50
25
100
125
0
−25
75
50
25
100
125
0
2.10
1.90
1.50
1.70
1.30
1.10
0.90
74
62
80
56
68
38
86
92
98
104
110
11.50
11.30
11.60
11.20
11.40
11.70
750
−25
60
75
30
50
25
0
TEMPERATURE (
°C)
Figure 3. HV Pin Leakage Current vs.
Temperature
Figure 4. VCC OFF vs. Temperature
9.85
9.80
9.75
9.70
9.65
9.60
9.55
9.50
9.45
Figure 5. VCC ON vs. Temperature
TEMPERATURE (
°C)
Figure 6. ICC1 vs. Temperature
TEMPERATURE (
°C)
Figure 7. ICC2 vs. Temperature
TEMPERATURE (
°C)
Figure 8. Switching Frequency vs. TJ
TEMPERATURE (
°C)
650
800
700
600
850
900
100 kHz
TEMPERATURE (
°C)
10
20
40
50
100
125
11.10
0
−25
75
50
25
100
125
0
40 kHz
60 kHz
100 kHz
40 kHz
60 kHz
100 kHz
40 kHz
60 kHz
−25
75
50
25
100
125
0
100 kHz
40 kHz
60 kHz
50
44
−25
75
50
25
100
125
0
100 kHz
40 kHz
60 kHz


Similar Part No. - NCP1200D60R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1200D60R2G ONSEMI-NCP1200D60R2G Datasheet
225Kb / 16P
   PWM Current?묺ode Controller for Low?뭁ower Universal Off?묹ine Supplies
September, 2006 ??Rev. 15
NCP1200D60R2G ONSEMI-NCP1200D60R2G Datasheet
287Kb / 16P
   PWM Current-Mode Controller for Low-Power Universal Off-Line Supplies
April, 2015 ??Rev. 19
NCP1200D60R2G ONSEMI-NCP1200D60R2G Datasheet
432Kb / 18P
   PWM Current-Mode Controller for Low-Power Universal Off-Line Supplies
April, 2015 - Rev. 19
More results

Similar Description - NCP1200D60R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1200 ONSEMI-NCP1200_15 Datasheet
287Kb / 16P
   PWM Current-Mode Controller for Low-Power Universal Off-Line Supplies
April, 2015 ??Rev. 19
NCP1200 ONSEMI-NCP1200_V01 Datasheet
432Kb / 18P
   PWM Current-Mode Controller for Low-Power Universal Off-Line Supplies
April, 2015 - Rev. 19
NCP1200 ONSEMI-NCP1200_09 Datasheet
359Kb / 16P
   PWM Current-Mode Controller for Low-Power Universal Off-Line Supplies
December, 2009 ??Rev. 17
NCP1216P065 ONSEMI-NCP1216P065 Datasheet
287Kb / 18P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
December, 2010 ??Rev. 13
DAP011 ONSEMI-DAP011 Datasheet
827Kb / 24P
   PWM Current−Mode Controller for High−Power Universal Off−Line Supplies
November, 2005 - Rev. 2
DAP018A ONSEMI-DAP018A Datasheet
792Kb / 28P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
July, 2009 - Rev. 0
NCP1216 ONSEMI-NCP1216 Datasheet
182Kb / 18P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
September, 2004 ??Rev. 8
NCP1216 ONSEMI-NCP1216_10 Datasheet
276Kb / 18P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
December, 2010 ??Rev. 13
NCP1216AP100G ONSEMI-NCP1216AP100G Datasheet
276Kb / 18P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
December, 2010 ??Rev. 13
NCP1200A ONSEMI-NCP1200A Datasheet
136Kb / 16P
   PWM Current-Mode Controller for Universal Off-Line Supplies Featuring Low Standby Power
October, 2004??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com