Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPB1513TU-E2-A Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # UPB1513TU-E2-A
Description  FOR SATELLITE COMMUNICATIONS DIVIDE BY 4 PRESCALER IC FOR SATELLITE COMMUNICATIONS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

UPB1513TU-E2-A Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  UPB1513TU-E2-A Datasheet HTML 1Page - List of Unclassifed Manufacturers UPB1513TU-E2-A Datasheet HTML 2Page - List of Unclassifed Manufacturers UPB1513TU-E2-A Datasheet HTML 3Page - List of Unclassifed Manufacturers UPB1513TU-E2-A Datasheet HTML 4Page - List of Unclassifed Manufacturers UPB1513TU-E2-A Datasheet HTML 5Page - List of Unclassifed Manufacturers UPB1513TU-E2-A Datasheet HTML 6Page - List of Unclassifed Manufacturers UPB1513TU-E2-A Datasheet HTML 7Page - List of Unclassifed Manufacturers UPB1513TU-E2-A Datasheet HTML 8Page - List of Unclassifed Manufacturers UPB1513TU-E2-A Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
FEATURES
UPB1513TU
NEC's 13 GHz INPUT
DIVIDE BY 4 PRESCALER IC
FOR SATELLITE COMMUNICATIONS
• OPERATING FREQUENCY:
fin = 5 to 13 GHz
• LOW CURRENT CONSUMPTION:
ICC = 48 mA @ VCC = 5.0 V
• HIGH-DENSITY SURFACE MOUNTING:
8-pin lead-less minimold
• SUPPLY VOLTAGE:
VCC = 4.5 to 5.5 V
• DIVISION RATIO:
4
APPLICATIONS
• POINT-TO-POINT/ MULTI-POINT RADIOS
• VSAT RADIOS
DESCRIPTION
PRELIMINARY DATA SHEET
California Eastern Laboratories
NEC's UPB1513TU is a silicon germanium (SiGe) monolithic
integrated circuit designed as a divide by 4 prescaler IC
for satellite communications and point-to-point/multi-point
radios.
The package is 8-pin lead-less minimold suitable for surface
mount.
This IC is manufactured using our 50 GHz fmax UHS2 (Ultra
High Speed Process) silicon bipolar process.
ORDERING INFORMATION
Note With regards to terminal solder (the solder contains lead) plated products (conventionally plated), contact your nearby
sales office.
Remark To order evaluation samples, contact your nearby sales office.
Part number for sample order: UPB1513TU
PART NUMBER ORDER NUMBER
PACKAGE
MARKING
SUPPLYING FORM
UPB1513TU-E2
UPB1513TU-E2-A 8-pin lead-less minimold
(Pb-Free) Note
1513
8 mm wide embossed taping
Pin 5, 6, 7, 8 indicates pull-out direction of tape
Qty 5 kpcs/reel


Similar Part No. - UPB1513TU-E2-A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPB1513TU-E2-A RENESAS-UPB1513TU-E2-A Datasheet
322Kb / 14P
   BIPOLAR DIGITAL INTEGRATED CIRCUIT
2005
More results

Similar Description - UPB1513TU-E2-A

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
UPB1514TU CEL-UPB1514TU Datasheet
408Kb / 13P
   16 GHz INPUT DIVIDE BY 8 PRESCALER IC FOR SATELLITE COMMUNICATIONS
UPB1512TU CEL-UPB1512TU Datasheet
552Kb / 10P
   NECs 13 GHz INPUT DIVIDE BY 8 PRESCALER IN FOR SATELLITE COMMUNICATIONS
logo
Z-Communications, Inc
PSN1810A-LF ZCOMM-PSN1810A-LF Datasheet
57Kb / 2P
   Satellite Communications
logo
Hittite Microwave Corpo...
HMC1065LP4E HITTITE-HMC1065LP4E Datasheet
949Kb / 14P
   Satellite Communications
HMC1063LP3E HITTITE-HMC1063LP3E Datasheet
791Kb / 14P
   Satellite Communications
logo
Z-Communications, Inc
PSN0930A-LF ZCOMM-PSN0930A-LF Datasheet
74Kb / 2P
   Satellite Communications
logo
Analog Devices
ADL5724 AD-ADL5724 Datasheet
431Kb / 13P
   Satellite communications
logo
Micross Components
HMC570 MICROSS-HMC570 Datasheet
974Kb / 11P
   Satellite Communications
HMC571 MICROSS-HMC571 Datasheet
909Kb / 11P
   Satellite Communications
HMC572 MICROSS-HMC572 Datasheet
909Kb / 11P
   Satellite Communications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com