Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT6011AIDD Datasheet(PDF) 7 Page - Linear Technology

Part # LT6011AIDD
Description  Dual/Quad135uA, 14nV/Hz, Rail-to-Rail Output Precision Op Amp
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6011AIDD Datasheet(HTML) 7 Page - Linear Technology

Back Button LT6011AIDD Datasheet HTML 3Page - Linear Technology LT6011AIDD Datasheet HTML 4Page - Linear Technology LT6011AIDD Datasheet HTML 5Page - Linear Technology LT6011AIDD Datasheet HTML 6Page - Linear Technology LT6011AIDD Datasheet HTML 7Page - Linear Technology LT6011AIDD Datasheet HTML 8Page - Linear Technology LT6011AIDD Datasheet HTML 9Page - Linear Technology LT6011AIDD Datasheet HTML 10Page - Linear Technology LT6011AIDD Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LT6011/LT6012
7
sn60112 60112fas
TYPICAL PERFOR A CE CHARACTERISTICS
Distribution of Input Offset Voltage
Input Offset Voltage
vs Temperature
Offset Voltage
vs Input Common Mode Voltage
Input Bias Current vs Temperature
Input Bias Current
vs Input Common Mode Voltage
en, in vs Frequency
Total Input Noise
vs Source Resistance
0.1Hz to 10Hz Noise
INPUT OFFSET VOLTAGE (
µV)
–90
0
5
15
20
25
–50
–10 10
90
6011 G01
10
–70
–30
30
50
70
30
VS = 5V, 0V
TA = 25°C
LT6011S8,
LT6012S
TEMPERATURE (
°C)
–50
–125
–100
–50
–25
0
125
50
0
50
75
6011 G02
–75
75
100
25
–25
25
100
125
VS = 5V, 0V
REPRESENTATIVE UNITS
INPUT COMMON MODE VOLTAGE (V)
–15
120
100
80
60
40
20
0
–20
010
6011 G03
–10
–5
515
TA = 85°C
TA = 25°C
TA = –40°C
VS = ±15V
TYPICAL PART
TEMPERATURE (
°C)
–50
–200
0
400
600
800
50
1600
6011 G05
200
0
–25
75
100
25
IB
IB
+
125
1000
1200
1400
VS = 5V, 0V
TYPICAL PART
COMMON MODE VOLTAGE (V)
–15
–200
–100
0
100
200
300
–10
–5
0
5
1635 G06
10
15
VS = ±15V
TYPICAL PART
TA = 85°C
13.9V
–14.2V
TA = 25°C
TA = –40°C
FREQUENCY (Hz)
1
10
100
100
1000
10
100
1000
6011 G07
CURRENT NOISE
UNBALANCED
SOURCE RESISTORS
VOLTAGE NOISE
VS = ±15V
TA = 25°C
SOURCE RESISTANCE (
Ω)
100
1k
10k
100k
1M
10M
0.0001
0.01
10
100M
6011 G08
0.001
0.1
1
TOTAL NOISE
RESISTOR NOISE ONLY
VS = 5V, 0V
TA = 25°C
f = 1kHz
UNBALANCED
SOURCE RESISTORS
TIME (SEC)
0
8
6011 G09
246
10
7
135
9
VS = ±15V
TA = 25°C
INPUT BIAS CURRENT (pA)
–400
0
5
15
20
25
–300
–100
0
400
6011 G04
10
–200
100 200 300
VS = 5V, 0V
TA = 25°C
LT6011A,
LT6012A
Distribution of Input Bias Current


Similar Part No. - LT6011AIDD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6011 LINER-LT6011 Datasheet
1Mb / 28P
   1.3MHz, 20關A Power Efficient Rail-to-Rail I/O Op Amps
LT6011 LINER-LT6011 Datasheet
1Mb / 26P
   30MHz, 240關A Power Efficient Rail-to-Rail I/O Op Amps
LT6011 LINER-LT6011_15 Datasheet
380Kb / 20P
   Rail-to-Rail Output Precision Op Amp
More results

Similar Description - LT6011AIDD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6011 LINER-LT6011_15 Datasheet
380Kb / 20P
   Rail-to-Rail Output Precision Op Amp
LT6012 LINER-LT6012_15 Datasheet
380Kb / 20P
   Rail-to-Rail Output Precision Op Amp
logo
Analog Devices
AD8675 AD-AD8675 Datasheet
296Kb / 12P
   36 V Precision, 2.8 nV/Hz Rail-to-Rail Output Op Amp
REV. 0
AD8676 AD-AD8676_15 Datasheet
343Kb / 12P
   Dual Rail-to-Rail Output Op Amp
REV. C
AD8622 AD-AD8622_09 Datasheet
590Kb / 20P
   Dual, Low Power, Precision Rail-to-Rail Output Op Amp
REV. 0
AD8675ARMZ AD-AD8675ARMZ Datasheet
303Kb / 12P
   36 V Precision, 2.8 nV/Hz Rail-to-Rail Output Op Amp
Rev. E
logo
Intersil Corporation
ISL28236 INTERSIL-ISL28236 Datasheet
715Kb / 13P
   5MHz, Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amp
logo
Linear Technology
LT6010 LINER-LT6010_15 Datasheet
302Kb / 16P
   Rail-to-Rail Output Precision Op Amp with Shutdown
logo
Analog Devices
AD8624ARUZ AD-AD8624ARUZ Datasheet
432Kb / 20P
   Low Power, Precision Rail-to-Rail Output Op Amp
REV. C
logo
Linear Technology
LT6010 LINER-LT6010 Datasheet
602Kb / 16P
   Rail-to-Rail Output Precision Op Amp with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com