Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1020CV33-15ZC Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY7C1020CV33-15ZC
Description  32K x 16 Static RAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1020CV33-15ZC Datasheet(HTML) 6 Page - Cypress Semiconductor

  CY7C1020CV33-15ZC Datasheet HTML 1Page - Cypress Semiconductor CY7C1020CV33-15ZC Datasheet HTML 2Page - Cypress Semiconductor CY7C1020CV33-15ZC Datasheet HTML 3Page - Cypress Semiconductor CY7C1020CV33-15ZC Datasheet HTML 4Page - Cypress Semiconductor CY7C1020CV33-15ZC Datasheet HTML 5Page - Cypress Semiconductor CY7C1020CV33-15ZC Datasheet HTML 6Page - Cypress Semiconductor CY7C1020CV33-15ZC Datasheet HTML 7Page - Cypress Semiconductor CY7C1020CV33-15ZC Datasheet HTML 8Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
CY7C1020CV33
Document #: 38-05133 Rev. *B
Page 6 of 8
Truth Table
CE
OE
WE
BLE
BHE
I/O1–I/O8
I/O9–I/O16
Mode
Power
H
X
X
X
X
High-Z
High-Z
Power-down
Standby (ISB)
L
L
H
L
L
Data Out
Data Out
Read—All bits
Active (ICC)
L
H
Data Out
High-Z
Read—Lower bits only
Active (ICC)
H
L
High-Z
Data Out
Read—Upper bits only
Active (ICC)
L
X
L
L
L
Data In
Data In
Write—All bits
Active (ICC)
L
H
Data In
High-Z
Write—Lower bits only
Active (ICC)
H
L
High-Z
Data In
Write—Upper bits only
Active (ICC)
L
H
H
X
X
High-Z
High-Z
Selected, Outputs Disabled
Active (ICC)
L
X
X
H
H
High-Z
High-Z
Selected, Outputs Disabled
Active (ICC)
Ordering Information
Speed
(ns)
Ordering Code
Package
Name
Package Type
Operating Range
10
CY7C1020CV33-10ZC
Z44
44-lead TSOP Type II
Commercial
CY7C1020CV33-10ZI
Z44
44-lead TSOP Type II
Industrial
12
CY7C1020CV33-12ZC
Z44
44-lead TSOP Type II
Commercial
CY7C1020CV33-12ZI
Z44
44-lead TSOP Type II
Industrial
15
CY7C1020CV33-15ZC
Z44
44-lead TSOP Type II
Commercial
CY7C1020CV33-15ZI
Z44
44-lead TSOP Type II
Industrial
Switching Waveforms (continued)
Write Cycle No. 3 (WE Controlled)
tHD
tSD
tSCE
tHA
tAW
tPWE
tWC
tBW
DATA I/O
ADDRESS
CE
WE
BHE, BLE
tSA
tLZWE
tHZWE


Similar Part No. - CY7C1020CV33-15ZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1020CV33-15ZC CYPRESS-CY7C1020CV33-15ZC Datasheet
265Kb / 9P
   512K (32K x 16) Static RAM
More results

Similar Description - CY7C1020CV33-15ZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1020BN CYPRESS-CY7C1020BN Datasheet
417Kb / 8P
   32K x 16 Static RAM
CY7C1020 CYPRESS-CY7C1020 Datasheet
183Kb / 9P
   32K x 16 Static RAM
CY7C1020B CYPRESS-CY7C1020B Datasheet
180Kb / 10P
   32K x 16 Static RAM
CY7C1020 CYPRESS-CY7C1020 Datasheet
175Kb / 9P
   32K x 16 Static RAM
CY7C1020BN CYPRESS-CY7C1020BN_10 Datasheet
424Kb / 8P
   32K x 16 Static RAM
CY7C1020 CYPRESS-CY7C1020_01 Datasheet
190Kb / 10P
   32K x 16 Static RAM
CY7C1020B CYPRESS-CY7C1020B_06 Datasheet
507Kb / 9P
   32K x 16 Static RAM
CY7C1022 CYPRESS-CY7C1022 Datasheet
125Kb / 8P
   32K x 16 Static RAM
CY7C1020V CYPRESS-CY7C1020V Datasheet
179Kb / 9P
   32K x 16 Static RAM
CY7C1020CV26 CYPRESS-CY7C1020CV26 Datasheet
147Kb / 8P
   512Kb (32K x 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com