Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N6491 Datasheet(PDF) 1 Page - ON Semiconductor

Part # 2N6491
Description  COMPLEMENTARY SILICON POWER TRANSISTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N6491 Datasheet(HTML) 1 Page - ON Semiconductor

  2N6491 Datasheet HTML 1Page - ON Semiconductor 2N6491 Datasheet HTML 2Page - ON Semiconductor 2N6491 Datasheet HTML 3Page - ON Semiconductor 2N6491 Datasheet HTML 4Page - ON Semiconductor 2N6491 Datasheet HTML 5Page - ON Semiconductor 2N6491 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Complementary Silicon Plastic
Power Transistors
. . . designed for use in general–purpose amplifier and switching
applications.
DC Current Gain Specified to 15 Amperes —
hFE = 20–150 @ IC = 5.0 Adc
= 5.0 (Min) @ IC = 15 Adc
Collector–Emitter Sustaining Voltage —
VCEO(sus) = 60 Vdc (Min) – 2N6487, 2N6490
= 80 Vdc (Min) – 2N6488, 2N6491
High Current Gain — Bandwidth Product
fT = 5.0 MHz (Min) @ IC = 1.0 Adc
TO–220AB Compact Package
MAXIMUM RATINGS (1)
Rating
Symbol
2N6487
2N6490
2N6488
2N6491
Unit
Collector–Emitter Voltage
VCEO
60
80
Vdc
Collector–Base Voltage
VCB
70
90
Vdc
Emitter–Base Voltage
VEB
5.0
Vdc
Collector Current — Continuous
IC
15
Adc
Base Current
IB
5.0
Adc
Total Power Dissipation @ TC = 25_C
Derate above 25
_C
PD
75
0.6
Watts
W/
_C
Total Power Dissipation @ TA = 25_C
Derate above 25
_C
PD
1.8
0.014
Watts
W/
_C
Operating and Storage Junction
Temperature Range
TJ, Tstg
–65 to +150
_C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Case
R
θJC
1.67
_C/W
Thermal Resistance, Junction to Ambient
R
θJA
70
_C/W
(1) Indicates JEDEC Registered Data.
Preferred devices are ON Semiconductor recommended choices for future use and best overall value.
ON Semiconductor)
© Semiconductor Components Industries, LLC, 2002
April, 2002 – Rev. 10
1
Publication Order Number:
2N6487/D
2N6487
2N6488
2N6490
2N6491
*ON Semiconductor Preferred Device
15 AMPERE
COMPLEMENTARY
SILICON
POWER TRANSISTORS
60–80 VOLTS
75 WATTS
*
*
CASE 221A–09
TO–220AB
NPN
PNP
STYLE 1:
PIN 1. BASE
2. COLLECTOR
3. EMITTER
4. COLLECTOR
1
2
3
4


Similar Part No. - 2N6491

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N6491 MOSPEC-2N6491 Datasheet
190Kb / 4P
   POWER TRANSISTORS(15A,75W)
logo
Savantic, Inc.
2N6491 SAVANTIC-2N6491 Datasheet
94Kb / 3P
   Silicon PNP Power Transistors
logo
Boca Semiconductor Corp...
2N6491 BOCA-2N6491 Datasheet
26Kb / 2P
   NPN/PNP PLASTIC POWER TRANSISTORS
logo
Continental Device Indi...
2N6491 CDIL-2N6491 Datasheet
272Kb / 3P
   PLASTIC POWER TRANSISTORS
logo
Central Semiconductor C...
2N6491 CENTRAL-2N6491 Datasheet
71Kb / 1P
   NPN SILICON TRANSISTOR
More results

Similar Description - 2N6491

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
D44E MOTOROLA-D44E Datasheet
84Kb / 2P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
STMicroelectronics
MJE172 STMICROELECTRONICS-MJE172_03 Datasheet
52Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
D44H ONSEMI-D44H_06 Datasheet
68Kb / 5P
   Complementary Silicon Power Transistors
February, 2006 ??Rev. 9
logo
STMicroelectronics
TIP31A STMICROELECTRONICS-TIP31A Datasheet
64Kb / 5P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP33B ONSEMI-TIP33B Datasheet
102Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
1996 REV 1
MJE4343 ONSEMI-MJE4343 Datasheet
142Kb / 6P
   POWER TRANSISTORS COMPLEMENTARY SILICON
1998
MJF15030 ONSEMI-MJF15030 Datasheet
246Kb / 6P
   COMPLEMENTARY SILICON POWER TRANSISTORS
1995
logo
STMicroelectronics
BD235 STMICROELECTRONICS-BD235 Datasheet
75Kb / 5P
   COMPLEMENTARY SILICON POWER TRANSISTORS
BD241A STMICROELECTRONICS-BD241A Datasheet
66Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
June 1997
BD243B STMICROELECTRONICS-BD243B Datasheet
34Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
September 1999
logo
Motorola, Inc
TIP35A MOTOROLA-TIP35A Datasheet
157Kb / 6P
   COMPLEMENTARY SILICON POWER TRANSISTORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com