Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT89EB5114-TGSIL Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT89EB5114-TGSIL
Description  Low-pin-count 8-bit microcontroller with A/D converter
Download  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89EB5114-TGSIL Datasheet(HTML) 5 Page - ATMEL Corporation

  AT89EB5114-TGSIL Datasheet HTML 1Page - ATMEL Corporation AT89EB5114-TGSIL Datasheet HTML 2Page - ATMEL Corporation AT89EB5114-TGSIL Datasheet HTML 3Page - ATMEL Corporation AT89EB5114-TGSIL Datasheet HTML 4Page - ATMEL Corporation AT89EB5114-TGSIL Datasheet HTML 5Page - ATMEL Corporation AT89EB5114-TGSIL Datasheet HTML 6Page - ATMEL Corporation AT89EB5114-TGSIL Datasheet HTML 7Page - ATMEL Corporation AT89EB5114-TGSIL Datasheet HTML 8Page - ATMEL Corporation AT89EB5114-TGSIL Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 95 page
background image
5
4311A–8051–01/05
SFR Mapping
The Special Function Registers (SFRs) of the AT8xEB5114 belong to the following
categories:
C51 core registers: ACC, AUXR, AUXR1, B, DPH, DPL, PSW, SP, FCON, HSB
I/O port registers: P3, P4, P3M1, P3M2, P4M1
Timer registers: TCON, TH0, TH1, TL0, TL1, TMOD
Power and clock control registers: CKCON, CKRL, CKSEL, OSCBFA, OSCCON,
PCON
Interrupt system registers: IEN0, IPH0, IPL0, IOR
WatchDog Timer: WDTRST, WDTPRG
PWM0 registers: W0CH, W0CL, W0CON, W0FH, W0FL, W0IC, W0MOD, W0R0H,
W0R0L, W0R1H, W0R1L,W0R2H, W0R2L
PWM1registers: W1CH, W1CL, W1CON, W1FH, W1FL, W1IC, W1R0H, W1R0L
ADC registers: ADCA, ADCF, ADCLK, ADCON, ADDH, ADDL


Similar Part No. - AT89EB5114-TGSIL

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89EB5114-TGSIL ATMEL-AT89EB5114-TGSIL Datasheet
949Kb / 95P
   Low-pin-count 8-bit microcontroller with A/D converter
More results

Similar Description - AT89EB5114-TGSIL

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT83EB5114 ATMEL-AT83EB5114_08 Datasheet
949Kb / 95P
   Low-pin-count 8-bit microcontroller with A/D converter
AT83C5111 ATMEL-AT83C5111 Datasheet
1Mb / 86P
   Low Pin Count 8-bit Microcontroller with A/D Converter
AT87C5103 ATMEL-AT87C5103_04 Datasheet
697Kb / 64P
   Low-pin Count 8-bit Microcontroller
AT87C5103_0306 ATMEL-AT87C5103_0306 Datasheet
522Kb / 64P
   Low-pin Count 8-bit Microcontroller
AT87C5103 ATMEL-AT87C5103_08 Datasheet
579Kb / 64P
   Low-pin Count 8-bit Microcontroller
T89C5115 ATMEL-T89C5115_08 Datasheet
1Mb / 113P
   Low Pin Count 8-bit Microcontroller with A/D Converter and 16 KBytes Flash Memory
logo
NXP Semiconductors
87LPC767 PHILIPS-87LPC767 Datasheet
320Kb / 60P
   Low power, low price, low pin count 20 pin microcontroller with 4-kbyte OTP and 8-bit A/D converter
2001 Aug 07
logo
Microchip Technology
PIC12C671 MICROCHIP-PIC12C671 Datasheet
1Mb / 129P
   8-Pin, 8-Bit CMOS Microcontroller with A/D Converter
1999 - 2002
logo
ATMEL Corporation
AT80C5112 ATMEL-AT80C5112_08 Datasheet
988Kb / 97P
   8-bit Microcontroller with A/D Converter
logo
OKI electronic componet...
MSM65524A OKI-MSM65524A Datasheet
202Kb / 27P
   8-Bit Microcontroller with A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com