Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TD142N Datasheet(PDF) 7 Page - eupec GmbH

Part # TD142N
Description  Netz-Thyristor-Module Phase Control Thyristor Module
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUPEC [eupec GmbH]
Direct Link  http://www.eupec.com
Logo EUPEC - eupec GmbH

TD142N Datasheet(HTML) 7 Page - eupec GmbH

Back Button TD142N Datasheet HTML 3Page - eupec GmbH TD142N Datasheet HTML 4Page - eupec GmbH TD142N Datasheet HTML 5Page - eupec GmbH TD142N Datasheet HTML 6Page - eupec GmbH TD142N Datasheet HTML 7Page - eupec GmbH TD142N Datasheet HTML 8Page - eupec GmbH TD142N Datasheet HTML 9Page - eupec GmbH TD142N Datasheet HTML 10Page - eupec GmbH TD142N Datasheet HTML 11Page - eupec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
N
Netz-Thyristor-Modul
Phase Control Thyristor Module
Datenblatt / Data sheet
TT142N
BIP AC / 22 Nov , A.Rüther
A70 / 95
7/12
Seite/page
Gehäusetemperatur bei Sinus
Gehäusetemperatur bei Rechteck
20
40
60
80
100
120
140
0
20
40
60
80
100
120
140
160
ITAVM [A]
Q = 30°
60°
90°
120°
180°
0
180°
Höchstzulässige Gehäusetemperatur / Maximum allowable case temperature TC = f(ITAVM)
Sinusförmiger Strom / Sinusoidal current
Strombelastung je Zweig / Current load per arm
Parameter: Stromflußwinkel Θ / Current conduction angle Θ
20
40
60
80
100
120
140
0
50
100
150
200
250
ITAVM [A]
Q = 30°
60°
90°
120°
180°
DC
0
180°
Höchstzulässige Gehäusetemperatur / Maximum allowable case temperature TC = f(ITAVM)
Rechteckförmiger Strom / Rectangular current Strombelastung je Zweig / Current load per arm
Parameter: Stromflußwinkel Θ / Current conduction angle Θ


Similar Part No. - TD142N

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TD142N INFINEON-TD142N Datasheet
912Kb / 13P
   Netz-Thyristor-Modul Phase Control Thyristor Module
2017-08-16 Revision: 3.3
More results

Similar Description - TD142N

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
TT140N EUPEC-TT140N Datasheet
411Kb / 13P
   Netz-Thyristor-Modul Phase Control Thyristor Module
logo
Infineon Technologies A...
TD162N16KOF INFINEON-TD162N16KOF Datasheet
416Kb / 13P
   Netz-Thyristor-Modul Phase Control Thyristor Module
04.07.02 revision:1
logo
eupec GmbH
TT106N EUPEC-TT106N Datasheet
404Kb / 13P
   Netz-Thyristor-Modul Phase Control Thyristor Module
TZ150N EUPEC-TZ150N Datasheet
461Kb / 13P
   Netz-Thyristor-Modul Phase Control Thyristor Module
TT70N EUPEC-TT70N_02 Datasheet
417Kb / 13P
   Netz-Thyristor-Modul Phase Control Thyristor Module
logo
Infineon Technologies A...
ETT420N22P60 INFINEON-ETT420N22P60 Datasheet
429Kb / 11P
   Netz-Thyristor-Modul Phase Control Thyristor Module
2018-07-30 Revision: 3.1
TT104N INFINEON-TT104N Datasheet
755Kb / 11P
   Netz-Thyristor-Modul Phase Control Thyristor Module
2020-05-29 Revision: 3.3
TT570N18KOF INFINEON-TT570N18KOF Datasheet
550Kb / 11P
   Netz-Thyristor-Modul Phase Control Thyristor Module
2021-02-12 Revision: 3.1
TT92N INFINEON-TT92N Datasheet
755Kb / 11P
   Netz-Thyristor-Modul Phase Control Thyristor Module
2020-05-29 Revision: 3.3
logo
List of Unclassifed Man...
TT240N ETC1-TT240N Datasheet
38Kb / 4P
   Netz-Thyristor-Modu Phase Control Thyristor Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com