Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N6490 Datasheet(PDF) 4 Page - ON Semiconductor

Part # 2N6490
Description  COMPLEMENTARY SILICON POWER TRANSISTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N6490 Datasheet(HTML) 4 Page - ON Semiconductor

  2N6490 Datasheet HTML 1Page - ON Semiconductor 2N6490 Datasheet HTML 2Page - ON Semiconductor 2N6490 Datasheet HTML 3Page - ON Semiconductor 2N6490 Datasheet HTML 4Page - ON Semiconductor 2N6490 Datasheet HTML 5Page - ON Semiconductor 2N6490 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2N6487 2N6488 2N6490 2N6491
http://onsemi.com
4
Figure 2. Switching Time Test Circuit
1000
Figure 3. Turn–On Time
IC, COLLECTOR CURRENT (AMP)
500
50
20
0.2
20
TC = 25°C
VCC = 30 V
IC/IB = 10
10
1.0
5.0
tr
0.5
2.0
10
200
100
td @ VBE(off) [ 5.0 V
NPN
PNP
+ 10 V
0
SCOPE
RB
- 4 V
tr, tf v 10 ns
DUTY CYCLE = 1.0%
RC
D1 MUST BE FAST RECOVERY TYPE, e.g.:
1N5825 USED ABOVE IB [ 100 mA
MSD6100 USED BELOW IB [ 100 mA
25 µs
- 10 V
D1
51
RB AND RC VARIED TO OBTAIN DESIRED CURRENT LEVELS.
FOR PNP, REVERSE ALL POLARITIES.
VCC
+ 30 V
Figure 4. Thermal Response
t, TIME (ms)
1.0
0.01
0.01
0.7
0.5
0.3
0.2
0.1
0.07
0.05
0.03
0.02
0.02
0.05
0.1
0.2
0.5
1.0
2.0
5.0
10
20
50
100
200
1.0 k
500
ZθJC (t) = r(t) RθJC
RθJC = 1.67°C/W MAX
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) - TC = P(pk) ZθJC(t)
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
D = 0.5
0.2
0.05
0.02
0.01
SINGLE PULSE
0.1
SECOND BREAKDOWN LIMITED
BONDING WIRE LIMITED
THERMALLY LIMITED @ TC = 25°C
20
Figure 5. Active–Region Safe Operating Area
2.0
10
20
80
TJ = 150°C
0.2
5.0
0.5
VCE, COLLECTOR-EMITTER VOLTAGE (VOLTS)
10
40
1.0
0.1
dc
2.0
60
4.0
2N6487, 2N6490
2N6488, 2N6491
CURVES APPLY BELOW RATED VCEO
5.0 ms
1.0 ms
500 µs
100 µs
There are two limitations on the power handling ability of
a transistors average junction temperature and second
breakdown. Safe operating area curves indicate IC – VCE
limits of the transistor that must be observed for reliable
operation; i.e., the transistor must not be subjected to greater
dissipation than the curves indicate.
The data of Figure 5 is based on TJ(pk) = 150_C; TC is
variable depending on conditions. Second breakdown pulse
limits are valid for duty cycles to 10% provided TJ(pk)
v 150_C. TJ(pk) may be calculated from the data in
Figure 4. At high case temperatures, thermal limitations will
reduce the power that can be handled to values less than the
limitations imposed by second breakdown


Similar Part No. - 2N6490

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N6490 MOSPEC-2N6490 Datasheet
190Kb / 4P
   POWER TRANSISTORS(15A,75W)
logo
ON Semiconductor
2N6490 ONSEMI-2N6490 Datasheet
148Kb / 6P
   Complementary Silicon Plastic Power Transistors 60??0 VOLTS, 75 WATTS
October, 2011 ??Rev. 14
logo
STMicroelectronics
2N6490 STMICROELECTRONICS-2N6490 Datasheet
52Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
Savantic, Inc.
2N6490 SAVANTIC-2N6490 Datasheet
94Kb / 3P
   Silicon PNP Power Transistors
logo
Boca Semiconductor Corp...
2N6490 BOCA-2N6490 Datasheet
26Kb / 2P
   NPN/PNP PLASTIC POWER TRANSISTORS
More results

Similar Description - 2N6490

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
D44E MOTOROLA-D44E Datasheet
84Kb / 2P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
STMicroelectronics
MJE172 STMICROELECTRONICS-MJE172_03 Datasheet
52Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
D44H ONSEMI-D44H_06 Datasheet
68Kb / 5P
   Complementary Silicon Power Transistors
February, 2006 ??Rev. 9
logo
STMicroelectronics
TIP31A STMICROELECTRONICS-TIP31A Datasheet
64Kb / 5P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP33B ONSEMI-TIP33B Datasheet
102Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
1996 REV 1
MJE4343 ONSEMI-MJE4343 Datasheet
142Kb / 6P
   POWER TRANSISTORS COMPLEMENTARY SILICON
1998
MJF15030 ONSEMI-MJF15030 Datasheet
246Kb / 6P
   COMPLEMENTARY SILICON POWER TRANSISTORS
1995
logo
STMicroelectronics
BD235 STMICROELECTRONICS-BD235 Datasheet
75Kb / 5P
   COMPLEMENTARY SILICON POWER TRANSISTORS
BD241A STMICROELECTRONICS-BD241A Datasheet
66Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
June 1997
BD243B STMICROELECTRONICS-BD243B Datasheet
34Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
September 1999
logo
Motorola, Inc
TIP35A MOTOROLA-TIP35A Datasheet
157Kb / 6P
   COMPLEMENTARY SILICON POWER TRANSISTORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com