Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD17132CS-XXX Datasheet(PDF) 6 Page - NEC

Part # UPD17132CS-XXX
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
Download  289 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17132CS-XXX Datasheet(HTML) 6 Page - NEC

Back Button UPD17132CS-XXX Datasheet HTML 2Page - NEC UPD17132CS-XXX Datasheet HTML 3Page - NEC UPD17132CS-XXX Datasheet HTML 4Page - NEC UPD17132CS-XXX Datasheet HTML 5Page - NEC UPD17132CS-XXX Datasheet HTML 6Page - NEC UPD17132CS-XXX Datasheet HTML 7Page - NEC UPD17132CS-XXX Datasheet HTML 8Page - NEC UPD17132CS-XXX Datasheet HTML 9Page - NEC UPD17132CS-XXX Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 289 page
background image
– i –
TABLE OF CONTENTS
CHAPTER 1 GENERAL .....................................................................................................................
1
1.1
FUNCTION LIST ................................................................................................................
2
1.2
ORDERING INFORMATION .............................................................................................
3
1.3
BLOCK DIAGRAM .............................................................................................................
4
1.4
PIN CONFIGURATION (Top View) .................................................................................
6
CHAPTER 2 PIN FUNCTIONS .........................................................................................................
9
2.1
PIN FUNCTIONS ...............................................................................................................
9
2.1.1
Pins in Normal Operation Mode .........................................................................................
9
2.1.2
Pins in Program Memory Write/Verify Mode ...
µPD17P132, 17P133 only .....................
11
2.2
PIN INPUT/OUTPUT CIRCUIT .........................................................................................
12
2.3
HANDLING UNUSED PINS ..............................................................................................
17
2.4
CAUTIONS ON USE OF THE RESET AND INT PINS
(in Normal Operation Mode only) .................................................................................
18
CHAPTER 3 PROGRAM COUNTER (PC) .......................................................................................
19
3.1
PROGRAM COUNTER CONFIGURATION ......................................................................
19
3.2
PROGRAM COUNTER OPERATION ................................................................................
19
3.2.1
Program Counter at Reset ..................................................................................................
20
3.2.2
Program Counter during Execution of the Branch Instruction (BR) ..................................
20
3.2.3
Program Counter during Execution of Subroutine Calls (CALL) .......................................
21
3.2.4
Program Counter during Execution of Return Instructions (RET, RETSK, RETI) .............
22
3.2.5
Program Counter during Table Reference (MOVT) ............................................................
22
3.2.6
Program Counter during Execution of Skip Instructions
(SKE, SKGE, SKLT, SKNE, SKT SKF) ..................................................................................
22
3.2.7
Program Counter When an Interrupt Is Received .............................................................
22
3.3
CAUTIONS ON PROGRAM COUNTER OPERATION ....................................................
22
CHAPTER 4 PROGRAM MEMORY (ROM) ....................................................................................
23
4.1
PROGRAM MEMORY CONFIGURATION .......................................................................
23
4.2
PROGRAM MEMORY USAGE .........................................................................................
24
4.2.1
Flow of the Program ...........................................................................................................
24
4.2.2
Table Reference ..................................................................................................................
27
CHAPTER 5 DATA MEMORY (RAM) .............................................................................................
31
5.1
DATA MEMORY CONFIGURATION ................................................................................
31
5.1.1
System Register (SYSREG) .................................................................................................
32
5.1.2
Data Buffer (DBF) ................................................................................................................
32
5.1.3
General Register (GR) .........................................................................................................
32
5.1.4
Port Registers ......................................................................................................................
33


Similar Part No. - UPD17132CS-XXX

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD17132 RENESAS-UPD17132 Datasheet
2Mb / 84P
   MOS INTEGRATED CIRCUIT
1991
More results

Similar Description - UPD17132CS-XXX

ManufacturerPart #DatasheetDescription
logo
NEC
UPD75P0076 NEC-UPD75P0076 Datasheet
410Kb / 62P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD75P4308 NEC-UPD75P4308 Datasheet
271Kb / 60P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD754302 NEC-UPD754302 Datasheet
316Kb / 74P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD75P036 NEC-UPD75P036 Datasheet
376Kb / 52P
   4-BIT SINGLE-CHIP MICROCONTROLLER
logo
Sanyo Semicon Device
LC573010A SANYO-LC573010A Datasheet
154Kb / 12P
   4-bit Single Chip Microcontroller
logo
NEC
UPD753104 NEC-UPD753104 Datasheet
547Kb / 90P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD753304 NEC-UPD753304 Datasheet
374Kb / 56P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD75P3116 NEC-UPD75P3116 Datasheet
351Kb / 60P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD75P3216 NEC-UPD75P3216 Datasheet
362Kb / 56P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD750104 NEC-UPD750104 Datasheet
525Kb / 80P
   4 BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com