Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TB1227CNG Datasheet(PDF) 15 Page - Toshiba Semiconductor

Part # TB1227CNG
Description  VIDEO, CHROMA AND SYNCHRONIZING SIGNALS PROCESSING IC FOR PAL / NTSC / SECAM SYSTEM COLOR TV
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TB1227CNG Datasheet(HTML) 15 Page - Toshiba Semiconductor

Back Button TB1227CNG Datasheet HTML 11Page - Toshiba Semiconductor TB1227CNG Datasheet HTML 12Page - Toshiba Semiconductor TB1227CNG Datasheet HTML 13Page - Toshiba Semiconductor TB1227CNG Datasheet HTML 14Page - Toshiba Semiconductor TB1227CNG Datasheet HTML 15Page - Toshiba Semiconductor TB1227CNG Datasheet HTML 16Page - Toshiba Semiconductor TB1227CNG Datasheet HTML 17Page - Toshiba Semiconductor TB1227CNG Datasheet HTML 18Page - Toshiba Semiconductor TB1227CNG Datasheet HTML 19Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 94 page
background image
TB1227CNG
2004-05-24
15
ITEM
DESCRIPTION
NUMBER
OF BITS
VARIABLE RANGE
PRESET VALUE
PN CD ATT
P / N color difference
amplitude adjustment
2bit
+1~−2dB STEP 1dB
01h 0dB
TOF Q
TOF Q adjustment
2bit
1.0, 1.5, 2.0, 2.5
02h 2.0
TOF F0
TOF f0 adjustment
2bit
kHz ; 0, 500, 600, 700
02h 600kHz
VSM PHASE
VSM output phase
2bit
+20ns, +20ns, 0ns, 0ns
02h 0ns
VSM GAIN
VSM output gain
2bit
0dB, 0dB, −6dB, OFF
03h OFF
C-TRAP Q
Chroma trap Q control
2bit
1.0, 1.5, 2.0, 2.5
02h 2.0
C-TRAP F0
Chroma trap f0 control
2bit
kHz ; −100, −50, 0, +50
02h 0kHz
BLACK STRETCH POI Black expansion start point
setting
3bit
28~70% IRE×0.4
05h 56% IRE
DC TRAN RATE
Direct transmission
compensation degree
selection
3bit
100~130% APL
00h 100%
APA-CON PEAK F0
Sharpness peak frequency
selection
2bit
kHz ; 2.5, 3.1, 4.2, OFF
02h 4.2kHz
ABL POINT
ABL detection voltage
3bit
ABL point ; 6.5V~5.9V
00h 6.5V
ABL GAIN
ABL sensitivity
3bit
Brightness ; 0~−2V
00h 0V
HALF TONE SW
Halftone gain selection
2bit
−3dB, −6dB, OFF, OFF
00h −3dB
H BLK PHASE
Horizontal blanking end
position
3bit
0~3.5µs step 0.5µs
00h 0µs
V FREQ
Vertical frequency
2bit
AUTO, 60Hz,
Forced 60, 50, 60
00h AUTO
V OUT PHASE
Vertical position adjustment
3bit
0~7H STEP 1H
00h 0H
V-AMPLITUDE
Vertical amplitude selection
7bit
−50~50%
40h 0%
1bit DAC
1bit DAC output
1bit
LOW, HIGH
00h LOW
V CENTERING
V Centering
6bit
1~4V
20h 2.5V
COINCIDENT MODE
Discriminator output signal
selection
2bit
00 ; DSYNC
01 ; DSYNC×AFC
10 ; Field counting
11 ; VP is present.
02h Field counting
V S-CORRECTION
Vertical S-curve correction
7bit
Reverse S-curve, S-curve
40h
V-MODE
Force Sync Mode Selection
1bit
TELETEXT / Normal
01h Normal
DRG SW
Drive reference axis
selection
1bit
R / G
00h R
V LINEARITY
Vertical linearity correction
5bit
(one side)
00h
ND SW
Noise Det SW
1bit
Normal, Low
00h Normal
V-CD MD
Vertical count-down mode
selection
1bit
AUTO / Force synchronization
00h AUTO


Similar Part No. - TB1227CNG

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TB1227A TAI-SAW-TB1227A Datasheet
207Kb / 7P
   IF SAW Filter 173.075MHz SMD 7.0X5.0mm
logo
Toshiba Semiconductor
TB1227BN TOSHIBA-TB1227BN Datasheet
4Mb / 92P
   VIDEO, CHROMA AND SYNCHRONIZING SIGNALS PROCESSING IC FOR PAL/NTSC/SECAM SYSTEM COLOR TV
More results

Similar Description - TB1227CNG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB1227BN TOSHIBA-TB1227BN Datasheet
4Mb / 92P
   VIDEO, CHROMA AND SYNCHRONIZING SIGNALS PROCESSING IC FOR PAL/NTSC/SECAM SYSTEM COLOR TV
TB1226DNG TOSHIBA-TB1226DNG Datasheet
3Mb / 99P
   VIDEO, CHROMA AND SYNCHRONIZING SIGNALS PROCESSING IC FOR PAL/NTSC/ SECAM SYSTEM COLOR TV
TB1226EN TOSHIBA-TB1226EN Datasheet
2Mb / 100P
   VIDEO, CHROMA AND SYNCHRONIZING SIGNALS PROCESSING IC FOR PAL / NTSC / SECAM SYSTEM COLOR TV
2001-07-26
TB1229DN TOSHIBA-TB1229DN Datasheet
4Mb / 94P
   VIDEO, CHROMA AND SYNCHRONIZING SIGNALS PROCESSING IC FOR PAL/NTSC SYSTEM COLOR TV
TB1230AN TOSHIBA-TB1230AN Datasheet
4Mb / 88P
   VIDEO, CHROMA AND SYNCHRONIZING SIGNALS PROCESSING IC FOR PAL/NTSC SYSTEM COLOR TV
TB1226DN TOSHIBA-TB1226DN Datasheet
4Mb / 98P
   VIDEO, CHROMA AND WYNCHRONIZING SIGNALS PROCESSING IC FOR PAL/NTSC/SECAM SYSTEM COLOR TV
TB1274BFG TOSHIBA-TB1274BFG Datasheet
840Kb / 37P
   LUMINANCE, CHROMA AND SYNCHRONIZING SIGNALS PROCESSOR IC FOR PAL / NTSC / SECAM COLOR TV
TA8759BN TOSHIBA-TA8759BN Datasheet
2Mb / 58P
   VIDEO CHROMA AND SYNC. SIGNAL PROCESSING IC FOR PAL/NTSC/SECAM SYSTEM COLOR TELEVISION
TA8880CN TOSHIBA-TA8880CN Datasheet
1Mb / 38P
   VIDEO, CHROMA, AND SYNC. SIGNAL PROCESSING IC FOR PAL/NTSC/SECAM-SYSTEM COLOR TELEVISIONS
logo
NEC
UPC1423 NEC-UPC1423 Datasheet
694Kb / 11P
   FOR COLOR TV COLOR SIGNALS, VIDEO SIGNAL, AND SYNCHRONIZING SIGNAL OF PAL/NTSC SYSTEM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com