Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L6004D8 Datasheet(PDF) 5 Page - Teccor Electronics

Part # L6004D8
Description  Sensitive Triacs (0.8A to 8A)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

L6004D8 Datasheet(HTML) 5 Page - Teccor Electronics

  L6004D8 Datasheet HTML 1Page - Teccor Electronics L6004D8 Datasheet HTML 2Page - Teccor Electronics L6004D8 Datasheet HTML 3Page - Teccor Electronics L6004D8 Datasheet HTML 4Page - Teccor Electronics L6004D8 Datasheet HTML 5Page - Teccor Electronics L6004D8 Datasheet HTML 6Page - Teccor Electronics L6004D8 Datasheet HTML 7Page - Teccor Electronics L6004D8 Datasheet HTML 8Page - Teccor Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Data Sheets
Sensitive Triacs
©2004 Littelfuse LP
E1 - 5
http://www.teccor.com
Thyristor Product Catalog
+1 972-580-7777
Electrical Specification Notes
(1) For either polarity of MT2 with reference to MT1 terminal
(2) For either polarity of gate voltage VGT with reference to MT1
terminal
(3) See Gate Characteristics and Definition of Quadrants.
(4) See Figure E1.4 for iT versus vT.
(5) See Figure E1.6 for VGT versus TC.
(6) See Figure E1.7 for IGT versus TC.
(7) See Figure E1.5 for IH versus TC.
(8) See Figure E1.9 for surge rating and specific duration.
(9) See Figure E1.8 for tgt versus IGT.
(10) See Figure E1.2 and Figure E1.3 for maximum allowable case
temperature at maximum rated current.
(11) See Figure E1.1, Figure E1.2, and Figure E1.3 for TA or TC versus
IT(RMS).
(12) See package outlines for lead form configurations. When ordering
special lead forming, add type number as suffix to part number.
(13) Pulse width
≤10 µs
(14) TC or TL = TJ for test conditions in off state
(15) Minimum non-trigger VGT at 110 °C is 0.2 V.
Gate Characteristics
Teccor triacs may be turned on between gate and MT1 terminals
in the following ways:
In-phase signals (with standard AC line) using Quadrants I
and III
Application of unipolar pulses (gate always positive or nega-
tive), using Quadrants II and III with negative gate pulses and
Quadrants I and IV with positive gate pulses
When maximum surge capability is required, pulses should be a
minimum of one magnitude above IGT rating with a steep rising
waveform (1 µs rise time).
Definition of Quadrants
VTM
VGT
IH
IGTM
PGM
PG(AV)
ITSM
dv/dt(c)
dv/dt
tgt
I2t
di/dt
(1) (4)
Volts
(2) (5) (15)
Volts
(1) (7)
mAmps
(13)
Amps
(13)
Watts
Watts
(8) (10)
Amps
(1) (10)
Volts/µSec
(1)
Volts/µSec
(9)
µSec
Amps2Sec
Amps/µSec
TC = 25 °C
TC = 25 °C
60/50 Hz
TC = 100 °C
MAX
MAX
MAX
TYP
TYP
TYP
1.6
2
10
1.6
18
0.4
60/50
1
40
3
15
70
1.6
2
10
1.6
18
0.4
60/50
1
30
3
15
70
1.6
2
10
1.6
18
0.4
60/50
1
20
3
15
70
1.6
2
10
1.6
18
0.4
60/50
2
40
3
15
70
1.6
2
10
1.6
18
0.4
60/50
2
30
3
15
70
1.6
2
10
1.6
18
0.4
60/50
2
20
3
15
70
1.6
2
20
1.6
18
0.4
60/50
2
45
3.2
15
70
1.6
2
20
1.6
18
0.4
60/50
2
40
3.2
15
70
1.6
2
20
1.6
18
0.4
60/50
2
30
3.2
15
70
1.6
2
10
1.6
18
0.4
80/65
2
40
3
26.5
70
1.6
2
10
1.6
18
0.4
80/65
2
30
3
26.5
70
1.6
2
10
1.6
18
0.4
80/65
2
20
3
26.5
70
1.6
2
20
1.6
18
0.4
80/65
2
45
3.2
26.5
70
1.6
2
20
1.6
18
0.4
80/65
2
40
3.2
26.5
70
1.6
2
20
1.6
18
0.4
80/65
2
30
3.2
26.5
70
MT2 POSITIVE
(Positive Half Cycle)
MT2 NEGATIVE
(Negative Half Cycle)
MT1
MT2
+ I
GT
REF
QII
MT1
I
GT
GATE
MT2
REF
MT1
MT2
REF
MT1
MT2
REF
QI
QIV
QIII
ALL POLARITIES ARE REFERENCED TO MT1
(
-)
I
GT
GATE
(+)
I
GT -
I
GT
GATE
(
-)
I
GT
GATE
(+)
+
-


Similar Part No. - L6004D8

ManufacturerPart #DatasheetDescription
logo
Littelfuse
L6004D8 LITTELFUSE-L6004D8 Datasheet
170Kb / 8P
   Sensitive Triacs (0.8 A to 8 A)
L6004D8 LITTELFUSE-L6004D8 Datasheet
905Kb / 10P
   4 Amp Sensitive & Standard Triacs
logo
Teccor Electronics
L6004D8 TECCOR-L6004D8 Datasheet
178Kb / 8P
   Electrically-isolated packages
logo
Littelfuse
L6004D8 LITTELFUSE-L6004D8 Datasheet
176Kb / 8P
   Sensitive Triacs
L6004D8 LITTELFUSE-L6004D8 Datasheet
176Kb / 8P
   RoHS Compliant
More results

Similar Description - L6004D8

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GMAC97A6 GTM-GMAC97A6 Datasheet
283Kb / 4P
   SENSITIVE GATE TRIACS SILICON BIDIRECTIONAL THYRISTORS 0.8A ,400V
logo
JIEJIE MICROELECTRONICS...
JST130 JIEJIE-JST130 Datasheet
349Kb / 5P
   0.8A TRIACs
Z00607 JIEJIE-Z00607 Datasheet
353Kb / 4P
   0.8A TRIACs
logo
Unisonic Technologies
Z00607 UTC-Z00607 Datasheet
108Kb / 3P
   0.8A TRIACS
logo
JIEJIE MICROELECTRONICS...
JX008 JIEJIE-JX008 Datasheet
390Kb / 4P
   0.8A SENSITIVE SCRs
JX007 JIEJIE-JX007 Datasheet
242Kb / 4P
   0.8A Sensitive SCRs
BT169 JIEJIE-BT169 Datasheet
394Kb / 4P
   0.8A SENSITIVE SCRs
MCR100-8 JIEJIE-MCR100-8 Datasheet
386Kb / 4P
   0.8A SENSITIVE SCRs
MCR100-6 JIEJIE-MCR100-6 Datasheet
391Kb / 4P
   0.8A SENSITIVE SCRs
logo
Unisonic Technologies
BTA08 UTC-BTA08_15 Datasheet
195Kb / 3P
   8A TRIACS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com