Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPSD3212CV-40T6T Datasheet(PDF) 11 Page - STMicroelectronics

Part # UPSD3212CV-40T6T
Description  Flash Programmable System Devices with 8032 MCU with USB and Programmable Logic
Download  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3212CV-40T6T Datasheet(HTML) 11 Page - STMicroelectronics

Back Button UPSD3212CV-40T6T Datasheet HTML 7Page - STMicroelectronics UPSD3212CV-40T6T Datasheet HTML 8Page - STMicroelectronics UPSD3212CV-40T6T Datasheet HTML 9Page - STMicroelectronics UPSD3212CV-40T6T Datasheet HTML 10Page - STMicroelectronics UPSD3212CV-40T6T Datasheet HTML 11Page - STMicroelectronics UPSD3212CV-40T6T Datasheet HTML 12Page - STMicroelectronics UPSD3212CV-40T6T Datasheet HTML 13Page - STMicroelectronics UPSD3212CV-40T6T Datasheet HTML 14Page - STMicroelectronics UPSD3212CV-40T6T Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 163 page
background image
11/163
uPSD3212A, uPSD3212C, uPSD3212CV
P4.4
PWM1
25
I/O
General I/O port pin
8-bit Pulse Width Modulation
output 1
P4.5
PWM2
23
I/O
General I/O port pin
8-bit Pulse Width Modulation
output 2
P4.6
PWM3
19
I/O
General I/O port pin
8-bit Pulse Width Modulation
output 3
P4.7
PWM4
18
I/O
General I/O port pin
Programmable 8-bit Pulse Width
modulation output 4
USB–
8
I/O
Pull-up resistor required (2k
Ω for 3V
devices, 7.5k
Ω for 5V devices)
VREF
70
O
Reference Voltage input for ADC
RD_
65
O
READ signal, external bus
WR_
62
O
WRITE signal, external bus
PSEN_
63
O
PSEN signal, external bus
ALE
4
O
Address Latch signal, external bus
RESET_
68
I
Active low RESET input
XTAL1
48
I
Oscillator input pin for system clock
XTAL2
49
O
Oscillator output pin for system clock
PA0
35
I/O
General I/O port pin
1.
PLD Macro-cell outputs
2.
PLD inputs
3.
Latched Address Out (A0-
A7)
4.
Peripheral I/O Mode
PA1
34
I/O
General I/O port pin
PA2
32
I/O
General I/O port pin
PA3
28
I/O
General I/O port pin
PA4
26
I/O
General I/O port pin
PA5
24
I/O
General I/O port pin
PA6
22
I/O
General I/O port pin
PA7
21
I/O
General I/O port pin
PB0
80
I/O
General I/O port pin
1.
PLD Macro-cell outputs
2.
PLD inputs
3.
Latched Address Out (A0-
A7)
PB1
78
I/O
General I/O port pin
PB2
76
I/O
General I/O port pin
PB3
74
I/O
General I/O port pin
PB4
73
I/O
General I/O port pin
PB5
72
I/O
General I/O port pin
PB6
67
I/O
General I/O port pin
PB7
66
I/O
General I/O port pin
Port Pin
Signal
Name
Pin No.
In/Out
Function
Basic
Alternate


Similar Part No. - UPSD3212CV-40T6T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UPSD3212CV-40T6T STMICROELECTRONICS-UPSD3212CV-40T6T Datasheet
1Mb / 152P
   Flash Programmable System Devices with 8032 Microcontroller Core and 16Kbit SRAM
More results

Similar Description - UPSD3212CV-40T6T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UPSD3233B-40U6 STMICROELECTRONICS-UPSD3233B-40U6 Datasheet
267Kb / 8P
   8032 MCU with USB and Programmable Logic
UPSD34XX STMICROELECTRONICS-UPSD34XX Datasheet
267Kb / 9P
   Fast Turbo 8032 MCU with USB and Programmable Logic
UPSD3234A STMICROELECTRONICS-UPSD3234A Datasheet
1Mb / 170P
   Flash Programmable System Devices with 8032 Microcontroller Core
UPSD3254A STMICROELECTRONICS-UPSD3254A Datasheet
1Mb / 175P
   Flash Programmable System Devices with 8032 Microcontroller Core
UPSD33XX STMICROELECTRONICS-UPSD33XX Datasheet
3Mb / 231P
   Fast 8032 MCU with Programmable Logic
UPSD3354DV-40U6 STMICROELECTRONICS-UPSD3354DV-40U6 Datasheet
3Mb / 272P
   fast 8032 MCU with programmable logic
UPSD325X STMICROELECTRONICS-UPSD325X Datasheet
1Mb / 176P
   Flash Programmable System Devices with 8032 Microcontroller Core and 256Kbit SRAM
UPSD323X STMICROELECTRONICS-UPSD323X Datasheet
1Mb / 176P
   Flash Programmable System Devices with 8032 Microcontroller Core and 64Kbit SRAM
UPSD3212C STMICROELECTRONICS-UPSD3212C Datasheet
1Mb / 152P
   Flash Programmable System Devices with 8032 Microcontroller Core and 16Kbit SRAM
UPSD3253 STMICROELECTRONICS-UPSD3253 Datasheet
1Mb / 176P
   Flash Programmable System Devices with 8032 Microcontroller Core and 256Kbit SRAM
November 2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com