Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N6426 Datasheet(PDF) 1 Page - ON Semiconductor

Part # 2N6426
Description  Darlington Transistors(NPN Silicon)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N6426 Datasheet(HTML) 1 Page - ON Semiconductor

  2N6426 Datasheet HTML 1Page - ON Semiconductor 2N6426 Datasheet HTML 2Page - ON Semiconductor 2N6426 Datasheet HTML 3Page - ON Semiconductor 2N6426 Datasheet HTML 4Page - ON Semiconductor 2N6426 Datasheet HTML 5Page - ON Semiconductor 2N6426 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Darlington Transistors
NPN Silicon
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector–Emitter Voltage
VCEO
40
Vdc
Collector–Base Voltage
VCBO
40
Vdc
Emitter–Base Voltage
VEBO
12
Vdc
Collector Current — Continuous
IC
500
mAdc
Total Device Dissipation @ TA = 25°C
Derate above 25
°C
PD
625
5.0
mW
mW/
°C
Total Device Dissipation @ TC = 25°C
Derate above 25
°C
PD
1.5
12
Watts
mW/
°C
Operating and Storage Junction
Temperature Range
TJ, Tstg
–55 to +150
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Ambient
RqJA
200
°C/W
Thermal Resistance, Junction to Case
RqJC
83.3
°C/W
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Breakdown Voltage (1)
(IC = 10 mAdc, VBE = 0)
V(BR)CEO
40
Vdc
Collector–Base Breakdown Voltage
(IC = 100 mAdc, IE = 0)
V(BR)CBO
40
Vdc
Emitter–Base Breakdown Voltage
(IE = 10 mAdc, IC = 0)
V(BR)EBO
12
Vdc
Collector Cutoff Current
(VCE = 25 Vdc, IB = 0)
ICES
1.0
mAdc
Collector Cutoff Current
(VCB= 30 Vdc, IE = 0)
ICBO
50
nAdc
Emitter Cutoff Current
(VEB= 10 Vdc, IC = 0)
IEBO
50
nAdc
1. Pulse Test: Pulse Width
v 300 ms; Duty Cycle v 2.0%.
ON Semiconductort
© Semiconductor Components Industries, LLC, 2001
February, 2001 – Rev.1
1
Publication Order Number:
2N6426/D
2N6426
2N6427
*ON Semiconductor Preferred Device
CASE 29–04, STYLE 1
TO–92 (TO–226AA)
*
1
2
3
COLLECTOR 3
BASE
2
EMITTER 1


Similar Part No. - 2N6426

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
2N6426 FAIRCHILD-2N6426 Datasheet
25Kb / 2P
   NPN Darlington Transistor
logo
ON Semiconductor
2N6426 ONSEMI-2N6426 Datasheet
111Kb / 8P
   Darlington Transistors
February, 2001 ??Rev.1
2N6426 ONSEMI-2N6426 Datasheet
79Kb / 6P
   Darlington Transistors NPN Silicon
March, 2007 ??Rev. 3
logo
Fairchild Semiconductor
2N6426 FAIRCHILD-2N6426 Datasheet
297Kb / 7P
   NPN Darlington Transistor
logo
ON Semiconductor
2N6426G ONSEMI-2N6426G Datasheet
79Kb / 6P
   Darlington Transistors NPN Silicon
March, 2007 ??Rev. 3
More results

Similar Description - 2N6426

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BCV27 INFINEON-BCV27 Datasheet
49Kb / 5P
   NPN Silicon Darlington Transistors
Jul-12-2001
logo
Central Semiconductor C...
MPSA28 CENTRAL-MPSA28 Datasheet
540Kb / 3P
   SILICON NPN DARLINGTON TRANSISTORS
logo
Infineon Technologies A...
BSP50-BSP52 INFINEON-BSP50-BSP52 Datasheet
570Kb / 8P
   NPN Silicon Darlington Transistors
2011-10-05
logo
Central Semiconductor C...
BSS50 CENTRAL-BSS50 Datasheet
94Kb / 2P
   NPN SILICON DARLINGTON TRANSISTORS
logo
Infineon Technologies A...
BSP50 INFINEON-BSP50_07 Datasheet
120Kb / 8P
   NPN Silicon Darlington Transistors
2007-03-30
BCV27 INFINEON-BCV27_07 Datasheet
76Kb / 8P
   NPN Silicon Darlington Transistors
2007-04-20
logo
Siemens Semiconductor G...
BD675 SIEMENS-BD675 Datasheet
134Kb / 4P
   NPN SILICON DARLINGTON TRANSISTORS
BD861 SIEMENS-BD861 Datasheet
111Kb / 4P
   NPN SILICON DARLINGTON TRANSISTORS
logo
ON Semiconductor
MPSA12 ONSEMI-MPSA12 Datasheet
48Kb / 3P
   Darlington Transistors NPN Silicon
January, 2006 ??Rev. 1
logo
Infineon Technologies A...
BCV29 INFINEON-BCV29 Datasheet
47Kb / 5P
   NPN Silicon Darlington Transistors
Jul-12-2001
logo
ON Semiconductor
BC618 ONSEMI-BC618 Datasheet
150Kb / 6P
   Darlington Transistors(NPN Silicon)
1996
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com